Part Number Hot Search : 
MAX11 CM1423 FDT461N 2786GT 1000AM 74LVC1 NTD92B MAJ130
Product Description
Full Text Search
 

To Download 44812-0005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/14/2010 please check www.molex.com for latest part information part number: 0448120005 status: active description: 2.54mm (.100") pitch kk? pc board receptacle, top and bottom entry, low profile, 5.0m (200") tin (sn), 5 circuits documents: 3d model product specification ps-44812-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb receptacles series 44812 application board-to-board product name kk? physical circuits (loaded) 5 color - resin black durability (mating cycles max) 25 flammability 94v-0 glow-wire compliant no material - metal high performance alloy (hpa) material - plating mating tin material - plating termination tin material - resin high temperature thermoplastic number of rows 1 orientation vertical pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in, 0.093 in pcb thickness recommended (mm) 1.60 mm, 2.40 mm packaging type tube pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 200 plating min: mating (m) 5 plating min: termination (in) 200 plating min: termination (m) 5 polarized to pcb no surface mount compatible (smc) yes temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 5a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 250 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 44812 series mates with 42153 , 4094 , 42376 , 42375 , 42377 , 42152 , 40 30
material info reference - drawing numbers product specification ps-44812-001 sales drawing sd-44812-001 this document was generated on 04/14/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 44812-0005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X