Part Number Hot Search : 
1SMB13 0022122 A1535A AD7699 1SS123 C7973 TFBS4710 55000
Product Description
Full Text Search
 

To Download 11TL602 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  j snap-acting jC 60 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com tl series door interlock switches features/benefits ? push/pull motion ? multiple mounting configurations ? w ide variety of termination options ? ratings up to 15 amps typical applications ? computer enclosures ? panel builders ? industrial enclosures specifications contact rating: 15 amps @ 125 & 250 v ac; 0.25 amp @ 250 v dc; 0.5 amp @ 125 v dc; 1/2 hp @ 125 & 250 v ac; 3 amps @ 125 v ac ? electrical life: 150,000 cycles at 15 amps @ 250 v ac. insulation resistance: 1,000 m ohm min. dielectric strength: 1,000 v rms min. @ sea level. operating temperature: C7?oto 302? o?5?Ctoo150?). note: specifications and materials listed above ar e for switches with standard options. for information on specific and custom switches, consult customer service center . materials switch housing: thermoplastic or general purpose phenolic (ul 94v-0). mounting bracket: stainless steel. plunger: stainless steel. actua tor button: thermoplastic (ul 94v-0). spring: copper alloy. pivot: brass alloy. movable contact: fine silver. stationary contacts: fine silver. terminals: copper alloy. build-a-switch to order, simply select desired option from each category and place in the appropriate box. available options are shown and described on pages j-61 and j-62. for additional options not shown in catalog, consult customer service center. model 11tl one tm series spdt s witch 12tl one tm series spdt switch 23tl two tm series spdt switches terminations 60 screw 40 .187" quick connect 4a .250" quick connect plunger 2 stainless steel, not tapped 4 stainless steel, tapped
j snap-acting jC1 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com tl series door interlock switches model 12tl with large bracket 11tl with small bracket 12tl602 spdt 11TL602 spdt .265 [6,73] .25 [6,2] 1.300 [33,02] .500 [12,7] .406 [10,31] 1.87 [47,4] .375 max. free pos. [9,53] .203 min. oper. pos. [5,16] .125max depressed pos. [3,18] .812 [20,62] [4,55] .179 .25 [6,4] .218 [5,54] .84 [21,3] .26 [6,6] .21 [5,3] .51 [13] 1.59 [40,4] flexible insulator 6-32 nc thd. (4) stainless steel plunger .51 [13] 1.81 [46] 1.50 [38,1] .75 [19,1] .343 [8,71] .265 [6,73] 1.50 [38,1] .375 max.free pos. [9,53] 1.87 [47,4] .203 min. oper. pos. [5,16] .125 max depressed pos. [3,18] .305 (2) [7,75] .343 [8,71] .25 [6,4] 1.59 [40,3] .21 [5,3] .16 [4] flexible insulator stainless steel plunger 6-32 nc thd. (5) t or que scr ews to 6in lbs max
j snap-acting jC 62 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com tl series door interlock switches model 1.87 [47,4] .203 min. oper. pos. [5,16] .125max depressed pos. [3,18] .375 max. free pos. [9,53] .438 [11,13] .21 [5,3] .812 [20,62] .179 [4,55] .687 [17,45] .219 [5,56] .25 [6,4] 2.09 [53,1] .906 [23,01] 1.81 [46] .14 [3,5] .265 [6,73] .27 [6,9] .51 [13] 1.59 [40,5] flexible insulator stainless steel plunger 6-32 nc thd. (4) plungers terminations 4 stainless steel, tapped 4-40 x .375 (9,52) min. depth 2 stainless steel, not tapped 4a .250" quick connect 40 .187" quick connect 23tl with two switches 60 screw terminals 23tl602 spdt torque screws to 6in lbs max


▲Up To Search▲   

 
Price & Availability of 11TL602

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X