ZA-1193-3 usa jmk inc 15 caldwell dr. amherst, nh 03031 ph: 603 886-4100 fx: 603 886-4115 email: info@jmkfilters.com eur jmk inc glasgow g13 1dn scotland uk ph: 44-(0) 7785310729 fx: 44-(0) 141 589 1884 operating voltage: 60 vdc operating current (max): 3 amperes temperature range (storage): -40 to 85c temperature range (operating): -40 to 70c design specifications: humidity: mil-std-810, 507.3, cycle 5 temperature: mil-std-810, 507.3-1 vibration: mil-std-810, shock: mil-std-810, proc. (5), crash hazard order p/n: ZA-1193-3 the za -1193-3 is an interference filter specifically designed for use in the automotive environment. the filter will attenuate noise frequencies as low as 100 hz and beyond 1.0 ghz. three (3) amps is the normal maximum operating current however fault currents in excess of 10 amps can be handled indefinitely. the 60 volt operating voltage assures you a fault free performance in the most severe automotive electrical noise environments. if you need a different configuration or different electrical specifications contact our engineering department. they will be happy to help you meet requirements in an efficiently and economically.
|