Part Number Hot Search : 
LT349 40FDR12A NB100 DTC11 LTC38 2SA129 MP330 LR123M16
Product Description
Full Text Search
 

To Download UT110N03G-TA3-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd ut110n03 power mosfet www.unisonic.com.tw 1 of 4 copyright ? 2010 unisonic technologies co., ltd qw-r502-367.b n-channel enhancement mode ? description the ut110n03 uses advanced trench technology to provide excellent r ds(on) , low gate charge and operation with low gate voltages. this device is suitable fo r use as a load switch or in pwm applications. ? features * v ds (v)=26v * i d =110a * r ds(on) =4.8m ? @ v gs =10 v * r ds(on) =7.0m ? @ v gs =4.5 v ? symbol 1.gate 3.source 2.drain ? ordering information ordering number pin assignment lead free halogen free package 1 2 3 packing ut110n03l-ta3-t UT110N03G-TA3-T to-220 g d s tube
ut110n03 power mosfet unisonic technologies co., ltd 2 of 4 www.unisonic.com.tw qw-r502-367.b ? absolute maximum ratings (t c =25c, unless otherwise specified) parameter symbol ratings unit drain-source voltage v dss 30 v gate-source voltage v gss 20 v continuous drain current i d 110 a pulsed drain current (note 2) i dm 440 a single pulsed avalanche current (note 3) i as 35 a single pulsed avalanche energy (note 3) e as 875 mj power dissipation p d 100 w junction temperature t j +175 c strong temperature t stg -55 ~ +175 c notes: 1. absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. 2. pulse width limited by maximum junction temperature 3. l = 0.5mh, i as = 35a, v dd = 25v, r g = 25 ? , starting t j = 25c. ? thermal data parameter symbol ratings unit junction to ambient ja 62.5 c/w junction to case jc 1.5 c/w ? electrical characteristics (t j =25c, unless otherwise noted) parameter symbol test conditions min typ max unit off characteristics drain-source breakdown voltage bv dss v gs =0v, i d =250 a 30 v drain-source leakage current i dss v ds =26v,v gs =0 v 1 a gate-source leakage current i gss v ds =0v, v gs =20 v 100 na on characteristics (note1) gate threshold voltage v gs(th) v ds =v gs , i d =250 a 1 3 v v gs =10v, i d =50 a 3.9 4.8 m ? static drain-source on-resistance r ds(on) v gs =4.5v, i d =40 a 5.2 7.0 m ? dynamic parameters (note 2) input capacitance c iss 9500 pf output capacitance c oss 800 pf reverse transfer capacitance c rss v ds =15v, v gs =0v, f=1.0mhz 300 pf switching parameters (note 2) total gate charge q g 50 65 nc gate source charge q gs 20.8 nc gate drain charge q gd v ds =15v, v gs =5v, i d =16a 19 nc turn-on delay time t d(on) 25.7 50 ns turn-on rise time t r 10 20 ns turn-off delay time t d(off) 128 200 ns turn-off fall-time t f v dd =15v, i d =1a, r gen =6 ? v gs =10 v 34 70 ns source- drain diode ratings and characteristics drain-source diode forward voltage v sd i s =20 a,v gs =0 v 1.5 v drain-source diode forward current i s 90 a notes: 1. pulse test: pulse width < 300 s, duty cycle < 2% 2. guaranteed by design, not subject to production testing.
ut110n03 power mosfet unisonic technologies co., ltd 3 of 4 www.unisonic.com.tw qw-r502-367.b ? test circuit and waveform switching time test circuit switching waveforms
ut110n03 power mosfet unisonic technologies co., ltd 4 of 4 www.unisonic.com.tw qw-r502-367.b ? typical characteristics drain current vs. drain-source breakdown voltage 0 drain current, i d (a) drain-source breakdown voltage, bv dss (v) 0 0.2 0 0 50 drain current vs. gate threshold voltage drain current, i d (a) gate threshold voltage, v th (v) 1.0 100 150 200 250 300 50 100 150 200 250 300 1.6 5 10 15 20 25 30 35 0.4 0.6 0.8 1.2 1.4 40 45 1.8 drain current vs. source to drain voltage source to drain voltage, v sd (v) 0 drain current, i d (ma) 0 drain-source on-state resistance characteristics drain current, i d (a) drain to source voltage, v ds (mv) 2 10 100 50 150 v gs =4.5v i d =10a v gs =10v i d =10a 0.2 0 1.0 0.4 0.6 0.8 4 6 8 12 0 2 10 4 6 8 12 14 16 utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior writ ten consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of UT110N03G-TA3-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X