Part Number Hot Search : 
APL5308 SK9839 D1527 MAX663 ML9XX40 298060 87758 APL1582
Product Description
Full Text Search
 

To Download UNR111E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  transistors with built-in resistor 1 publication date: october 2003 sjh00001bed unr111x series (un111x series) silicon pnp epitaxial planar transistor for digital circuits features ? costs can be reduced through downsizing of the equipment and reduction of the number of parts ? m type package allowing easy automatic and manual insertion as well as stand-alone fixing to the printed circuit board. resistance by part number (r 1 )(r 2 ) ? unr1110 (un1110) 47 k ?? ? unr1111 (un1111) 10 k ? 10 k ? ? unr1112 (un1112) 22 k ? 22 k ? ? unr1113 (un1113) 47 k ? 47 k ? ? unr1114 (un1114) 10 k ? 47 k ? ? unr1115 (un1115) 10 k ?? ? unr1116 (un1116) 4.7 k ?? ? unr1117 (un1117) 22 k ?? ? unr1118 (un1118) 0.51 k ? 5.1 k ? ? unr1119 (un1119) 1 k ? 10 k ? ? unr111d (un111d) 47 k ? 10 k ? ? UNR111E (un111e) 47 k ? 22 k ? ? unr111f (un111f) 4.7 k ? 10 k ? ? unr111h (un111h) 2.2 k ? 10 k ? ? unr111l (un111l) 4.7 k ? 4.7 k ? absolute maximum ratings t a = 25 c b r 1 r 2 c e internal connection unit: mm 1: base 2: collector 3: emitter m-a1 package note) the part numbers in the parenthesis show conventional part number. 6.9 0.1 2.5 0.1 (1.0) (1.0) (1.5) (0.85) 0.45 0.05 0.55 0.1 (2.5) (2.5) 21 3 r 0.7 r 0.9 (0.4) 3.5 0.1 4.5 0.1 4.1 0.2 2.4 0.2 1.25 0.05 2.0 0.2 1.0 0.1 (1.5) parameter symbol rating unit collector-base voltage (emitter open) v cbo ? 50 v collector-emitter voltage (base open) v ceo ? 50 v collector current i c ? 100 ma total power dissipation p t 400 mw junction temperature t j 150 c storage temperature t stg ? 55 to + 150 c
2 unr111x series sjh00001bed electrical characteristics t a = 25 c 3 c parameter symbol conditions min typ max unit collector-base voltage (emitter open) v cbo i c = ? 10 a, i e = 0 ? 50 v collector-emitter voltage (base open) v ceo i c = ? 2 ma, i b = 0 ? 50 v collector-base cutoff current (emitter open) i cbo v cb = ? 50 v, i e = 0 ? 0.1 a collector-emitter cutoff current (base open) i ceo v ce = ? 50 v, i b = 0 ? 0.5 a emitter-base unr1111 i ebo v eb = ? 6 v, i c = 0 ? 0.5 ma cutoff current unr1112/1114/111d/111e ? 0.2 (collector open) unr1113 ? 0.1 unr1110/1115/1116/1117 ? 0.01 unr111f/111h ? 1.0 unr1119 ? 1.5 unr1118/111l ? 2.0 forward current unr1111 h fe v ce = ? 10 v, i c = ? 5 ma 35 ? transfer ratio unr1112/111e 60 unr1113/1114 80 unr1110 * /1115 * /1116 * / 160 460 1117 * unr1118/111l 20 unr1119/111d/111f/111h 30 collector-emitter saturation voltage v ce(sat) i c = ? 10 ma, i b = ? 0.3 ma ? 0.25 v output voltage high-level v oh v cc = ? 5 v, v b = ? 0.5 v, r l = 1 k ?? 4.9 v output voltage low-level v ol v cc = ? 5 v, v b = ? 2.5 v, r l = 1 k ?? 0.2 v unr1113 v cc = ? 5 v, v b = ? 3.5 v, r l = 1 k ? unr111d v cc = ? 5 v, v b = ? 10 v, r l = 1 k ? UNR111E v cc = ? 5 v, v b = ? 6 v, r l = 1 k ? transition frequency f t v cb = ? 10 v, i e = 2 ma, f = 200 mhz 80 mhz input resistance unr1111/1114/1115 r 1 ? 30% 10 + 30% k ? unr1112/1117 22 unr1110/1113/111d/111e 47 unr1116/111f/111l 4.7 unr1118 0.51 unr1119 1 unr111h 2.2 resistance ratio unr1111/1112/1113/111l r 1 /r 2 0.8 1.0 1.2 ? unr1114 0.17 0.21 0.25 unr1118/1119 0.08 0.1 0.12 unr111d 4.7 UNR111E 2.14 unr111f 0.47 unr111h 0.17 0.22 0.27 rank q r s h fe 160 to 260 210 to 340 290 to 460 note) 1. measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. 2. * : rank classification (unr1110/1115/1116/1117)
3 unr111x series sjh00001bed i c ? v ce v ce(sat) ? i c h fe ? i c p t ? t a common characteristics chart characteristics charts of unr1110 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 120 ? 100 ? 80 ? 60 ? 40 ? 20 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 100 200 300 400 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ?10 v t a = 75 c 25 c ? 25 c c ob ? v cb i o ? v in v in ? i o 0 100 200 300 400 500 0 40 80 120 160 ambient temperature t a ( c ) total power dissipation p t ( mw ) 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c
4 unr111x series sjh00001bed i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o characteristics charts of unr1111 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 40 ? 120 ? 80 ? 160 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 40 80 120 160 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 10 0 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of unr1112 ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 100 200 300 400 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 40 ? 120 ? 80 ? 160 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma
5 unr111x series sjh00001bed c ob ? v cb i o ? v in v in ? i o i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of unr1113 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 40 ? 120 ? 80 ? 160 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 100 200 300 400 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c c ob ? v cb i o ? v in v in ? i o 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c
6 unr111x series sjh00001bed c ob ? v cb i o ? v in v in ? i o i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of unr1114 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 40 ? 120 ? 80 ? 160 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 100 200 300 400 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 000 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of unr1115 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 40 ? 120 ? 80 ? 160 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 100 200 300 400 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c
7 unr111x series sjh00001bed i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o characteristics charts of unr1116 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 1 0 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25?c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c 0 0 ? 1 2 ? 2 ? 10 ? 4 ? 8 ? 6 ? 40 ? 120 ? 80 ? 160 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 100 200 300 400 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c c ob ? v cb i o ? v in v in ? i o 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c
8 unr111x series sjh00001bed c ob ? v cb i o ? v in v in ? i o i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of unr1117 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 120 ? 100 ? 80 ? 60 ? 40 ? 20 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 100 200 300 400 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of unr1118 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 240 ? 200 ? 160 ? 120 ? 80 ? 40 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.5 ma ? 0.6 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 40 80 120 160 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c
9 unr111x series sjh00001bed i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o characteristics charts of unr1119 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 240 ? 200 ? 160 ? 120 ? 80 ? 40 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.4 ma ? 0.3 ma ? 0.6 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.5 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 40 80 120 160 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c c ob ? v cb i o ? v in v in ? i o 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c
10 unr111x series sjh00001bed c ob ? v cb i o ? v in v in ? i o i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of unr111d 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 60 ? 50 ? 40 ? 30 ? 20 ? 10 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25?c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 40 80 120 160 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 1.5 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 4.0 ? 3.5 ? 3.0 ? 2.5 ? 2.0 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of UNR111E 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 60 ? 50 ? 40 ? 30 ? 20 ? 10 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 100 200 300 400 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c
11 unr111x series sjh00001bed i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o characteristics charts of unr111f ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 240 ? 200 ? 160 ? 120 ? 80 ? 40 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.1 ma ? 0.2 ma ? 0.3 ma ? 0.4 ma ? 0.5 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 1.5 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 4.0 ? 3.5 ? 3.0 ? 2.5 ? 2.0 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c 0 ? 1 40 80 120 160 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c c ob ? v cb i o ? v in v in ? i o 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c
12 unr111x series sjh00001bed c ob ? v cb v in ? i o i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of unr111h 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 120 ? 100 ? 80 ? 60 ? 40 ? 20 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 0.5 ma ? 0.3 ma ? 0.4 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 1 ? 0.1 ? 1 ? 10 ? 100 ? 10 ? 100 ? 1 000 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 0.1 240 200 160 120 80 40 ? 1 ? 10 ? 100 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c 0 ? 1 6 5 4 3 2 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of unr111l 0 0?1 2 ? 2 ?10 ?4 ?8 ?6 ? 240 ? 200 ? 160 ? 120 ? 80 ? 40 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.2 ma ? 0.4 ma ? 0.6 ma ? 0.8 ma ? 0.01 ? 1 ? 0.1 ? 1 ? 10 ? 100 ? 10 ? 100 ? 1 000 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 240 200 160 120 80 40 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c
13 unr111x series sjh00001bed c ob ? v cb v in ? i o 0 ? 1 6 5 4 3 2 1 ? 10 ? 100 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c
request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese government if any of the products or technical information described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. it neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) we are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) the products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are re- quired, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (5) the products and product specifications described in this material are subject to change without notice for modification and/or improvement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (6) when designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physi- cal injury, fire, social damages, for example, by using the products. (7) when using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) this material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. 2003 sep


▲Up To Search▲   

 
Price & Availability of UNR111E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X