Part Number Hot Search : 
P200A 3KP100A M85049 IN74AC 703V6M B2405S 2N3416 BV320A
Product Description
Full Text Search
 

To Download UMW1V101MDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat.8100v 35 2 3 f d p f d 4 1.5 0.45 5 2.0 0.45 6.3 2.5 0.45 8 2.5 0.45 p 0.5 l + 1max. 15 min 4 min f d + 0.5 max. sleeve (p.e.t.) f d (mm) aluminum electrolytic capacitors mw series 5mml, for general audio equipment acoustic series, with 5mm height. adapted to the rohs directive (2002/95/ec). radial lead type type numbering system (example : 25v 10 f) u 1 m 2 w 3 1 4 e 5 1 6 0 7 0 8 m 9 d 10 d 11 configuration capacitance tolerance ( 20%) rated capacitance (10f) rated voltage (25v) series name type f d 4~8 pb-free leadwire pb-free pet sleeve dd configuration specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tan stability at low temperature endurance shelf life marking performance characteristics item 40 ~ +85 c 4 ~ 50v 0.1 ~ 470f 20% at 120hz, 20 c after 2 minutes' application of rated voltage, leakage current is not more than 0.01cv or 3 (a) , whichever is greater. printed with black color letter on gold sleeve. measurement frequency : 120hz capacitance change leakage current after 1000 hours' application of rated voltage at 85 c, capacitors meet the characteristics requirement listed at right. after storing the capacitors under no load at 85 c tor 1000 hours, and after performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they will meet the specified value for endurance characteristics listed above. tan within 20% of initial value 200% or less of initial specified value initial specified value or less rated voltage (v) tan (max.) 4 0.35 6.3 0.24 10 0.20 16 0.16 25 0.14 z 25 c / z+20 c z 40 c / z+20 c rated voltage (v) impedance ratio zt / z20 (max.) 4 7 15 6.3 4 8 10 3 6 16 2 4 25 2 4 mw 35 0.12 50 0.10 measurement frequency : 120hz, temperature : 20 c 50 2 3 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 101 221 331 471 4 5 4 5 5 5 6.3 5 8 5 8 5 28 33 56 96 145 185 0g v 4 4 5 5 5 5 5 6.3 5 8 5 8 5 28 37 45 70 110 170 0j 6.3 5 5 5 5 6.3 5 8 5 8 5 33 41 52 80 135 1a 10 4 5 5 5 6.3 5 6.3 5 8 5 23 37 49 58 92 1c 16 4 5 5 5 6.3 5 6.3 5 8 5 8 5 16 27 42 52 70 110 1e 25 4 5 4 5 5 5 6.3 5 8 5 8 5 15 18 29 46 62 80 1v 35 4 5 4 5 4 5 4 5 4 5 4 5 4 5 5 5 6.3 5 8 5 8 5 case size d l (mm) 1.0 2.0 2.8 4.0 8.4 13 17 20 33 52 71 rated ripple 1h 50 dimensions cap.(f) code rated ripple (marms) at 85 c 120hz please refer to page 21, 22, 23 about the formed or taped product spec. please refer to page 3 for the minimum order quantity. frequency coefficient of rated ripple current coefficient frequency 50 hz 120 hz 300 hz 1 khz 10 khz ~ 0.70 1.00 1.17 1.36 1.50 sw smaller


▲Up To Search▲   

 
Price & Availability of UMW1V101MDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X