Part Number Hot Search : 
N4224 08771 TZX15X 60116 AS3694 XBH15N CY62146 HMC329
Product Description
Full Text Search
 

To Download TRS-9002CG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  optoway TRS-9002CG ********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2006 v1.0 1 TRS-9002CG / trs-9002ctg / trs-9002cfg 5v / 1310 nm / 2.5 gbps rohs compliant optical single-mode transceiver ********************************************************************************************************************************************************************* features l duplex sc single mode transceiver: TRS-9002CG l duplex st single mode transceiver: trs-9002ctg l duplex fc single mode transceiver: trs-9002cfg l sonet oc-48 sr / sdh stm-16 (i-16) compliant l fiber channel 2x/1x sm-lc-l fc-pi compliant l ieee 802.3z gigabit ethernet 1000base-lx compliant l industry standard 1 x 9 footprint l 0 to 70 o c operating : TRS-9002CG l -40 to 85 o c operating : trs-9002cag l single +5 v power supply l rohs compliant l ttl signal detect output l wave solderable and aqueous washable l class 1 laser international safety standard iec 60825 compliant applications l switch to switch interface l high speed interface for file servers l high performance desktops description the TRS-9002CG series single mode transceivers is low power, high performance module for bi-directional serial optical data communications such as sonet oc-48 sr / sdh stm-16 (i-16), gigabit ethernet and 1x/2x fiber channel. this module is designed for single mode fiber and operates at a nominal wavelength of 1310 nm. the transmitter section uses a multiple quantum well laser and is a class 1 laser compliant according to international safety standard iec-60825. the receiver section uses an integrated ingaas detector preamplifier (idp) mounted in an optical header and a limiting post-amplifier ic. a lvpecl logic interface simplifies interface to external circuitry. laser safety this single mode transceiver is a class 1 laser product. it complies with iec 60825 and fda 21 cfr 1040.10 and 1040.11. the transceiver must be operated within the specified temperature and voltage limits. the optical ports of the module shall be terminated with an optical connector or with a dust plug. order information p/no. bit rate (mb/s) sonet /sdh distance (km) wavelength (nm) voltage (v) package temp. ( o c) tx power (dbm) rx sens. (dbm) rohs compliant TRS-9002CG 2488 sr/i-16 2 1310 5 1x9 sc/st/fc 0 to 70 -3 to -9.5 -18 y trs-9002cag 2488 sr/i-16 2 1310 5 1x9 sc/st/fc -40 to 85 -3 to -9.5 -18 y note: trs-xxxxx fg for fc duplex transceiver, trs-xxxxx tg for st duplex transceiver, trs-xxxxx- emg for sc duplex transceiver with extended emi shielding, absolute maximum ratings parameter symbol min max units notes storage temperature tstg -40 85 o c operating temperature topr 0 -40 70 85 o c TRS-9002CG trs-9002cag soldering temperature --- 260 o c 10 seconds on leads only power supply voltage vcc 0 6 v input voltage --- gnd vcc v output current iout 0 30 ma recommended operating conditions parameter symbol min typ max units power supply voltage vcc 4.75 5 5.25 v operating temperature topr 0 -40 70 85 o c / TRS-9002CG o c / trs-9002cag data rate 622 2488 2670 mb/s power supply current icc 180 240 ma
optoway TRS-9002CG *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2006 v1.0 2 transmitter specifications (0 o c < topr < 70 o c, 4.75v < vcc < 5.25v) parameter symbol min typ max units notes optical optical transmit power po -9.5 --- -3 dbm 1 output center wavelength l 1270 1310 1360 nm output spectrum width dl --- --- 3 nm rms ( ) extinction ratio e r 8.2 --- --- db output eye compliant with ieee 802.3z optical rise time t r 150 ps 20% to 80% values optical fall time t f 150 ps 20% to 80% values relative intensity noise rin -120 db/hz electrical data input current C low i il -350 m a data input current C high i ih 350 m a differential input voltage v ih - v il 300 1600 mv data input voltage C low v il - v cc -2.0 -1.58 v 2 data input voltage -- high v ih - v cc -1.1 -0.74 v 2 notes: 1. output power is power coupled into a 9/125 m m single mode fiber. 2. these inputs are compatible with 10k, 10kh and 100k ecl and pecl inputs. receiver specifications (0 o c < topr < 70 o c, 4.75 v < vcc < 5.25v) parameter symbol min typ max units notes optical sensitivity --- --- --- -18 dbm 1 maximum input power pin -3 --- dbm signal detect -- asserted pa --- --- -18 dbm transition: low to high signal detect -- deasserted pd -30 --- --- dbm transition: high to low signal detect -- hysteresis 1.0 --- db wavelength of operation 1260 --- 1600 nm electrical data output voltage C low v ol - v cc -2.0 -1.58 v 2 data output voltage C high v oh - v cc -1.1 -0.74 v 2 signal detect output voltage -- low v sdl 0.5 v signal detect output voltage -- high v sdh 2.0 v notes: 1. minimum sensitivity and saturation levels at ber=1e-10 for a 2 23 -1 prbs. 2. these outputs are compatible with 10k, 10kh and 100k ecl and pecl outputs.
optoway TRS-9002CG *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2006 v1.0 3 connection diagram receiver signal ground 1 (rx gnd) receiver data out 2 (rd+) n/c receiver data out bar 3 (rd - ) signal detect 4 (sd) receiver power supply 5 (rx vcc) top view transmitter power supply 6 (tx vcc) transmitter data in bar 7 (td - ) transmitter data in 8 (td+) n/c transmitter signal ground 9 (tx gnd) pin symbol notes 1 rx gnd directly connect this pin to the receiver ground plane 2 rd+ see recommended circuit schematic 3 rd - see recommended circuit schematic 4 sd active high on this indicates a received optical signal 5 rx vcc +5v dc power for the receiver section 6 tx vcc +5v dc power for the transmitter section 7 td - see recommended circuit schematic 8 td+ see recommended circuit schematic 9 tx gnd directly connect this plan to the trransmitter ground plane recommended circuit schematic 10nf 10uf 10nf 10uf rx gnd 1 2 3 4 5 6 7 8 9 post amp ld driver z=50r z=50r z=50r z=50r tx gnd 1uh 1uh td- td+ tx vcc rx vcc rd- rd+ 0.1uf 0.1uf 100r transceiver sd 100r vcc sd (ttl) r3 r4 r1 r2 pecl pecl for vcc=5v, r1=r2=r3=r4= 330r the split-load terminations for ecl signals need to be located at the input of devices receiving those ecl signals. the power supply filtering is required for good emi performance. use short tracks from the inductor l1/l2 to the module rx vcc and tx vcc. a gnd plane under the module is required for good emi and sensitivity performance.
optoway TRS-9002CG *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2006 v1.0 4 package diagram units in mm 1) sc type with extended shielding tx optical rx optical trs-9002c-emg / trs-9002ac-emg 2) sc type with flat extended shielding tx optical rx optical trs-9002c-em1g / trs-9002ac-em1g
optoway TRS-9002CG *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2006 v1.0 5 3) st type rx optical tx optical trs-9002ctg / trs-9002actg 4) fc type tx optical rx optical 1 3 . 9 5 . 9 7 10.18 34.5max 20.32 0 . 7 5 1 3 . 7 1 0 25.4 2.54*8 20.32 o1.3 12.7 trs-9002cfg / trs-9002acfg note: specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of TRS-9002CG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X