50 seaview blvd. port washington, ny 11050-4618 ph.(516)625-1313 fax(516)625-8845 e-mail: semi@sanrex.com tmg16c60f triac ( isolated type )
} ?} } ?} } ?} } ?} } ?}
} ?}
} ?} } ?}
} ?} } ?} } ?} } ?} 4 p m e f s % j q
} ?}
} 5
} 5 } ( b u f 5 ( 5 maximum ratings tj=25 ? unless otherwise specified symbol item TMG16C40F ratings tmg16c60f unit v drm repetitive peak off-state voltage 400 600 v symbol item conditions ratings 16 unit i t rms r.m.s. on-state current i tsm surge on-state current tc 1 68 ? one cycle, 50hz/60hz, peak, non-repetitive i 2 t i 2 t p gm peak gate power dissipation p g av average gate power dissipation i gm peak gate current v gm peak gate voltage a 155 / 170 a 120 5 a 2 s w 0.5 tj operating junction temperature tstg storage temperature v iso isolation breakdown voltage r.m.s. mass a.c.1 minute 2 w a 10 v 40 u p 125 ? 40 u p 125 ? 1500 2 v g electrical characteristics symbol item conditions ratings min. typ. max. unit i drm reptitive peak off-state current v tm peak on-state voltage v d =v drm , single phase, half wave, tj 1 125 ? i t 1 25a, inst. measurement i gt1 1 2 3 4 gate trigger current i gt1 i gt3 i gt3 v gd non-trigger gate voltage v d 1 6v | r l 1 10 ma v ma 0.2 10 25 2 1.4 30 30 ? 30 1.5 1.5 ? 1.5 3.0 v gt1 1 2 3 4 gate trigger voltage v gt1 v gt3 v gt3 v d 1 6v | r l 1 10 v tj 1 125 ?| v d 1 1 ? 2 v drm dv / dt c critical rate of rise off-state voltage at commutation i h holding current rth j-c thermal impedance tj 1 125 ?| di / dt c 1 8a / ms | v d 1 2 ? 3 v drm junction to case v v / s ma ? / w unit a ul;e76102 m tmg16c40/60f are isolated mold triac suitable for wide range of applications like copier, microwave oven, solid state switch, motor control, light and heater control. ? i t rms 16a ? high surge capability 170a ? full molded isolated type
sanrex 50 seaview blvd. port washington, ny 11050-4618 ph.(516)625-1313 fax(516)625-8845 e-mail: semi@sanrex.com tmg16c60f ( b u f $ i b s b d u f s j t u j d t ( b u f $ v s s f o u n "
( b u f 7 p m u b h f 7 1 f b l ' p s x b s e ( b u f 7 p m u b h f 7 . b y j n v n h b u f 7 p m u b h f u i b u x j m m o p u u s j h h f s b o z v o j u 1 f b l ( b u f $ v s s f o u " 1 f b l ( b u f 1 p x f s 8 ( b u f % j t u s j c v u j p o " w f s b h f ( b u f 1 p x f s } 8 0 o 4 u b u f 7 p m u b h f 0 o 4 u b u f 7 p m u b h f 7 }
}
} } } } }
0 o 4 u b u f $ v s s f o u " )9 ? )9
? 3 . 4 0 o 4 u b u f $ v s s f o u "
0 o 4 u b u f $ v s s f o u w t . b y j n v n 1 p x f s % j t t j q b u j p o 1 p x f s % j t t j q b u j p o 8 1 ? 1 ? 1 ? 1
? 1
? 1
? $ p o e v d u j p o " o h m f { 3 . 4 0 o 4 u b u f $ v s s f o u "
0 o 4 u b u f $ v s s f o u w t " m m p x b c m f $ b t f 5 f n q f s b u v s f " m m p x b c m f $ b t f 5 f n q f s b u v s f ? 1 ? 1 ? 1 ? 1
? 1
? 1
? $ p o e v d u j p o " o h m f {
5 j n f d z d m f t 4 v s h f 0 o 4 u b u f $ v s s f o u 3 b u j o h / p o 3 f q f u j u j w f 4 v s h f 0 o 4 u b u f $ v s s f o u " ) ; ) ; 5 k1 ? t u b s u + v o d u j p o 5 f n q 5 k ?
( b u f u s j h h f s w p m u b h f w t + v o d u j p o u f n q f s b u v s f 7 ( 5 u? 7 ( 5 ? ? 7 ( 5
1 7 ( 5
1 7 ( 5 3 + v o d u j p o 5 f n q 5 k ?
( b u f u s j h h f s d v s s f o u w t + v o d u j p o u f n q f s b u v s f * ( 5 u? * ( 5 ? ? * ( 5
1 * ( 5
1 * ( 5 3
5 j n f u t f d 5 s b o t j f o u 5 i f s n b m * n q f e b o d f 5 s b o t j f o u 5 i f s n b m * n q f e b o d f k d ? 8 + v o d u j p o u p d b t f
|