Part Number Hot Search : 
D4KB1 100GP SMF12 SMF12 DLO7135 2N5046 SC246 431BC
Product Description
Full Text Search
 

To Download SY10EP33VZGTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 precision edge sy10ep33v sy100ep33v micrel, inc. m9999-071906 hbwhelp@micrel.com or (408) 955-1690 clk /clk reset q /q xxz (2) lh lff description guaranteed maximum frequency >4ghz 3.3v and 5v power supply options guaranteed propagation delay <460ps over temperature wide operating temperature range: ?0 c to +85 c available in 8-pin msop and soic packages the sy10/100ep33v is an integrated 4 divider. the v bb pin, an internally generated voltage supply, is available to this device only. for single-ended input conditions, the unused differential input is connected to v bb as a switching reference voltage. v bb may also rebias ac-coupled inputs. when used, decouple v bb to v cc via a 0.01 f capacitor and limit current sourcing or sinking to 0.5ma. when not used, v bb should be left open. the reset pin is asynchronous and is asserted on the rising edge. upon power-up, the internal flip-flops will attain a random state; the reset allows for the synchronous use of multiple ep33s in a system. the 100k series includes internal temperature compensation circuitry. features pin names 5v/3.3v 4ghz, 4 pecl/lvpecl divider pin function clk, /clk ecl clock inputs with internal 75k ? pull-down resistor, default state is low reset ecl asynchronous reset v bb reference voltage output q, /q ecl data outputs rev.: e amendment: /0 issue date: july 2006 precision edge sy10ep33v sy100ep33v truth table (1) notes: 1. f = divide by 4 function. 2. z = low to high transition. ecl pro ecl pro are trademarks of micrel, inc. precision edge is a registered trademarks of micrel, inc.
2 precision edge sy10ep33v sy100ep33v micrel, inc. m9999-071906 hbwhelp@micrel.com or (408) 955-1690 package/ordering information ordering information (1) package operating package lead part number type range marking finish sy10ep33vzc z8-1 commercial hep33v sn-pb sy10ep33vzctr (2) z8-1 commercial hep33v sn-pb sy100ep33vzc z8-1 commercial xep33v sn-pb sy100ep33vzctr (2) z8-1 commercial xep33v sn-pb sy10ep33vkc k8-1 commercial hp33 sn-pb sy10ep33vkctr (2) k8-1 commercial hp33 sn-pb sy100ep33vkc k8-1 commercial xp33 sn-pb sy100ep33vkctr (2) k8-1 commercial xp33 sn-pb sy10ep33vzi z8-1 industrial hep33v sn-pb sy10ep33vzitr (2) z8-1 industrial hep33v sn-pb sy100ep33vzi z8-1 industrial xep33v sn-pb sy100ep33vzitr (2) z8-1 industrial xep33v sn-pb sy10ep33vki k8-1 industrial hp33 sn-pb sy10ep33vkitr (2) k8-1 industrial hp33 sn-pb sy100ep33vki k8-1 industrial xp33 sn-pb sy100ep33vkitr (2) k8-1 industrial xp33 sn-pb sy10ep33vzg (3) z8-1 industrial hep33v with nipdau pb-free bar-line indicator pb-free SY10EP33VZGTR (2, 3) z8-1 industrial hep33v with nipdau pb-free bar-line indicator pb-free sy100ep33vzg (3) z8-1 industrial xep33v with nipdau pb-free bar-line indicator pb-free sy100ep33vzgtr (2, 3) z8-1 industrial xep33v with nipdau pb-free bar-line indicator pb-free sy10ep33vkg (3) k8-1 industrial hp33 with nipdau pb-free bar-line indicator pb-free sy10ep33vkgtr (2, 3) k8-1 industrial hp33 with nipdau pb-free bar-line indicator pb-free sy100ep33vkg (3) k8-1 industrial xp33 with nipdau pb-free bar-line indicator pb-free sy100ep33vkgtr (2, 3) k8-1 industrial xp33 with nipdau pb-free bar-line indicator pb-free notes: 1. contact factory for die availability. dice are guaranteed at t a = 25 c, dc electricals only. 2. tape and reel. 3. pb-free package is recommended for new designs. 1 2 3 45 6 7 8 reset vcc q vee clk vbb /q r /clk ?4 top view (available in msop or soic package)
3 precision edge sy10ep33v sy100ep33v micrel, inc. m9999-071906 hbwhelp@micrel.com or (408) 955-1690 symbol rating value unit v cc power supply voltage (v ee = 0) +6.0 to 0 v v ee power supply voltage (v cc = 0) ?.0 to 0 v v in input voltage (v cc = 0v, v in not more negative than v ee ) ?.0 to 0 v input voltage (v ee = 0v, v in not more positive than v cc ) +6.0 to 0 v i out output current ?ontinuous 50 ma ?urge 100 t a operating temperature range ?0 to +85 c t lead lead temperature +260 c t store storage temperature range ?5 to +150 c ja thermal resistance (junction-to-ambient) soic-8 ?till air 160 c/w ?00lfpm 109 c/w msop-8 ?till air 206 c/w ?00lfpm 155 c/w jc thermal resistance (junction-to-case) soic-8 39 c/w msop-8 39 c/w note: 1. permanent device damage may occur if absolute maximum ratings are exceeded. this is a stress rating only and functional operat ion is not implied at conditions other than those detailed in the operational sections of this data sheet. exposure to absolute maximum ratlng co nditions for extended periods may affect device reliability. absolute maximum ratings (1) t a = ?0 ct a = +25 ct a = +85 c symbol parameter min. typ. max. min. typ. max. min. typ. max. unit i ee power supply current 36 26 36 36 ma v oh output high voltage (3) 2165 2290 2415 2230 2355 2480 2290 2415 2540 mv v ol output low voltage (3) 1365 1490 1615 1430 1555 1680 1490 1615 1740 mv v ih input high voltage 2090 2415 2155 2480 2215 2540 mv (single-ended) v il input low voltage 1365 1690 1430 1755 1490 1815 mv (single-ended) v bb output voltage 1790 1890 1990 1885 1955 2055 1915 2015 2115 mv v ihcmr input high voltage (4) common mode range 2.0 v cc 2.0 v cc 2.0 v cc v (differential) i ih input high current 150 150 150 a i il input low reset, clk 0.5 0.5 0.5 a current /clk ?50 ?50 ?50 notes: 1. 10ep circuits are designed to meet the dc specifications shown in the above table after thermal equilibrium has been establis hed. the circuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained. 2. input and output parameters vary 1:1 with v cc . 3. all loading with 50 ? to v cc ?.0v. 4. the v ihcmr range is referenced to the most positive side of the differential input signal. (10ep) lvpecl dc electrical characteristics (1) v cc = +3.3v 10%; v ee = 0v (2)
4 precision edge sy10ep33v sy100ep33v micrel, inc. m9999-071906 hbwhelp@micrel.com or (408) 955-1690 t a = ?0 ct a = +25 ct a = +85 c symbol parameter min. typ. max. min. typ. max. min. typ. max. unit i ee power supply current 36 26 36 36 ma v oh output high voltage (3) 3865 3990 4115 3930 4055 4180 3990 4115 4240 mv v ol output low voltage (3) 3065 3190 3315 3130 3255 3380 3190 3315 3440 mv v ih input high voltage 3790 4115 3855 4180 3915 4240 mv (single-ended) v il input low voltage 3065 3390 3130 3455 3190 3515 mv (single-ended) v bb output voltage 3490 3590 3690 3555 3655 3755 3615 3715 3815 mv v ihcmr input high voltage (4) common mode range 2.0 v cc 2.0 v cc 2.0 v cc v (differential) i ih input high current 150 150 150 a i il input low reset, clk 0.5 0.5 0.5 a current /clk ?50 ?50 ?50 notes: 1. 10ep circuits are designed to meet the dc specifications shown in the above table after thermal equilibrium has been establis hed. the circuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained. 2. input and output parameters vary 1:1 with v cc . 3. all loading with 50 ? to v cc ?.0v. 4. the v ihcmr range is referenced to the most positive side of the differential input signal. (10ep) pecl dc electrical characteristics (1) v cc = +5.0v 10%; v ee = 0v (2) t a = ?0 ct a = +25 ct a = +85 c symbol parameter min. typ. max. min. typ. max. min. typ. max. unit i ee power supply current 36 26 36 36 ma v oh output high voltage (3) ?135 ?010 ?85 ?070 ?45 ?20 ?010 ?85 ?60 mv v ol output low voltage (3) ?935 ?810 ?685 ?870 ?745 ?620 ?810 ?685 ?560 mv v ih input high voltage ?210 ?85 ?145 ?20 ?085 ?60 mv (single-ended) v il input low voltage ?935 ?610 ?870 ?545 ?810 ?485 mv (single-ended) v bb output voltage ?510 ?410 ?310 ?445 ?345 ?245 ?385 ?285 ?185 mv v ihcmr input high voltage (4) common mode range v ee +2.0 0.0 v ee +2.0 0.0 v ee +2.0 0.0 v (differential) i ih input high current 150 150 150 a i il input low reset, clk 0.5 0.5 0.5 a current /clk ?50 ?50 ?50 notes: 1. 10ep circuits are designed to meet the dc specifications shown in the above table after thermal equilibrium has been establis hed. the circuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained. 2. input and output parameters vary 1:1 with v cc . 3. all loading with 50 ? to v cc ?.0v. 4. v ihcmr (min) varies 1:1 with v ee . the v ihcmr range is referenced to the most positive side of the differential input signal. (10ep) ecl/lvecl dc electrical characteristics (1) v cc = 0v; v ee = ?.3v to ?.0v 10% (2)
5 precision edge sy10ep33v sy100ep33v micrel, inc. m9999-071906 hbwhelp@micrel.com or (408) 955-1690 t a = ?0 ct a = +25 ct a = +85 c symbol parameter min. typ. max. min. typ. max. min. typ. max. unit i ee power supply current 36 30 36 40 ma v oh output high voltage (3) 2155 2280 2405 2155 2280 2405 2155 2280 2405 mv v ol output low voltage (3) 1355 1480 1605 1355 1480 1605 1355 1480 1605 mv v ih input high voltage 2075 2420 2075 2420 2075 2420 mv (single-ended) v il input low voltage 1355 1675 1355 1675 1355 1675 mv (single-ended) v bb output voltage 1775 1875 1975 1775 1875 1975 1775 1875 1975 mv v ihcmr input high voltage (4) common mode range 2.0 v cc 2.0 v cc 2.0 v cc v (differential) i ih input high current 150 150 150 a i il input low reset, clk 0.5 0.5 0.5 a current /clk ?50 ?50 ?50 notes: 1. 100ep circuits are designed to meet the dc specifications shown in the above table after thermal equilibrium has been establi shed. the circuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained. 2. input and output parameters vary 1:1 with v cc . 3. all loading with 50 ? to v cc ?.0v. 4. the v ihcmr range is referenced to the most positive side of the differential input signal. (100ep) lvpecl dc electrical characteristics (1) v cc = +3.3v 10%; v ee = 0v (2) t a = ?0 ct a = +25 ct a = +85 c symbol parameter min. typ. max. min. typ. max. min. typ. max. unit i ee power supply current 36 30 36 40 ma v oh output high voltage (3) 3855 3980 4105 3855 3980 4105 3855 3980 4105 mv v ol output low voltage (3) 3055 3180 3305 3055 3180 3305 3055 3180 3305 mv v ih input high voltage 3775 4120 3775 4120 3775 4120 mv (single-ended) v il input low voltage 3055 3375 3055 3375 3055 3375 mv (single-ended) v bb output voltage 3475 3575 3675 3475 3575 3675 3475 3575 3675 mv v ihcmr input high voltage (4) common mode range 2.0 v cc 2.0 v cc 2.0 v cc v (differential) i ih input high current 150 150 150 a i il input low reset, clk 0.5 0.5 0.5 a current /clk ?50 ?50 ?50 notes: 1. 100ep circuits are designed to meet the dc specifications shown in the above table after thermal equilibrium has been establi shed. the circuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained. 2. input and output parameters vary 1:1 with v cc . 3. all loading with 50 ? to v cc ?.0v. 4. the v ihcmr range is referenced to the most positive side of the differential input signal. (100ep) pecl dc electrical characteristics (1) v cc = +5.0v 10%; v ee = 0v (2)
6 precision edge sy10ep33v sy100ep33v micrel, inc. m9999-071906 hbwhelp@micrel.com or (408) 955-1690 t a = ?0 ct a = +25 ct a = +85 c symbol parameter min. typ. max. min. typ. max. min. typ. max. unit i ee power supply current 36 30 36 40 ma v oh output high voltage (3) ?145 ?020 ?95 ?145 ?020 ?95 ?145 ?020 ?95 mv v ol output low voltage (3) ?945 ?820 ?695 ?945 ?820 ?695 ?945 ?820 ?695 mv v ih input high voltage ?225 ?80 ?225 ?80 ?225 ?80 mv (single-ended) v il input low voltage ?945 ?625 ?945 ?625 ?945 ?625 mv (single-ended) v bb output voltage ?525 ?425 ?325 ?525 ?425 ?325 ?525 ?425 ?325 mv v ihcmr input high voltage (4) common mode range v ee +2.0 0.0 v ee +2.0 0.0 v ee +2.0 0.0 v (differential) i ih input high current 150 150 150 a i il input low reset, clk 0.5 0.5 0.5 a current /clk ?50 ?50 ?50 notes: 1. 100ep circuits are designed to meet the dc specifications shown in the above table after thermal equilibrium has been establi shed. the circuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained. 2. input and output parameters vary 1:1 with v cc . 3. all loading with 50 ? to v cc ?.0v. 4. v ihcmr (min) varies 1:1 with v ee . the v ihcmr range is referenced to the most positive side of the differential input signal. (100ep) ecl/lvecl dc electrical characteristics (1) v cc = 0v; v ee = ?.3v to ?.0v 10% (2) timing diagram q clk t rr reset
7 precision edge sy10ep33v sy100ep33v micrel, inc. m9999-071906 hbwhelp@micrel.com or (408) 955-1690 ac electrical characteristics (1, 2) necl: v cc = 0v, v ee = 3.3v to 5.0v 10%; pecl: v ee = 0v, v cc = +3.3v to +5.0v 10%. t a = ?0 ct a = +25 ct a = +85 c symbol parameter min. typ. max. min. typ. max. min. typ. max. unit f max maximum frequency (3) 4 4 4 ghz t plh propagation delay to output ps t phl clk ? q 300 380 440 300 380 440 320 400 460 (sy10ep33v) reset ? q 300 420 470 290 420 470 320 450 500 (sy100ep33v) reset ? q 310 420 470 310 420 470 320 450 500 t rr set/reset recovery 200 200 100 200 ps t pw minimum pulse width reset 550 550 200 550 ps t jitter cycle-to-cycle rms jitter (3) 0.2 < 1 0.2 < 1 0.2 < 1 ps(rms) v pp input voltage swing 150 800 1200 150 800 1200 150 800 1200 mv (differential) t r output rise/fall times q, /q 90 170 200 100 180 220 120 200 240 ps t f (20% to 80%) notes: 1. measured using a 750mv source, 50% duty cycle clock source. all loading with 50 ? to v cc 2.0v. 2. specifications for packaged product only. 3. f max guaranteed for functionality only. v ol and v oh levels are guaranteed at dc only.
8 precision edge sy10ep33v sy100ep33v micrel, inc. m9999-071906 hbwhelp@micrel.com or (408) 955-1690 8 lead msop (k8-1) rev. 01
9 precision edge sy10ep33v sy100ep33v micrel, inc. m9999-071906 hbwhelp@micrel.com or (408) 955-1690 8 lead soic .150" wide (z8-1) rev. 03 micrel, inc. 2180 fortune drive san jose, ca 95131 usa tel + 1 (408) 944-0800 fax + 1 (408) 474-1000 web http://www.micrel.com the information furnished by micrel in this datasheet is believed to be accurate and reliable. however, no responsibility is as sumed by micrel for its use. micrel reserves the right to change circuitry and specifications at any time without notification to the customer. micrel products are not designed or authorized for use as components in life support appliances, devices or systems where malfu nction of a product can reasonably be expected to result in personal injury. life support devices or systems are devices or systems that (a) are intend ed for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant inj ury to the user. a purchaser s use or sale of micrel products for use in life support appliances, devices or systems is at purchaser s own risk and purchaser agrees to fully indemnify micrel for any damages resulting from such use or sale. ? 2003 micrel, incorporated.


▲Up To Search▲   

 
Price & Availability of SY10EP33VZGTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X