Part Number Hot Search : 
A1004 H100J MSC1550M MAX69 SMAJ24 BLN12 00GM30R BLN12
Product Description
Full Text Search
 

To Download SST3958NL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SST3958NL/u3958nl vishay siliconix new product document number: 72157 s-22527?rev. a, 17-feb-03 www.vishay.com 7-1 monolithic n-channel jfet dual product summary v gs(off) (v) v (br)gss min (v) g fs min (ms) i g max (pa)  v gs1 - v gs2  max (mv) -1.0 to -4.5 -50 1 -50 25 features benefits applications  anti latchup capability  monolithic design  high slew rate  low offset/drift voltage  low gate leakage: 5 pa  low noise: 9 nv ? hz  high cmrr: 100 db  external substrate bias?avoids latchup  tight differential match vs. current  improved op amp speed, settling time accuracy  minimum input error/trimming requirement  insignificant signal loss/error voltage  high system sensitivity  minimum error with large input signal  wideband differential amps  high-speed, temp-compensated, single-ended input amps  high speed comparators  impedance converters description the low cost SST3958NL and u3958nl jfet duals are designed for high-performance differential amplification for a wide range of precision test instrumentation applications. this series features tightly matched specs, low gate leakage for accuracy, and wide dynamic range with i g guaranteed at v dg = 20 v. pins 4 and 8 on the SST3958NL and pin 4 on the u3958nl part numbers enable the substrate to be connected to a positive, external bias (v dd ) to avoid latchup. the u3958nl in the hermetically-sealed to-78 package is available with full military processing. the SST3958NL in the so-8 package provides ease of manufacturing. the symmetrical pinout prevents improper orientation. the SST3958NL is available with tape-and-reel options for compatibility with automatic assembly methods. to-78 g 1 s 1 d 1 g 2 d 2 s 2 1 2 3 7 6 4 5 case, substrate to-78 top view u3958nl g 1 s 1 d 1 g 2 d 2 s 2 1 2 3 7 6 4 5 case, substrate s 1 substrate d 1 g 2 g 1 d 2 substrate s 2 narrow body soic 5 6 7 8 2 3 4 1 top view marking codes: SST3958NL - 3958nl absolute maximum ratings gate-drain, gate-source voltage -50 v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . gate current 50 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . lead tempe rature ( 1 / 16 ? from case for 10 sec.) 300  c . . . . . . . . . . . . . . . . . . storage temperature -65 to 200  c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . operating junction t emperature -55 to 150  c . . . . . . . . . . . . . . . . . . . . . . . . . . power dissipation : per side a 250 mw . . . . . . . . . . . . . . . . . . . . . . . . total b 500 mw . . . . . . . . . . . . . . . . . . . . . . . . . . . notes a. derate 2 mw/  c above 85  c b. derate 4 mw/  c above 85  c
SST3958NL/u3958nl vishay siliconix new product www.vishay.com 7-2 document number: 72157 s-22527?rev. a, 17-feb-03 specifications (t a = 25  c unless otherwise noted) limits parameter symbol test conditions min typ a max unit static gate-source breakdown voltage v (br)gss i g = -1  a, v ds = 0 v -50 -57 v gate-source cutoff voltage v gs(off) v ds = 20 v, i d = 1 na -1.0 -3 -4.5 v saturation drain current b i dss v ds = 20 v, v gs = 0 v 0.5 5 8 ma gate reverse current i gss v gs = -30 v, v ds = 0 v -10 -100 pa gate reverse current i gss t a = 150  c -20 -500 na gate operating current i g v dg = 20 v, i d = 200  a -5 -50 pa gate operating current i g t a =125  c -0.8 -250 na gate source voltage v gs v dg = 20 v, i d = 200  a -0.5 -2.5 -4 gate-source v oltage v gs i d = 50  a -4.2 v gate-source forward voltage v gs(f) i g = 1 ma, v ds = 0 v 2 dynamic common-source forward t ransconductance g fs v ds = 20 v, v gs = 0 v f = 1 khz 1 3.0 3.6 ms common-source output conductance g os f = 1 kh z 8 35  s common-source input capacitance c iss v ds = 20 v v gs = 0 v 3 4 common-source reverse transfer capacitance c rss v ds = 20 v, v gs = 0 v f = 1 mhz 1 1.2 pf drain-gate capacitance c dg v dg = 10 v, i s = 0 , f = 1 mhz 1.5 equivalent input noise voltage e n v ds = 20 v, v gs = 0 v, f = 1 khz 11 nv ? hz noise figure nf v ds = 20 v, v gs = 0 v f = 100 hz, r g = 10 m  0.5 db matching differential gate-source voltage | v gs1 ?v gs2 | v dg = 20 v, i d = 200  a 15 25 mv gate-source voltage differential change with temperature  | v gs1 ?v gs2 |  t v dg = 20 v, i d = 200  a t a = - 55 to 125  c 20 100  v/  c saturation drain current ratio i dss1 i dss2 v ds = 20 v, v gs = 0 v 0.85 0.97 1 transconductance ratio g fs1 g fs2 v d s = 20 v, i d = 200  a 0.85 0.97 1 differential output conductance | g os1 ?g os2 | v ds = 20 v , i d = 200  a f = 1 khz 0.1  s differential gate current | i g1 ?i g2 | v dg = 20 v, i d = 200  a t a = 125  c 0.1 10 na common mode rejection ratio cmrr v dg = 10 to 20 v, i d = 200  a 100 db notes a. typical values are for design aid only, not guaranteed nor subject to production testing. nqp b. pulse test: pw  300  s duty cycle  3%.
SST3958NL/u3958nl vishay siliconix new product document number: 72157 s-22527?rev. a, 17-feb-03 www.vishay.com 7-3 typical characteristics (t a = 25  c unless otherwise noted) 5 0-5 -4 -3 -2 -1 4 2 1 0 030 20 10 40 50 3 2.6 2.2 1 3 drain current and transconductance vs. gate-source cutoff voltage gate leakage current v gs(off) - gate-source cutoff voltage (v) v dg - drain-gate voltage (v) - gate leakage i g 0.1 pa 10 pa 1 pa i dss @ v ds = 15 v, v gs = 0 v g fs @ v dg = 15 v, v gs = 0 v f = 1 khz g fs i dss i gss @ 125  c i gss @ 25  c t a = 125  c t a = 25  c 200  a 100 pa 1 na 10 na 100 na 5 01216 8 420 4 3 2 1 0 output characteristics output characteristics v ds - drain-source voltage (v) v ds - drain-source voltage (v) - drain current (ma) i d - drain current (ma) i d -0.2 v -0.4 v -0.6 v -0.3 v -0.8 v -1.0 v -1.2 v -1.4 v v gs(off) = -2 v v gs = 0 v 5 4 3 2 1 0 v gs = 0 v v gs(off) = -3 v 2 0 0.6 0.8 0.4 0.2 1 1.6 1.2 0.8 0.4 0 output characteristics output characteristics v ds - drain-source voltage (v) v ds - drain-source voltage (v) - drain current (ma) i d - drain current (ma) i d v gs(off) = -2 v v gs = 0 v 2.5 2.0 1.5 1.0 0.5 0 0 0.6 0.8 0.4 0.2 1 v gs = 0 v v gs(off) = -3 v -0.3 v -0.9 v -0.6 v -2.1 v -1.5 v -1.2 v -2.4 v -1.8 v 1.8 1.4 i g @ i d = 200  a 50  a -0.2 v -0.4 v -0.6 v -0.8 v -1.0 v -1.2 v -1.4 v -1.6 v 01216 8 420 50  a -0.9 v -0.6 v -2.1 v -1.5 v -1.2 v -1.8 v -2.4 v i dss - saturation drain current (ma) g fs - forward transconductance (ms)
SST3958NL/u3958nl vishay siliconix new product www.vishay.com 7-4 document number: 72157 s-22527?rev. a, 17-feb-03 typical characteristics (t a = 25  c unless otherwise noted) 0.01 0.1 1 10 1 0 -1.5 -1.0 -0.5 -2.0 -2.5 4 3 2 1 0 0.01 0.1 1 130 120 80 110 100 90 0.01 0.1 1 100 10 1 100 5 0.1 1 0.01 100 80 60 40 20 0 transfer characteristics gate-source differential voltage vs. drain current voltage differential with temperature vs. drain current common mode rejection ratio vs. drain current cmrr (db) a v - voltage gain v gs - gate-source voltage (v) i d - drain current (ma) i d - drain current (ma) i d - drain current (ma) i d - drain current (ma) t a = -55  c 125  c v gs(off) = -2 v v dg = 20 v v dg = 20 v t a = 25  c 5 - 10 v v gs(off) = -3 v - drain current (ma) i d circuit voltage gain vs. drain current on-resistance vs. drain current i d - drain current (ma) 0.01 0.1 1 1 k 800 600 400 200 0 v gs(off) = -2 v a v  g fs r l 1  r l g os r l  10 v i d assume v dd = 15 v, v ds = 5 v v ds = 20 v -2 v -3 v 25  c  v dg = 10 - 20 v (mv) v gs1 v gs2 - v/  c () t    v gs1 v gs2 - v gs1 v gs2 -  v dg cmrr = 20 log  r ds(on) - drain-source on-resistance ( ? )  t a = 25 to 125  c  t a = - 55 to 25  c
SST3958NL/u3958nl vishay siliconix new product document number: 72157 s-22527?rev. a, 17-feb-03 www.vishay.com 7-5 typical characteristics (t a = 25  c unless otherwise noted) 10 100 1 k 100 k 10 k 10 0 -12 -16 -20 -8 -4 8 6 4 2 0 v gs - gate-source voltage (v) common-source input capacitance vs. gate-source voltage - input capacitance (pf) c iss v ds = 0 v 5 v 20 v f = 1 mhz 5 0 -12 -20 -16 -8 -4 4 3 2 1 0 common-source reverse feedback capacitance vs. gate-source voltage - reverse feedback capacitance (pf) c rss v gs - gate-source voltage (v) v ds = 0 v 5 v 15 v f = 1 mhz 16 12 8 4 0 20 equivalent input noise voltage vs. frequency f - frequency (hz) v ds = 20 v i d @ 200 ma v gs = 0 v 2.5 2.0 1.5 1.0 0.5 0 0.01 0.1 1 output conductance vs. drain current i d - drain current (ma) t a = -55  c 125  c 0.01 0.1 1 2.5 2.0 1.5 1.0 0.5 0 common-source forward transconductance vs. drain current i d - drain current (ma) t a = -55  c 125  c 1 k 0 -3 -5 -4 -2 -1 800 600 400 200 0 10 8 6 4 2 on-resistance and output conductance vs. gate-source cutoff voltage v gs(off) - gate-source cutoff voltage (v) r ds @ i d = 100  a, v gs = 0 v g os @ v ds = 20 v, v gs = 0 v, f = 1 khz r ds g os 25  c 25  c v gs(off) = -2 v v ds = 20 v f = 1 khz v gs(off) = -2 v v ds = 20 v f = 1 khz 15 v 20 v s) g os - output conductance (  0 e n - noise voltage nv / hz g os - output conductance ( s) r ds(on) - drain-source on-resistance ( ? ) g fs - forward transconductance (ms)


▲Up To Search▲   

 
Price & Availability of SST3958NL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X