Part Number Hot Search : 
00A12 C4696 8ALCB FE5020 TS1035 11N60C 2HHXX EL6836CL
Product Description
Full Text Search
 

To Download SP20100R10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features mechanical data units v maximum ratings and electrical chara cteristics rating 25 c ambient temperature unless otherwise specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage working peak reverse voltage maximum dc blocking voltage maximum average forward rectified current see fig. 1 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage (i = 10 amps,t = 25 c) maximum dc reverse current ta=25 c at rated dc blocking voltage t a=125 c typical junction capacitance (note1) 20 0.3 5 v v a a v ma ma pf typical thermal resistance r jc (note 2) - 5 0 +1 50 -65 +1 50 notes: 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. 2 . t h e r m a l r e s i s t a n c e junction to case. operating storage temperature range t stg temperature range t j c c c sp201 0 0r 1 0 0 1 0 0 1 0 0 15 0 f a a maximum instantaneous forward voltage (i = 10 amps,t = 125 c) f 5 8 0 0. 69 0. 85 * low forward voltage drop * high current capability * high reliability * high surge current capability * epitaxial construction * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: lead solderable per mil-std-202, method 208 guaranteed * polarity: as marked * mounting position: any * weight: 2.24 grams(approximately) any changing of specification will not be informed individua l s p 2 0 10 0 r v o l t a g e 10 0 v 20.0amp schottky barrier rectifiers 5 .0 /w http://www.secosgmbh.com elektronische bauelemente 14-sep - 2 010 rev. d page 1 of 2 ~ ~ q 2.8 0.3 4.5 0.2 0.5 0.2 2.6 0.2 2.54 13min 0.2 3.7 0.2 0.7 0.2 2.54 0.2 1.3 0.2 2.7 0.2 15 0.3 10 0.5 3.2 0.2 0.1 pin 1 pin 3 pin 2 case it o- 220 di m ens i o n s i n m i l l i m e t e rs rohs compliant product a suffix of "-c" specifies halogen & lead-free 3. pulse test : pulse width = 300us, duty cycle <= 2.0%.
a n y changin g o f sp eci f ication w ill n ot b e i nfor med in d ivi d u a l h ttp: //www.sec osgm b h. com elektronische bauelemente 14 - s e p -201 0 re v. d p age 2 o f 2 rating and characteristic curves junction capacitance (pf) revise voltage (%) typical junction capacitance 0 200 400 600 800 0.1 1 10 100 maximum non- repetitive forward surge current number of cycles at 60hz peak forwad surge current (a) 0 40 80 120 160 200 0 10 100 8.3ms single half sine wave jedec method tj=25 0.4 0.1 1 10 100 instantaneous forward current (a) forward voltage (v) typical forward characteristic 0.5 0.6 0.7 0.8 0.9 1.0 25 125 75 75 0.01 0.1 1 10 100 90 30 50 70 110 10 reverse voltage(v) typical reverse characteristic rev ers e curren t(ua) 100 25 50 125 sp20100r v olt a ge 10 0 v 20.0amp schottky barrier rectifiers leg typical forward current derating curve 8 (a); per leg typical forward current derating curve 6 7 8 d current (a); per leg typical forward current derating curve 6 5 7 8 forward current (a); per leg typical forward current derating curve 4 6 3 5 7 8 e rage forward current (a); per leg typical forward current derating curve 4 6 2 3 5 7 8 a verage forward current (a); per leg typical forward current derating curve 1 4 6 31 61 211 261 2:1 2 3 5 7 8 tc, case temperature ( w) a verage forward current (a); per leg typical forward current derating curve 1 4 6 31 61 211 261 2:1 2 3 5 7 8


▲Up To Search▲   

 
Price & Availability of SP20100R10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X