Part Number Hot Search : 
FE0202 295505 100AE ST3485EC 1N4733 DTC143EM 16001 SC965460
Product Description
Full Text Search
 

To Download RQ-12510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  .. specification model rq-125b rq-125c rq-125d dc voltage rated current output voltage adj. range setup, rise time hold up time (typ.) voltage range frequency range efficiency (typ.) ac current (typ.) input inrush current (typ.) leakage current safety standards harmonic current ems immunity working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing overload over voltage 5v 12v ch2 ch2 ch2 -5v ch3 ch3 ch3 5v 15v -5v 12v -15v 24v 5v -12v -12v ch4 ch4 ch4 11a 4.5a 1a 10a 4a 1a 2.5a 0.5a 2a 8a 0.5a 0.5a 2 ~ 12a 0.5 ~ 4.5a 0.1 ~ 1a 2 ~ 12a 0.5 ~ 4a 0.1 ~ 1a 0.5 ~ 4a 0 ~ 1a 0.1 ~ 2.5a 2 ~ 12a 0 ~ 1a 0 ~ 1a 120w 122.5w 124w 80mvp-p 120mvp-p 80mvp-p 80mvp-p 120mvp-p 80mvp-p 120mvp-p 80mvp-p 150mvp-p 80mvp-p 80mvp-p 80mvp-p ch1: 4.75 ~ 5.5v ch1: 4.75 ~ 5.5v ch1: 4.75 ~ 5.5v 2.0% +8,-3% +6,-10% 2.0% +8,-3% +6,-10% +8,-3% 8.0% 5.0% 2.0% 5.0% 5.0% 0.5% 1.0% 1.0% 0.5% 1.0% 1.0% 1.0% 1.0% 1.0% 0.5% 1.0% 1.0% 1.0% 3.0% 6.0% 1.0% 3.0% 6.0% 3.0% 2.0% 5.0% 1.0% 2.0% 2.0% 500ms, 20ms/230vac 1200ms, 30ms/115vac at full load 25ms/230vac 30ms/115vac at full load 47 ~ 63hz 79% 82% 80% ch1: 5.75 ~ 6.75v 3a/115vac 2a/230vac cold start 40a/230vac <2ma / 240vac 110 ~ 150% rated output power protection type : hiccup mode, recovers automatically after fault con dition is removed ul60950-1, tuv en60950-1 approved compliance to en55022 (cispr22) class b compliance to en61000-3-2,-3 -25 ~ +70 (refer to output load derating curve) 20 ~ 90% rh non-condensing -40 ~ +85 , 10 ~ 95% rh 0.03%/ (0 ~ 50 )on +5v output 10 ~ 500hz, 5g 10min./1cycle, period for 60min. each along x, y, z axes 203.1khrs min. mil-hdbk-217f (25 ) 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. line regulation is measured from low line to high line at rated load. 5. load regulation is measured from 20% to 100% rated load, and other output at 6 0% rated load. 6. each output can work within current range. but total output power can't ex ceed rated output power. 7. the power supply is considered a component which will be installed into a fi nal equipment. the final equipment must be re-confirmed that it still mee ts emc directives. 8. length of set up time is measured at cold first start. turning on/off the powe r supply very quickly may lead to increase of the set up time. for guidance on how to perform these emc tests, please refer to ?emi testing of c omponent power supplies.? (as available on http://www.meanwell.com) protection type : hiccup mode, recovers automatically after fault co ndition is removed 199*98*38mm (l*w*h) compliance to en61000-4-2,3,4,5,6,8,11; env50204, en61000-6 -2 (en50082-2), heavy industry level, criteria a 125w quad output switching power supply r q - 1 2 5 s e r i e s withstand voltage isolation resistance i/p-o/p:3kvac i/p-fg:1.5kvac o/p-fg:0.5kvac i/p-o/p, i/p-fg, o/p-fg:100m ohms / 500vdc / 25 / 70% rh current range note.6 rated power note.6 ripple & noise (max.) note.2 voltage tolerance note.3 line regulation note.4 load regulation note.5 environment protection emi conduction & radiation safety & emc (note 7) 88 ~ 132vac / 176 ~ 264vac selected by switch 248 ~ 373vdc (withstand 300vac surge for 5sec. without damage) 0.7kg; 20pcs/14kg/0.8cuft protections: short circuit / overload / over voltage cooling by free air convection led indicator for power on 100% full load burn-in test all using 105 withstand 300vac surge input for 5 second high operating temperature up to 70 withstand 5g vibration test high efficiency, long life and high reliability 3 years warranty long life electrolytic capacitors features : ch1 ch1 ch1 output number file name:rq-125-spec 2010-10-18
mechanical specification static characteristics case no. 902 unit:mm input voltage (vac) 60hz 88 176 100 200 95 190 120 240 115 230 132 264 load (%) ta=25 ambient temperature ( ) load (%) -25 -25 00 10 20 30 40 50 60 70 20 40 60 80 100 (vertical) (horizontal) derating curve block diagram fosc : 60khz circuit detection o.l.p. emi filter rectifiers & filter power switching filter filter filter filter & & & & rectifiers rectifiers rectifiers rectifiers +v1 +v2 +v3 +v4 com i/p fg control o.v.p. 3.5 9 9 197 7 6.5 190 22 157 4.5 120 199 57.5 80 85.5 98 3.5 4-m3 3.5 18 9.5 18 3-m3 3.5 28.5 38 terminal pin no. assignment pin no. pin no. 1 5 2 6 3 7 8 4 assignment assignment fg ac/l ac/n dc output com dc output +v1 dc output -v4 dc output +v2 dc output v3 8 7 6 5 4 3 8.25 2 1 7 file name:rq-125-spec 2010-10-18 125w quad output switching power supply r q - 1 2 5 s e r i e s


▲Up To Search▲   

 
Price & Availability of RQ-12510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X