Part Number Hot Search : 
LTC1690C 732B043 SY5802 5A222 IIRF2805 NTE2302 B1116A T7001335
Product Description
Full Text Search
 

To Download RP103N151D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rp103x series low noise 150ma ldo regulator no.ea-149-070720 1 outline the rp103x series are cmos-based voltage regulator ics with high output voltage accuracy, extremely low supply current, low on-resistance, and high ripple rejecti on. each of these ics consists of a voltage reference unit, an error amplifier, resistor-net for voltage setti ng, a current limit circuit, and a chip enable circuit. these ics perform with low dropout voltage and a chip enable function. the line transient response and load transient response of the rp103x series are excellent, thus these ics are ve ry suitable for the power supply for hand-held communication equipment. the output voltage of these ics is fixed with high accu racy. since the packages for these ics are plp1010-4, sot23-5, sc82-ab, therefore high density mounting of the ics on boards is possible. features ? supply current .............................................................typ. 36 a ? standby mode ..............................................................typ. 0.1 a ? dropout voltage ............................................................typ. 0.21v (i out = 150ma, v out = 2.8v) ? ripple rejection ...........................................................typ. 75db (f = 1khz) ? temperature-drift coefficient of output voltage ..........typ. 30ppm/ c ? line regulat ion ............................................................typ. 0.02%/v ? output voltage accuracy.............................................. 1.0% ? packages......................................................................plp 1010-4, sot-23-5, sc-82ab ? input voltage range .....................................................1.7v to 5.25v ? output voltage..............................................................1.2v, 1.3v, 1.5v, 1.8v, 1.85v, 1.9v, 2.0v, 2.3v, 2. 5v 2.6v, 2.7v, 2.8v, 2.85v, 2.9v, 3.0v, 3.1v, 3.3v ? built-in fold back protecti on circuit .............................typ. 40ma (c urrent at short mode) ? ceramic capacitors are recommend ed to be used with this ic .... 0.47 f or more applications ? power source for portable communication equipment. ? power source for electrical appliances such as cameras, vcrs and camcorders. ? power source for battery-powered equipment. ? power source for home appliances.
rp103x 2 block diagrams rp103xxx1b rp103xxx1d v dd gnd v out ce vref current limit v dd gnd v out ce vref current limit selection guide the output voltage, auto discharge function*, and the t aping type for the ics can be selected at the user?s request. the selection can be made with designating the part number as shown below; rp103xxx 1x-xx -x part number a b c d e code contents a designation of package type: k: plp1010-4 n: sot-23-5 q: sc-82ab b setting output voltage (v out ): the following 16 kinds of voltage are standard. 1.2v, 1.3v, 1.5v, 1.8v, 1.85v, 1.9v, 2.0v, 2.3v, 2.5v, 2.6v, 2.7v, 2.8v, 2.85v, 2.9v, 3.0v, 3.1v, 3.3v exceptions:1.85v = rp103x181x5-xx-x, 2.85v = rp103x281x5-xx-x c designation of mask option b: active high, without auto di scharge function* at off state. d: active high, with auto discharge function* at off state. d designation of taping type: ex. tr (refer to taping specifications ; tr type is the standard direction.) e designation of composition of pin plating: -f: lead free plating (sot-23-5, sc-82ab) none: au plating (plp1010-4) *) when the mode is into standby with ce signal, auto discharge transistor turns on, and it makes the turn-off speed faster than normal type.
rp103x 3 pin configurations ? plp1010-4 top view 2 1 3 4 bottom view 1 2 4 3 ? sot-23-5 ? sc-82ab 1 4 5 23 (mark side) 12 3 4 (mark side) pin descriptions ? plp1010-4 ? sot-23-5 pin no. symbol description pin no. symbol description 1 v out output pin 1 v dd input pin 2 gnd ground pin 2 gnd ground pin 3 ce chip enable pin ("h" active) 3 ce chip enable pin ("h" active) 4 v dd input pin 4 nc no connection 5 v out output pin ? ) tab in the parts have gnd level. (they are connected to the back side of this ic.) do not connect to other wires or land patterns. ? sc-82ab pin no. symbol description 1 ce chip enable pin ("h" active) 2 gnd ground pin 3 v out output pin 4 v dd input pin
rp103x 4 absolute maximum ratings symbol item rating unit v in input voltage 6.0 v v ce input voltage (ce pin) 6.0 v v out output voltage ? 0.3 to v in + 0.3 v i out output current 180 ma power dissipation* (plp1010-4) 400 power dissipation* (sot-23-5) 420 p d power dissipation* (sc-82ab) 380 mw t opt operating temperature range ? 40 to 85 c t stg storage temperature range ? 55 to 125 c *) for power dissipation, please refer to package information to be described.
rp103x 5 electrical characteristics ? rp103xxx1b/d v in = set v out + 1v for v out options greater than 1.5v. v in = 2.5v for v out < = = 1ma, c in = c out = 0.47 f, unless otherwise noted. values indicate -40c < = ta < = 85c, unless otherwise noted. top t = 25 c symbol item conditions min. typ. max. unit v out > 2.0v 0.99 1.01 v topt = 25 c v out < = ? 20 + 20 mv v out > 2.0v 0.985 1.015 v v out output voltage -40 c < = < = c v out < = ? 30 + 30 mv i out output current 150 ma ? v out / ? i out load regulation 1ma < = < = < = < = < = < = < = = 150ma 2.8v < = < = i ss supply current i out = 0ma 36 50 a i standby supply current (standby) v ce = 0v 0.1 1.0 a ? v out / ? v in line regulation set v out + 0.5v < = < = = 1khz, ripple 0.2vp-p v in = set v out + 1v, i out = 30ma (in case that v out < = = 3.0v) 75 db v in input voltage* 1.7 5.25 v ? v out / ? t opt output voltage temperature coefficient ? 40 c < = < = c 30 ppm / c i lim short current limit v out = 0v 40 ma i pd ce pull-down current 0.3 a v ceh ce input voltage "h" 1.5 v v cel ce input voltage "l" 0.3 v en output noise bw = 10hz to 100khz i out = 30ma 60 vrms r low low output nch tr. on resistance (of d version) v in = 4.0v v ce = 0v 30 ? *) when input voltage is 5.5v, the total operational time must be within 500hrs.
rp103x 6 typical application c1 rp103x series v dd v out ce gnd c2 v out (external components) c2 0.47 f murata: grm155b30j474ke18b technical notes when using these ics, consider the following points: phase compensation in these ics, phase compensation is made for securing stable operation even if the load current is varied. for this purpose, use a capacitor c2 with good frequency ch aracteristics and esr (equivalent series resistance). (note: if additional ceramic capacitors are connected with parallel to the output pin with an output capacitor for phase compensation, the operation might be unstable. becaus e of this, test these ics with as same external components as ones to be used on the pcb.) pcb layout make v dd and gnd lines sufficient. if their impedance is hi gh, noise pickup or unstable operation may result. connect a capacitor c1 with a capacitance value as much as 0.47 f or more between v dd and gnd pin, and as close as possible to the pins. set external components, especially the output capacitor c2, as close as possible to the ics, and make wiring as short as possible.
rp103x 7 test circuits c1 rp103x series v dd v out ce gnd v c2 v out i out c1=ceramic 0.47 f c2=ceramic 0.47 f basic test circuit c1 rp103x series v dd v out ce gnd c2 a i ss c1=ceramic 0.47 f c2=ceramic 0.47 f v out test circuit for supply current rp103x series v dd v out ce gnd c2 pulse generator i out c2=ceramic 0.47 f p. g. test circuit for ripple rejection
rp103x 8 c1 rp103x series v dd v out ce gnd c2 i outa i outb c1=ceramic 0.47 f c2=ceramic 0.47 f v out test circuit for load transient response
rp103x 9 typical characteristics 1) output voltage vs. output current (c1 = 0.47 f, c2 = 0.47 f, topt = 25 c) rp103x121x rp103x251x v in= 2.2v v in= 3.6v v in= 4.2v v in= 5.0v v in= 5.5v 0 400 200 300 100 500 output current i out (ma) output voltage v out (v) 0 1.4 1.0 0.8 0.6 1.2 0.4 0.2 v in= 3.5v v in= 4.2v v in= 5.0v v in= 5.5v 0 400 200 300 100 500 output current i out (ma) output voltage v out (v) 0 3.0 2.5 2.0 1.5 1.0 0.5 rp103x331x v in= 4.3v v in= 5.0v v in= 5.5v 0 400 200 300 100 500 output current i out (ma) output voltage v out (v) 0 3.5 2.5 2.0 1.5 3.0 1.0 0.5 2) output voltage vs. input voltage (c1 = 0.47 f, c2 = 0.47 f, topt = 25 c) rp103x121x rp103x251x i out =1ma i out =30ma i out =50ma 04 3 2 15 input voltage v in (v) output voltage v out (v) 0 1.4 1.0 0.8 0.6 1.2 0.4 0.2 i out =1ma i out =30ma i out =50ma 04 3 2 15 input voltage v in (v) output voltage v out (v) 0 2.8 2.0 1.6 1.2 2.4 0.8 0.4
rp103x 10 rp103x331x i out =1ma i out =30ma i out =50ma 04 3 2 15 input voltage v in (v) output voltage v out (v) 0 3.5 2.5 2.0 1.5 3.0 1.0 0.5 3) supply current vs. input voltage (c1 = 0.47 f, c2 = 0.47 f, topt = 25 c) rp103x121x rp103x251x 04 3 2 15 input voltage v in (v) supply current i ss ( a) 0 50 40 30 20 10 04 3 2 15 input voltage v in (v) supply current i ss ( a) 0 50 40 30 20 10 rp103x331x 04 3 2 15 input voltage v in (v) supply current i ss ( a) 0 50 40 30 20 10
rp103x 11 4) output voltage vs. temperature (c1 = 0.47 f, c2 = 0.47 f, i out = 1ma) rp103x121x rp103x251x 1.15 1.25 1.21 1.20 1.23 1.22 1.24 1.16 1.17 1.18 1.19 -40 75 50 025 -25 85 temperature topt ( c) v in =2.2v output voltage v out (v) 2.45 2.55 2.51 2.50 2.53 2.52 2.54 2.46 2.47 2.48 2.49 -40 75 50 025 -25 85 temperature topt ( c) v in =3.5v output voltage v out (v) rp103x331x 3.25 3.35 3.31 3.30 3.33 3.32 3.34 3.26 3.27 3.28 3.29 -40 75 50 025 -25 85 temperature topt ( c) v in =4.3v output voltage v out (v) 5) supply current vs. temperature (c1 = 0.47 f, c2 = 0.47 f, i out = 0ma) rp103x121x rp103x251x 30 40 38 32 34 36 -40 75 50 025 -25 85 temperature topt ( c) v in =2.2v supply current i ss ( a) 30 40 38 32 34 36 -40 75 50 025 -25 85 temperature topt ( c) v in =3.5v supply current i ss ( a)
rp103x 12 rp103x331x 30 40 38 32 34 36 -40 75 50 025 -25 85 temperature topt ( c) v in =4.3v supply current i ss ( a) 6) dropout voltage vs. output current (c1 = 0.47 f,c2 = 0.47 f) rp103x121x rp103x251x 85 c 25 c - 40 c 0 600 500 400 300 200 100 0 120 60 90 30 150 output current i out (ma) dropout voltage v dif (mv) 85 c 25 c - 40 c 0 300 250 200 100 150 50 0 120 60 90 30 150 output current i out (ma) dropout voltage v dif (mv) rp103x331x 85 c 25 c - 40 c 0 250 200 150 100 50 0 120 60 90 30 150 output current i out (ma) dropout voltage v dif (mv)
rp103x 13 7) dropout voltage vs. set output voltage (c1 = 0.47 f, c2 = 0.47 f, topt = 25 c) 10ma 30ma 50ma 150ma 0 600 400 500 300 200 100 1.0 3.5 3.0 2.5 1.5 2.0 set output voltage v reg (v) dropout voltage v dif (mv) 8) ripple rejection vs. input bias voltage (c1 = 0.47 f, c2 = 0.47 f, ripple = 0.2v p-p , topt = 25 c) rp103x281x rp103x281x 1khz 10khz 100khz 2.8 3.3 4.3 3.8 4.8 5.3 input voltage v in (v) 0 80 10 40 30 20 60 50 70 90 ripple rejection rr (db) i out =1ma 1khz 10khz 100khz 2.8 3.3 4.3 3.8 4.8 5.3 input voltage v in (v) 0 80 10 40 30 20 60 50 70 90 ripple rejection rr (db) i out =30ma 9) ripple rejection vs. frequency (c1 = none, c2 = 0.47 f, ripple = 0.2v p-p ) rp103x121x rp103x251x i out =1ma i out =30ma i out =150ma 0 20 40 60 120 100 80 v in =2.2v frequency f (khz) ripple rejection rr (db) 0.1 10 1 100 1000 i out =1ma i out =30ma i out =150ma 0 10 30 50 100 90 70 20 40 60 80 v in =3.5v frequency f (khz) ripple rejection rr (db) 0.1 10 1 100 1000
rp103x 14 rp103x331x i out =1ma i out =30ma i out =150ma 0 20 40 60 120 100 80 0.1 10 1 100 1000 v in =4.3v frequency f (khz) ripple rejection rr (db) 10) input transient response (i out = 30ma, tr = tf = 5 s, topt = 25 c) rp103x121x rp103x251x 0 100 40 60 20 80 output voltage v out (v) output voltage input voltage 2 3 1.195 1.205 1.200 input voltage v in (v) 4 time t ( s) 0 100 40 60 20 80 output voltage v out (v) output voltage input voltage 3 4 2.495 2.505 2.500 input voltage v in (v) 5 time t ( s) rp103x331x 0 100 40 60 20 80 output voltage v out (v) output voltage input voltage 4 5 3.295 3.305 3.300 input voltage v in (v) 6 time t ( s)
rp103x 15 11) load transient response (c1 = 0.47 f, c2 = 0.47 f, topt = 25 c) rp103x121x rp103x251x 100 0 50 0 100 40 60 20 80 output voltage v out (v) output voltage 1.18 1.20 1.21 1.19 150 time t ( s) output current output current i out (ma) v in =2.2v tr=tf=0.5 s 50ma 100ma 100 0 50 0 100 40 60 20 80 output voltage v out (v) output voltage 2.48 2.50 2.51 2.49 150 time t ( s) output current output current i out (ma) v in =3.5v tr=tf=0.5 s 50ma 100ma rp103x331x rp103x121x 100 0 50 0 100 40 60 20 80 output voltage v out (v) output voltage 3.28 3.30 3.31 3.29 150 time t ( s) output current output current i out (ma) v in =4.3v tr=tf=0.5 s 50ma 100ma 150 0 0 100 40 60 20 80 output voltage v out (v) output voltage 1.10 1.20 1.21 1.15 300 time t ( s) output current output current i out (ma) v in =2.2v tr=tf=0.5 s 1ma 150ma rp103x251x rp103x331x 150 0 0 100 40 60 20 80 output voltage v out (v) output voltage 2.40 2.50 2.55 2.45 300 time t ( s) output current output current i out (ma) v in =3.5v tr=tf=0.5 s 1ma 150ma 150 0 0 100 40 60 20 80 output voltage v out (v) output voltage 3.20 3.30 3.35 3.25 300 time t ( s) output current output current i out (ma) v in =4.3v tr=tf=0.5 s 1ma 150ma
rp103x 16 12) turn on speed with ce pin (c1 = 0.47 f, c2 = 0.47 f, topt = 25 c) rp103x121x rp103x121x 0 0.5 1.0 1.5 80 20 40 060 ce input voltage v ce (v) output voltage ce input voltage 1 0 2 3 output voltage v out (v) i out =0ma time t ( s) 0 0.5 1.0 1.5 80 20 40 060 ce input voltage v ce (v) output voltage ce input voltage 1 0 2 3 output voltage v out (v) i out =30ma time t ( s) rp103x121x rp103x251x 0 0.5 1.0 1.5 80 20 40 060 ce input voltage v ce (v) output voltage ce input voltage 1 0 2 3 output voltage v out (v) i out =150ma time t ( s) 0 1 2 3 80 20 40 060 ce input voltage v ce (v) output voltage ce input voltage 1 0 2 3 output voltage v out (v) i out =0ma time t ( s) rp103x251x rp103x251x 0 1 2 3 80 20 40 060 ce input voltage v ce (v) output voltage ce input voltage 1 0 2 3 output voltage v out (v) i out =30ma time t ( s) 0 1 2 3 80 20 40 060 ce input voltage v ce (v) output voltage ce input voltage 1 0 2 3 output voltage v out (v) i out =150ma time t ( s)
rp103x 17 rp103x331x rp103x331x 0 1 2 3 4 80 20 40 060 ce input voltage v ce (v) output voltage ce input voltage 1 0 2 3 output voltage v out (v) i out =0ma time t ( s) 0 1 2 3 4 80 20 40 060 ce input voltage v ce (v) output voltage ce input voltage 1 0 2 3 output voltage v out (v) i out =30ma time t ( s) rp103x331x 0 1 2 3 4 80 20 40 060 ce input voltage v ce (v) output voltage ce input voltage 1 0 2 3 output voltage v out (v) i out =150ma time t ( s) 13) turn off speed with ce pin (d version) (c1 = 0.47 f, c2 = 0.47 f, topt = 25 c) rp103x121d rp103x121d 0 0.5 1.0 1.5 ce input voltage v ce (v) output voltage ce input voltage 1 0 2 3 output voltage v out (v) i out =0ma time t ( s) 180 0 60 140 20 100 80 160 40 120 0 0.5 1.0 1.5 ce input voltage v ce (v) output voltage ce input voltage 1 0 2 3 output voltage v out (v) i out =30ma time t ( s) 180 0 60 140 20 100 80 160 40 120
rp103x 18 rp103x121d rp103x251d 0 0.5 1.0 1.5 ce input voltage v ce (v) output voltage ce input voltage 1 0 2 3 output voltage v out (v) i out =150ma time t ( s) 180 0 60 140 20 100 80 160 40 120 0 1 2 3 ce input voltage v ce (v) output voltage ce input voltage 0 2 4 output voltage v out (v) i out =0ma time t ( s) 180 0 60 140 20 100 80 160 40 120 rp103x251d rp103x251d 0 1 2 3 ce input voltage v ce (v) output voltage ce input voltage 0 2 4 output voltage v out (v) i out =30ma time t ( s) 180 0 60 140 20 100 80 160 40 120 0 1 2 3 ce input voltage v ce (v) output voltage ce input voltage 0 2 4 output voltage v out (v) i out =150ma time t ( s) 180 0 60 140 20 100 80 160 40 120 rp103x331d rp103x331d 0 1 2 4 3 ce input voltage v ce (v) output voltage ce input voltage 0 2 4 6 output voltage v out (v) i out =0ma time t ( s) 180 0 60 140 20 100 80 160 40 120 0 1 2 4 3 ce input voltage v ce (v) output voltage ce input voltage 0 2 4 6 output voltage v out (v) i out =30ma time t ( s) 180 0 60 140 20 100 80 160 40 120
rp103x 19 rp103x331d 0 1 2 4 3 ce input voltage v ce (v) output voltage ce input voltage 0 2 4 6 output voltage v out (v) i out =150ma time t ( s) 180 0 60 140 20 100 80 160 40 120 14) dropout voltage vs. temperature (c1 = 0.47 f, c2 = 0.47 f) rp103x121x rp103x251x 0 450 150 50 250 350 200 300 400 100 -40 75 50 025 -25 85 temperature topt ( c) dropout voltage v dif (mv) 150ma 100ma 50ma 0 200 60 20 100 140 80 120 180 160 40 -40 75 50 025 -25 85 temperature topt ( c) dropout voltage v dif (mv) 150ma 100ma 50ma rp103x301x rp103x331x 0 200 60 20 100 140 80 120 180 160 40 -40 75 50 025 -25 85 temperature topt ( c) dropout voltage v dif (mv) 150ma 100ma 50ma 0 200 60 20 100 140 80 120 180 160 40 -40 75 50 025 -25 85 temperature topt ( c) dropout voltage v dif (mv) 150ma 100ma 50ma
rp103x 20 esr vs. output current when using these ics, consider the following points: the relations between i out (output current) and esr of an output capacitor are shown below. the conditions when the white noise level is under 40 v (avg.) are marked as the hatched area in the graph. measurement conditions frequency band : 10hz to 2mhz temperature : ? 40 c to 85 c rp103x121x rp103x331x 0 25 75 125 50 100 150 output current i out (ma) esr ( ? ) v in =1.7v to 5.0v c1=c2=ceramic 0.47 f 0.01 100 1 0.1 10 topt=-40 c topt=85 c 0 25 75 125 50 100 150 output current i out (ma) 0.01 100 1 0.1 10 esr ( ? ) v in =3.5v to 5.0v c1=c2=ceramic 0.47 f topt=-40 c topt=85 c
p a ckage informa t ion pe-plp1010 -4-070 4 ? unit: mm package dimensions a b 1.00 1.00 0.05 0.05 s 4 0.05 ab s m 0.25 0.05 0.48 0.05 0.25 0.05 0.07 0.05 0.65 0.25 0.05 0.48 0.05 3-c0.18 3 4 ? 2 1 45 s 0.32 0.05 bottom ? view 0.6max. 0.05min. taping specifi cation 1.5 +0.1 0 0.2 0.1 1.2max. 4.0 0.1 2.0 0.05 0.5 0.1 2.0 0.1 1.1 1.1 1.75 0.1 3.5 0.05 8.0 0.3 tr user ? direction ? of ? feed taping reel di mensions reuse reel (eiaj-rrm-08bc) ( 1 r eel =10 000 pc s ) 2 0.5 21 0.8 11.4 1.0 9.0 0.3 60 ? +1 0 180 ? 0 ? 1.5 13 0.2 ?
p a ckage informa t ion pe-plp1010 -4-070 4 power dissipation (p lp1010-4) this spe c ifica t ion is at mou n ted on bo ard. power dissip ation (p d ) depe nd s on condition s of mounting o n board. this spe c ifica t ion is ba sed on the mea s u r eme n t at the conditio n bel ow: measurement conditio n s standard lan d pattern environme n t mounting o n board (win d velocity=0m/ s) board mate ri al glass cl oth e poxy plactic (dou ble si ded ) board dimen s ion s 40mm 40 mm 1.6mm cop per ratio top sid e : approx. 50% , back sid e : approx. 50% thro ugh -hol e 0 . 54mm 24pcs measurement result (topt=25 c, tjm a x = 125 c) standard lan d pattern powe r di ssi p a tion 400m w therm a l re si st an ce ja = (125 ? 25 c)/0.4w = 250 c/w therm a l re si st an ce jc = 67 c/w 0 5 0 100 25 75 85 125 150 0 200 100 300 400 600 500 700 on ? board ambient ? temperature ? ( c) power ? dissipation ? p d (mw) 40 40 ? measuremen t ? b oar d ? pa tter n p o w e r d i s s i p a t i o n ic mount are a (unit : mm) recommended land pattern 0.25 0.40 0. 65 0.48 3-c0.18 0.48 1.30 0.47 0.22 45 (unit: mm)
pa c k age informa t ion pe-sot - 23-5 - 061 0 ? sot-23-5 (sc-74a) unit: mm package dimensions 2.9 0.2 0.4 0.1 1.9 0.2 (0.95) (0.95) 54 12 3 +0.2 ? 0.1 1.6 +0.2 ? 0.1 1.1 +0.1 ? 0.05 0.15 2.8?0.3 0 to 0.1 0.8 0.1 0.2 min. taping specifi cation 2.0max. 0.3?0.1 4.0?0.1 2.0?0.05 4.0?0.1 3.3 3.2 8.0?0.3 1.75?0.1 3.5?0.05 1.5 +0.1 0 ? 1.1 0.1 tr user direction of feed taping reel di mensions reuse reel (eiaj-rrm-08bc) (1reel =30 00p cs) 2 0.5 11.4 1.0 9.0 0.3 13 0.2 ? 60 ? +1 0 180 ? 0 ? 1.5 21 0.8
pa c k age informa t ion pe-sot - 23-5 - 061 0 power dissipation (sot-23-5) this spe c ifica t ion is at m o u n ted on boa rd. powe r di ssip ation (p d ) depe nd s on condition s of mounting on board. this spe c ifica t ion is ba sed on the mea s u r eme n t at the conditio n bel ow: (power di ssi p ation (s ot -23-5 ) is sub s t i tution of sot - 23 -6.) measurement conditio n s standard lan d pattern environme n t mounting o n board (win d velocity=0m/ s) board mate ri al glass cl oth e poxy plactic (dou ble si ded ) board dimen s ion s 40mm 40m m 1.6mm cop per ratio top sid e : approx. 50% , back sid e : approx. 50% thro ugh -hol e 0.5mm 44pcs measurement result (t opt=25 c ,tjmax =125 c ) standard lan d pattern free air powe r di ssi p a tion 420m w 250m w therm a l re si st an ce ja = (125 ? 25 c )/0.42w = 263 c / w 4 0 0 c /w 0 5 0 100 25 75 85 125 150 ambient temperature ( c) 0 200 100 300 400 250 420 500 600 power dissipation p d (mw) on board free air 40 40 po w e r dis s ip ation measur e men t boar d pattern ic mount are a unit : mm recommended land pattern 0.7 max. 0.95 0.95 1.9 2.4 1.0 (unit: mm)
p a ckage informa t ion pe-sc-82ab-0512 ? sc-82ab unit: mm package dimensions 0.3 0.2 3 2 1 4 1.3 0.2 0.3 0.1 0.3 0.1 (0.7) 0.9 0.1 0 to 0.1 0.3 0.1 0.4 0.1 0.05 0.16 +0.1 ? 0.06 2 0.2 2.1 0.3 1.25 0.2 ? 0.1 taping specifi cation 2.0 0.05 4.0 0.1 0.2 0.1 +0.1 0 2.2 4.0 0.1 1.6max. 3.5 0.05 8.0 0.3 1.75 0.1 2.6 ? 1.5 tr user direction of feed ? 1.1 0.1 taping reel di mensions (1reel =30 00p cs) 2 0.5 13 0.2 180 60 0 ? 1.5 +1 0 21 0.8 11.4 1.0 9.0 0.3
p a ckage informa t ion pe-sc-82ab-0512 power dissipation (sc-82ab) this spe c ifica t ion is at m o u n ted on boa rd. powe r di ssip ation (p d ) depe nd s on condition s of mounting on board. this spe c ifica t ion is ba sed on the mea s u r eme n t at the conditio n bel ow: measurement conditio n s standard lan d pattern environme n t mounting o n board (win d velocity=0m/ s) board mate ri al glass cl oth e poxy plactic (dou ble si ded ) board dimen s ion s 40mm 40m m 1.6mm cop per ratio top sid e : approx. 50% , back sid e : approx. 50% thro ugh -hol e 0.5mm 44pcs measurement result (t opt= 2 5 c ,t jmax =125 c ) standard lan d pattern free air powe r di ssi p a tion 380m w 150m w therm a l re si st an ce ja = (125 ? 25 c )/0.38w = 263 c / w 6 6 7 c /w 0 5 0 100 25 75 85 125 150 ambient temperature ( c) 0 200 100 300 400 150 380 500 600 power dissipation p d (mw) on board free air 40 40 po w e r dis s ip ation measur e men t boar d pattern ic mount are a (unit : mm) recommended land pattern 0.8 0.6 0.65 0.65 0.65 1.9 0.6 0.8 0.8 0.6 0.6 0.8 0.8 (unit: mm)
mark informations me-rp103k-0707 rp103k series mark specification ? plp1010-4 1 2 4 3 1 2 3 4 1 , 2 : product code (refer to pa rt number vs. product code) 3 , 4 : lot number ? part number vs. product code product code product code part number 1 2 part number 1 2 rp103k121b 7 a rp103k121d 8 a rp103k131b 7 b rp103k131d 8 b rp103k151b 7 c rp103k151d 8 c rp103k181b 7 d rp103k181d 8 d rp103k181b5 7 e rp103k181d5 8 e rp103k191b 7 f rp103k191d 8 f rp103k201b 7 g rp103k201d 8 g rp103k251b 7 h rp103k251d 8 h rp103k261b 7 j rp103k261d 8 j rp103k271b 7 k rp103k271d 8 k rp103k281b 7 l rp103k281d 8 l rp103k281b5 7 m rp103k281d5 8 m rp103k291b 7 n rp103k291d 8 n rp103k301b 7 p rp103k301d 8 p rp103k311b 7 q rp103k311d 8 q rp103k331b 7 r rp103k331d 8 r rp103k231b 7 s rp103k231d 8 s
mark informations me-rp103n-0707 rp103n series mark specification ? sot-23-5 1 2 3 4 5 1 , 2 , 3 : product code (refer to part number vs. product code) 4 , 5 : lot number ? part number vs. product code product code product code part number 1 2 3 part number 1 2 3 rp103n121b 8 0 a rp103n121d 8 1 a rp103n131b 8 0 b rp103n131d 8 1 b rp103n151b 8 0 c RP103N151D 8 1 c rp103n181b 8 0 d rp103n181d 8 1 d rp103n181b5 8 0 e rp103n181d5 8 1 e rp103n191b 8 0 f rp103n191d 8 1 f rp103n201b 8 0 g rp103n201d 8 1 g rp103n251b 8 0 h rp103n251d 8 1 h rp103n261b 8 0 j rp103n261d 8 1 j rp103n271b 8 0 k rp103n271d 8 1 k rp103n281b 8 0 l rp103n281d 8 1 l rp103n281b5 8 0 m rp103n281d5 8 1 m rp103n291b 8 0 n rp103n291d 8 1 n rp103n301b 8 0 p rp103n301d 8 1 p rp103n311b 8 0 q rp103n311d 8 1 q rp103n331b 8 0 r rp103n331d 8 1 r rp103n231b 8 0 s rp103n231d 8 1 s
mark informations me-rp103q-0707 rp103q series mark specification ? sc-82ab 2 4 1 3 1 , 2 : product code (refer to pa rt number vs. product code) 3 , 4 : lot number ? part number vs. product code product code product code part number 1 2 part number 1 2 rp103q121b g 0 rp103q121d j 0 rp103q131b g 1 rp103q131d j 1 rp103q151b g 2 rp103q151d j 2 rp103q181b g 3 rp103q181d j 3 rp103q181b5 g 4 rp103q181d5 j 4 rp103q191b g 5 rp103q191d j 5 rp103q201b g 6 rp103q201d j 6 rp103q251b g 7 rp103q251d j 7 rp103q261b g 8 rp103q261d j 8 rp103q271b g 9 rp103q271d j 9 rp103q281b h 0 rp103q281d k 0 rp103q281b5 h 1 rp103q281d5 k 1 rp103q291b h 2 rp103q291d k 2 rp103q301b h 3 rp103q301d k 3 rp103q311b h 4 rp103q311d k 4 rp103q331b h 5 rp103q331d k 5 rp103q231b h 6 rp103q231d k 6


▲Up To Search▲   

 
Price & Availability of RP103N151D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X