Part Number Hot Search : 
2SK22 S10P2 TE1819 74ALS373 L6402 94C33 LDBK2040 MT9M019
Product Description
Full Text Search
 

To Download R7447 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  very high cathode sensitivity with low noise photocathode general features parameter description/value unit spectral response wavelength of maximum response 160 to 710 nm nm photocathode materiai 410 structure 4pf anode to last dynode 6pf anode to all other electrodes minimum effective area low noise bialkali secondary emitting surface low noise bialkali mm window material weight 8 24 g 45 dynode direct interelectrode capacitances base suitabie socket assembly fused silica circular-cage number of stages 9 11-pin base jedec no. b11-88 e717?3 (option) suitabie socket e678?1a (option) photomultlpller tubes R7447 R7447p (for photon counting) spectral response ..................................... applications environmental monitoring atomic emission spectrometer atomic absorption spectrometer high cathode sensitivity luminous ...................................................... radiant at 410nm ............................................ high anode sensitivity (at 1000v) low dark current .................................................... luminous ....................................................... radiant at 410nm ..................................... 160 to 710 nm 0.2na low dark counts (R7447p) .................................... 10 cps 100 a/lm 70 ma/w 1200a/lm 8.4 10 5 a/w figure 1: typical spectral response tpmsb0196ea information furnished by hamamatsu is believed to be reliable. however, no responsibility is assumed for possible inaccuracies or omissions. specifications are subject to change without notice. no patent rights are granted to any of the circuits described herein. ?999 hamamatsu photoni cs k.k subject to local technical requirements and regulations, availability of products included in this promotional material may var y. please consult with our sales office. 100 0.01 0.1 1 catode radiant sensitivity (ma/w) quantum efficiency (%) 10 100 200 300 400 500 wavelength (nm) 600 700 800 cathode radiant sencitivity quantum efficiency
maximum ratings (absolute maximum values) parameter value supply voltage between anode and cathode between anode and last dynode 1250 250 0.1 vdc vdc ma average anode current a unit characteristlcs (at 25 c) notes parameter min. typ. typ. max. R7447 for general purpose R7447p for photon counting cathode sensitivity anode dark current f anode dark counts f anode sensitivity after 30minutes storage in the darkness 0.2 2.0 anode current stability l a: b: c: d: e: f: g: h: j: averaged over any interval of 30 seconds maximum. the light source is a tungsten filament lamp operated at a distribution tem- perature of 2856k. supply voltage is 150 volts between the cathode and all other electrodes connected together as anode. the value is cathode output current when a blue filter(corning cs-5-58 polished to 1/2 stock thickness) is interposed between the light source and the tube under the same condition as note b. measured with the same light source as note b and with the anode-to- cathode supply voltage and voltage distribution ratio shown in table 1 be- low. measured with the same supply voltage and voltage distribution ratio as note d after removal of light. measured at the voltage producing the gain of 1 10 6 . eni is an indication of the photon-limited signal-to-noise ratio. it refers to the amount of light in watts to produce a signal-to-noise ratio of unity in the output of a photomultiplier tube. where q = electronic charge (1.60 10 -19 coulomb). ldb = anode dark current(after 30 minute storage) in amperes. g = gain. f = bandwidth of the system in hertz. 1 hertz is used. s = anode radiant sensitivity in amperes per watt at the wave- length of peak response. the rise time is the time for the output pulse to rise from 10% to 90% of the peak amplitude when the entire photocathode is illuminated by a delta function light pulse. the electron transit time is the interval between the arrival of delta function light pulse at the entrance window of the tube and the time when the anode output reaches the peak amplitude. in measurement, the whole photo- cathode is illuminated. k: l: also called transit time jitter. this is the fluctuation in electron transit time between individual pulses in the signal photoelectron mode, and may be defined as the fwhm of the frequency distribution of electron transit times. hysteresis is temporary instability in anode current after light and voltage are applied. eni = s 2q . ldb . g . f current hysteresis voltage hysteresis 0.1 1.0 radiant at 410nm (peak) 70 blue c 8 anode pulse rise time h 2.2 electron transit time j 22 transit time spread (tts) k 1.2 time response d electrodes k dy1 dy2 dy3 dy4 dy5 dy6 dy7 dy8 dy9 p distribution ratio 1 111111111 suppiy voltage : 1000vdc k : cathode, dy : dynode, p : anode quantum efficiency at 300nm 80 100 24 gain e eni(equivalent noise input) g unit photomultlpller tubes R7447, R7447p (for photon counting) luminous b radiant at 400nm 8.4 10 5 luminous d 1200 1000 3.30 10 -17 min. max. 0.2 0.5 na 0.1 1.0 % % 70 ma/w 8 a/lm-b 2.2 22 1.2 ns ns ns 80 100 a/lm 24 % 8.4 10 5 a/w 1200 a/lm 1000 1.2 10 7 1.2 10 7 10 50 cps 3.30 10 -17 w table 1:voltage distribution ratio hysteresis = 100(%) l max. l i l min. (1)current hysteresis the tube is operated at 750 volts with an anode current of 1 micro-ampere for 5 minutes. the light is then removed from the tube for a minute. the tube is then re-illuminated by the previous light level for a minute to measure the variation. (2)voltage hysteresis the tube is operated at 300 volts with an anode current of 0.1 micro-ampere for 5 minutes. the light is then removed from the tube and the supply voltage is quickly increased to 800 volts. after a minute, the supply voltage is then reduced to the previous value and the tube is re-illuminated for a minute to measure the variation. tpmsb0002ea time max. l min. l i l anode current 0 5 6 7 (minutes)
figure 2: typical gain and anode dark current figure 3: typical time response figure 6: typical single photon pulse height distribution for R7447p figure 7: typical temperature characteristics of dark count for R7447p data shown here, which is given from a relation among supply voltage, anode sensitivity and dark current, serves as a good reference in order to determine the most suitable supply voltage or its range. figure 4: typical eni vs. wavelength figure 5: typical eadci (equivalent anode dark current input) vs. supply voltage tpmsb0011ea 10 5 10 10 10 11 10 12 300 400 500 600 800 1000 1500 supply voltage (v) anode dark current (a) 10 9 10 8 10 7 10 6 gain anode dark current gain 10 8 10 3 10 2 10 1 10 4 10 5 10 6 10 7 tpmsb0004eb 300 500 700 1000 1500 supply voltage (v) time (ns) 1 2 4 6 8 10 20 40 60 80 100 rise time transit time tpmsb0197ea tpmsb0013ea 10 - 10 10 - 13 10 - 14 300 500 600 1000 1500 supply voltage (v) 10 - 12 10 - 11 400 800 eadci (lm) tpmsb0198ea tpmsb0015ea 20 0 +20 +40 +60 temperature (?) dark count (cps) 10 0 10 1 10 2 10 3 10 4 10 1 1.0 0.8 0.2 0 200 400 600 800 1000 channel number (ch) count per channel 0.4 0.6 full scale 10 4 (photon+dark) full scale 10 3 (dark) lower level discri. signal+dark dark wavelength of incident light: 450 (nm) supply voltage lower level discri. photon+dark count dark count amblent temperature : 740 (v) (which is producing 10 6 current amplification) : 66 (ch) : 5710 (cps) : 10 (cps) : 25 ( c) 100 10 -17 10 -16 10 -15 equivalent noise input (w) 10 -14 10 -13 200 300 400 500 wavelength (nm) 600 700 800
tpms1069e01 oct. 1999 figure 8: dimensional outline and basing diagram(unit: mm) figure 10: socket e678-11a (option) figure 9: d type socket assembly e717-63 (option) warning?ersonal safety hazards electrical shock?perating voltages applied to this device present a shock hazard. hamamatsu also provides c4900 series compact high voltage power supplies and c6270 series dp type socket assemblies which incorporate a dc to dc converter type high voltage power supply. * tacca0002eg photomultlpller tubes R7447, R7447p (for photon counting) tpmsa0001ea bottom view (basing diagram) 1 2 4 3 5 7 6 8 9 10 k dy1 dy2 dy3 dy4 dy5 dy6 dy7 dy8 dy9 p direction of light 28.5 1.5 8min. photocathode 24min. 49.0 2.5 80max. 94max. 11 32.2 0.5 11 pin base jedec no. b11-88 tacca0064ea 33 5 49 3.5 38 29 4 18 hamamatsu photonics k.k., electron tube center 314-5, shimokanzo, toyooka-village, iwata-gun, shizuoka-ken, 438-0193, japan, telephone: (81)539/62-5248, fax: (81)539/62-2205 u.s.a.: hamamatsu corporation: 360 foothill road, p. o. box 6910, bridgewater. n.j. 08807-0910, u.s.a., telephone: (1)908-231-0960, fa x: (1)908-231-1218 germany: hamamatsu photonics deutschland gmbh: arzbergerstr. 10, d-82211 herrsching am ammersee, germany, telephone: (49)8152-375-0, f ax: (49)8152-2658 france: hamamatsu photonics france s.a.r.l.: 8, rue du saule trapu, parc du moulin de massy, 91882 massy cedex, france, telephone: (33 )1 69 53 71 00, fax: (33)1 69 53 71 10 united kingdom: hamamatsu photonics uk limited: lough point, 2 gladbeck way, windmill hill, enfield, middlesex en2 7ja, united kingdom, teleph one: 44(20)8-367-3560, fax: 44(20)8-367-6384 north europe: hamamatsu photonics norden ab: smidesv?gen 12, se-171-41 solna, sweden, telephone: (46)8-509-031-00, fax: (46)8-509-031-01 italy: hamamatsu photonics italia: s.r.l.: strada della moia, 1/e, 20020 arese, (milano), italy, telephone: (39)02-935 81 733, fax: (39)02-935 81 741 homepage url http://www.hamamatsu.com potting compound r to r10 c1 to c3 : 330 k w : 0.01 m f housing (insulator) r10 r9 r8 r7 r6 r5 r4 r3 r2 r1 dy9 dy8 dy7 dy6 dy5 dy4 dy3 dy2 dy1 c3 c2 c1 signal gnd signal output rg-174/u (black) -hv awg22 (violet) p k 10 power supply gnd awg22 (black) socket pin no. pmt 9 8 7 6 5 4 3 2 1 11 3.5 33.0 ?0.3 49.0 ?0.3 29 38.0 ?0.3 4 30 450 ?10 5 31.0 ?0.5 +0 -1


▲Up To Search▲   

 
Price & Availability of R7447

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X