Part Number Hot Search : 
PJSMS05C 103IW SMCJ11 A124E F9444 SD235 SY10EP 68HC705
Product Description
Full Text Search
 

To Download MAX698EWET Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the max698/max699 monitor the +5v supply in micro- processor (p) and digital systems. they supply a reset pulse of at least 140ms duration on power-up, power-down, and during low-voltage brownout condi- tions. circuit reliability is increased at reduced cost by eliminating all external components and adjustments. the max699 includes all features of the max698, but also provides a watchdog input to monitor microproces- sor activity. the reset output goes low if the watchdog input (wdi) is not toggled within 1 second. the watch- dog feature can be disabled by leaving wdi open. both parts are supplied in 8-lead pdip and 16-lead 0.3in wide small outline (so) packages and are speci- fied from 0? to +70? for c grade devices and -40? to +85? for e devices. the so versions, with more pins than the 8-lead pdip, have additional outputs not available in dip packages. these are reset (without inversion) and watchdog output ( wdo ). applications computers controllers intelligent instruments automotive systems critical ? power monitoring features ? precision voltage monitor ? power-ok/reset time delay ? watchdog timer ? minimum component count max698/max699 low-cost, power-on reset and watchdog controllers ________________________________________________________________ maxim integrated products 1 19-2349; rev 3; 12/05 for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. v cc v cc reset gnd gnd gnd n.c. n.c. (wdi)* max698 max699* 1 2 3 4 8 7 6 5 dip so v cc v cc reset reset gnd gnd n.c. n.c. (wdo)* max698 max699* 1 2 3 4 16 15 14 13 n.c. n.c. n.c. n.c. n.c. gnd n.c. n.c. (wdi)* 5 6 7 8 12 11 10 9 top view * pin labels in ( ) are for max699 only pin configuration ordering information max698 1 2 3 4 v cc v cc gnd gnd gnd reset n.c. n.c. 8 7 6 5 +5v +5v to p reset input t ypical operating circuit part* temp range pin-package max698 cpa 0? to +70? 8 pdip max698cwe 0? to +70? 16 wide so max698epa -40? to +85? 8 pdip max698ewe -40? to +85? 16 wide so max699 cpa 0? to +70? 8 pdip max699cwe 0? to +70? 16 wide so max699epa -40? to +85? 8 pdip max699ewe -40? to +85? 16 wide so * devices are available in both leaded and lead-free packag- ing. specify lead free by adding the + symbol at the end of the part number when ordering.
max698/max699 low-cost, power-on reset and watchdog controllers 2 _______________________________________________________________________________________ absolute maximum ratings stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. v cc ........................................................................-0.3v to +6.0v input voltage (with respect to gnd) wdi, wdo , reset, reset ..-0.3v to v cc operating temperature range c suffix0? to +70? e suffix ......?-40? to +85? rate of rise, v cc .................100v/? power dissipation (t a = +70?) 8-pin pdip (derated 5mw/? above +70?).....?00mw 16-pin so (derated 7mw/? above +70?) ................600mw storage temperature range .............................-65? to +150? lead temperature (soldering, 10s) .................................+300? electrical characteristics (v cc = +5v, t a = +25?, unless otherwise noted.) parameter conditions min typ max units operating voltage range t a = full 3.0 5.5 v supply current 5ma power-up reset deassertion t a = full 4.50 4.65 4.75 v power-up reset assertion t a = full 4.4 v hysteresis 40 mv reset output pulse width 140 500 ms output low i sink = 1.6ma, v cc = 4.4v 0.4 reset output (open drain) output high i source = 1?, v cc = 5v 3.5 v output low i sink = 1.6ma, v cc = 5v 0.4 reset output (so package only) output high i source = 1?, v cc = 4.4v 3.5 v output low i sink = 1.6ma, v cc = 5v 0.4 wdo output (max699 so package only) output high i source = 1?, v cc = 4.4v 3.5 v max699 watchdog timeout period 1.00 1.6 2.25 s max699 minimum wdi input pulse width 200 ns locic-low 0.8 max699 wdi input threshold v cc = +5v logic-high 3.8 v wdi = v cc 20 50 max699 wdi input current wdi = 0v -50 -15 ?
max698/max699 low-cost, power-on reset and watchdog controllers pin description pin so pdip name function 1, 4, 9 3, 4, 8 gnd chip power ground 2, 3 1, 2 v cc +5v sense input and max698/max699 chip power 5?, 10?4 5, 6 n.c. no connection 10 6 wdi (max699 only) (max699 only.) a three-level input. if wdi remains high or low for more than the watchdog timeout period, reset pulses low ( wdo also goes low on the max699 so package). if wdi is unconnected, the watchdog circuit is disabled. 14 wdo (max699 only) (max699 only.) goes low when wdi remains high or low for more than the watchdog timeout period. wdo is set high at the next wdi transition. if wdi is unconnected or at midsupply, wdo remains high. wdo also remains high when v cc falls below 4.4v. 15 7 reset goes low when v cc falls below internally set threshold (see the electrical characteristics table). 16 reset goes high when v cc falls below internally set threshold. wdi* wa tchdog timer reset timer v cc v cc gnd wdo* reset reset* power-on reset 4.65v max698 max699 *wdi on max699 only reset on so package only wdo on so max699 only figure 1. block diagram _______________________________________________________________________________________ 3
max698/max699 low-cost, power-on reset and watchdog controllers maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 4 _____________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 2005 maxim integrated products printed usa is a registered trademark of maxim integrated products, inc. campillo package information for the latest package outline information, go to www.maxim-ic.com/packages . maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 4 _____________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 2005 maxim integrated products printed usa is a registered trademark of maxim integrated products, inc. maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 4 _____________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 2005 maxim integrated products printed usa is a registered trademark of maxim integrated products, inc. chip topography
e nglish ? ???? ? ??? ? ??? what's ne w p roducts solutions de sign ap p note s sup p ort buy comp any me mbe rs m axim > p roduc ts > supervis ors , v oltage m onitors , sequenc ers max698, max699 low-c ost, power-on reset and watchdog c ontrollers quickview technical documents ordering info more information all ordering information notes: other options and links for purchasing parts are listed at: http://www.maxim-ic.com/sales . 1. didn't find what you need? ask our applications engineers. expert assistance in finding parts, usually within one business day. 2. part number suffixes: t or t&r = tape and reel; + = rohs/lead-free; # = rohs/lead-exempt. more: see full data sheet or part naming c onventions . 3. * some packages have variations, listed on the drawing. "pkgc ode/variation" tells which variation the product uses. 4. devices: 1-26 of 26 m ax698 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is max698c pa pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8-2 * 0c to +70c rohs/lead-free: no materials analysis max698c pa-4 pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8-2 * 0c to +70c rohs/lead-free: no materials analysis max698c pa+ pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8+2 * 0c to +70c rohs/lead-free: lead free materials analysis max698epa pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8-2 * -40c to +85c rohs/lead-free: no materials analysis max698epa+ pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8+2 * -40c to +85c rohs/lead-free: lead free materials analysis max698c we+t soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16+1 * 0c to +70c rohs/lead-free: lead free materials analysis max698c we+ soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16+1 * 0c to +70c rohs/lead-free: lead free materials analysis max698c we-t soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16-1 * 0c to +70c rohs/lead-free: no materials analysis max698c we soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16-1 * 0c to +70c rohs/lead-free: no materials analysis max698ewe-t soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16-1 * -40c to +85c rohs/lead-free: no materials analysis max698ewe soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16-1 * -40c to +85c rohs/lead-free: no materials analysis max698ewe+t soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16+1 * -40c to +85c rohs/lead-free: lead free materials analysis max698ewe+ soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16+1 * -40c to +85c rohs/lead-free: lead free materials analysis
m ax699 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is max699c pa+ pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8+2 * 0c to +70c rohs/lead-free: lead free materials analysis max699c pa pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8-2 * 0c to +70c rohs/lead-free: no materials analysis max699epa+ pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8+2 * -40c to +85c rohs/lead-free: lead free materials analysis max699epa pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8-2 * -40c to +85c rohs/lead-free: no materials analysis max699epa-4 pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8-2 * -40c to +85c rohs/lead-free: no materials analysis max699c we+t soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16+1 * 0c to +70c rohs/lead-free: lead free materials analysis max699c we soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16-1 * 0c to +70c rohs/lead-free: no materials analysis max699c we-t soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16-1 * 0c to +70c rohs/lead-free: no materials analysis max699c we+ soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16+1 * 0c to +70c rohs/lead-free: lead free materials analysis max699ewe soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16-1 * -40c to +85c rohs/lead-free: no materials analysis max699ewe+t soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16+1 * -40c to +85c rohs/lead-free: lead free materials analysis max699ewe+ soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16+1 * -40c to +85c rohs/lead-free: lead free materials analysis max699ewe-t soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16-1 * -40c to +85c rohs/lead-free: no materials analysis didn't find what you need? next day product selection assistance from applications engineers parametric search applications help quickview technical documents ordering info more information des c ription key features a pplic ations /u s es key spec ific ations diagram data sheet a pplic ation n otes des ign guides e ngineering journals reliability reports software/m odels e valuation kits p ric e and a vailability samples buy o nline p ac kage i nformation lead-free i nformation related p roduc ts n otes and c omments e valuation kits doc ument ref.: 1 9 -2 3 4 9 ; rev 3 ; 2 0 0 6 -0 6 -1 2 t his page las t modified: 2 0 0 7 -0 6 -0 7 c ontac t us: send us an email c opyright 2 0 0 7 by m axim i ntegrated p roduc ts , dallas semic onduc tor ? legal n otic es ? p rivac y p olic y


▲Up To Search▲   

 
Price & Availability of MAX698EWET

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X