Part Number Hot Search : 
38000 A102J IP103H PC97551 OM6002SR 100001 38000 LT1F67AF
Product Description
Full Text Search
 

To Download IPD80N06S3-09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IPD80N06S3-09 optimos ? -t power-transistor features ? n-channel - normal level - enhancement mode ? automotive aec q101 qualified ? msl1 up to 260c peak reflow ? 175c operating temperature ? green package (rohs compliant) ? ultra low rds(on) ? 100% avalanche tested maximum ratings, at t j =25 c, unless otherwise specified parameter symbol conditions unit continuous drain current 1) i d t c =25 c, v gs =10 v 80 a t c =100 c, v gs =10 v 2) 48 pulsed drain current 2) i d,pulse t c =25 c 320 avalanche energy, single pulse 2) e as i d =40 a 240 mj avalanche current, single pulse i as 80 a gate source voltage 3) v gs 20 v power dissipation p tot t c =25 c 107 w operating and storage temperature t j , t stg -55 ... +175 c iec climatic category; din iec 68-1 55/175/56 value v ds 55 v r ds(on),max 8.4 m ? i d 80 a product summary pg-to252-3-11 type package marking IPD80N06S3-09 pg-to252-3-11 qn0609 rev. 1.1 page 1 2007-11-07
IPD80N06S3-09 parameter symbol conditions unit min. typ. max. thermal characteristics 2) thermal resistance, junction - case r thjc - - 1.4 k/w smd version, device on pcb r thja minimal footprint - - 62 6 cm 2 cooling area 4) --40 electrical characteristics, at t j =25 c, unless otherwise specified static characteristics drain-source breakdown voltage v (br)dss v gs =0 v, i d = 1 ma 55 - - v gate threshold voltage v gs(th) v ds = v gs , i d =55 a 2.1 3.0 4 zero gate voltage drain current i dss v ds =55 v, v gs =0 v, t j =25 c - 0.01 1 a v ds =55 v, v gs =0 v, t j =125 c 2) - 1 100 gate-source leakage current i gss v gs =20 v, v ds =0 v - 1 100 na drain-source on-state resistance r ds(on) v gs =10 v, i d =40 a - 7.2 8.4 m ? values rev. 1.1 page 2 2007-11-07
IPD80N06S3-09 parameter symbol conditions unit min. typ. max. d y namic characteristics 2) input capacitance c iss - 5300 6100 pf output capacitance c oss - 800 1200 reverse transfer capacitance c rss - 780 1170 turn-on delay time t d(on) -23-ns rise time t r -42- turn-off delay time t d(off) -26- fall time t f -37- gate char g e characteristics 2) gate to source charge q gs -3851nc gate to drain charge q gd -2030 gate charge total q g -7688 gate plateau voltage v plateau - 7.0 - v reverse diode diode continous forward current 2) i s - - 80 a diode pulse current 2) i s,pulse - - 320 diode forward voltage v sd v gs =0 v, i f =80 a, t j =25 c - 0.9 1.3 v reverse recovery time 2) t rr -43-ns reverse recovery charge 2) q rr -58-nc 1) current is limited by bondwire; with an r thjc = 1.4 k/w the chip is able to carry 84 a at 25c. for detailed information see application note anps071e. 2) defined by design. not subject to production test. 3) qualified at -5v and +20v. 4) device on 40 mm x 40 mm x 1.5 mm epoxy pcb fr4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. pcb is vertical in still air. v r =27.5 v, i f = i s , d i f /d t =100 a/s t c =25 c values v gs =0 v, v ds =25 v, f =1 mhz v dd =27.5 v, v gs =10 v, i d =80 a, r g =5.1 ? v dd =11 v, i d =80 a, v gs =0 to 10 v rev. 1.1 page 3 2007-11-07
IPD80N06S3-09 1 power dissipation 2 drain current p tot = f( t c ); v gs 6 v i d = f( t c ); v gs 6 v 3 safe operating area 4 max. transient thermal impedance i d = f( v ds ); t c = 25 c; d = 0 z thjc = f( t p ) parameter: t p parameter: d = t p / t 1 s 10 s 100 s 1 ms 1 10 100 1000 0.1 1 10 100 v ds [v] i d [a] single pulse 0.01 0.05 0.1 0.5 10 0 10 -1 10 -2 10 -3 10 -4 10 -5 10 -6 10 -7 10 1 10 0 10 -1 10 -2 10 -3 t p [s] z thjc [k/w] 0 20 40 60 80 100 120 0 50 100 150 200 t c [c] p tot [w] 0 20 40 60 80 100 0 50 100 150 200 t c [c] i d [a] rev. 1.1 page 4 2007-11-07
IPD80N06S3-09 5 typ. output characteristics 6 typ. drain-source on-state resistance i d = f( v ds ); t j = 25 c r ds(on) = f( i d ); t j = 25 c parameter: v gs parameter: v gs 7 typ. transfer characteristics 8 typ. drain-source on-state resistance i d = f( v gs ); v ds = 6 v r ds(on) = f( t j ); i d = 80 a; v gs = 10 v parameter: t j 4 6 8 10 12 14 16 -60 -20 20 60 100 140 180 t j [c] r ds(on) [m ? ] 5.5 v 6 v 6.5 v 7 v 7.5 v 8 v 10 v 9 v 20 v 0 40 80 120 160 200 240 280 320 0246810 v ds [v] i d [a] 6 v 7 v 8 v 9 v 10 v 0 5 10 15 20 0 50 100 150 200 i d [a] r ds(on) [m ? ] -55 c 25 c 175 c 0 50 100 150 200 0246810 v gs [v] i d [a] rev. 1.1 page 5 2007-11-07
IPD80N06S3-09 9 typ. gate threshold voltage 10 typ. capacitances v gs(th) = f( t j ); v gs = v ds c = f( v ds ); v gs = 0 v; f = 1 mhz parameter: i d 11 typical forward diode characteristicis 12 typ. avalanche characteristics if = f(v sd ) i av = f( t av ) parameter: t j parameter: t j(start) 25c 100c 150c 1 10 100 0.1 1 10 100 1000 t av [s] i av [a] 25 c 175 c 10 3 10 2 10 1 10 0 0 0.2 0.4 0.6 0.8 1 1.2 1.4 v sd [v] i f [a] 60a 600a 1 1.5 2 2.5 3 3.5 4 -60 -20 20 60 100 140 180 t j [c] v gs(th) [v] ciss coss crss 10 4 10 3 10 2 0 5 10 15 20 25 v ds [v] c [pf] rev. 1.1 page 6 2007-11-07
IPD80N06S3-09 13 typical avalanche energy 14 drain-source breakdown voltage e as = f( t j ) v br(dss) = f( t j ); i d = 1 ma parameter: i d 15 typ. gate charge 16 gate charge waveforms v gs = f( q gate ); i d = 80 a pulsed parameter: v dd v gs q gate v gs(th) q g(th) q gs q gd q sw q g 45 50 55 60 65 -60 -20 20 60 100 140 180 t j [c] v br(dss) [v] 11 v 44 v 0 2 4 6 8 10 12 0 50 100 150 q gate [nc] v gs [v] 80 a 40 a 20 a 0 100 200 300 400 500 600 0 50 100 150 200 t j [c] e as [mj] v plateau rev. 1.1 page 7 2007-11-07
IPD80N06S3-09 published by infineon technologies ag 81726 munich, germany ? infineon technologies ag 2007 all rights reserved. legal disclaime r the information given in this document shall in no event be regarded as a guarantee of conditions or characteristics (?beschaffenheitsgarantie?). with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non ? infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office ( www.infineon.com ). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. rev. 1.1 page 8 2007-11-07
IPD80N06S3-09 revision history version revision 2.1 revision 2.1 data sheet version 1.1 data sheet version 1.1 data sheet version 1.1 data sheet version 1.1 data sheet version 1.1 changes eas @ id = 38a instead of 50a, according to d2pak product implementation of footnote 2 for eas specification vgsth measured at 55a update of diagram 12 and 13 according to eas @ id = 38a implementation of avalanche current single pulse update of package drawing 07.11.2007 update of avalanche diagram 12 and 13 date 26.07.2007 26.07.2007 07.11.2007 07.11.2007 07.11.2007 07.11.2007 rev. 1.1 page 9 2007-11-07


▲Up To Search▲   

 
Price & Availability of IPD80N06S3-09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X