|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
november 2006 hys72t64000hr?[3/?/5]?a hys72t1280x0hr?[3/?/5]?a hys72t256xx0hr?[3/?/5]?a 240-pin registered ddr2 sdram modules ddr2 sdram rdimm sdram rohs compliant internet data sheet rev. 1.31
we listen to your comments any information within this document that yo u feel is wrong, unclear or missing at all? your feedback will help us to continuous ly improve the quality of this document. please send your proposal (including a reference to this document) to: techdoc@qimonda.com internet data sheet hys72t[64/128/256]xx0hr?[3/3s/3.7/5]?a registered ddr2 sdram modules qag_techdoc_rev400 / 3.2 qag / 2006-08-07 2 03292006-21gc-mk06 hys72t64000hr?[3/?/5]?a, hys72t1280x0hr?[3/?/5]?a, hys72t256xx0hr?[3/?/5]?a revision history: 2006-11, rev. 1.31 page subjects (major chan ges since last revision) all qimonda update all adapted internet edition previous revision: 2006-03, rev. 1.3 4 added product types hys72t256040hr?[3s/3.7]?a 32 , 33 added i dd values for hys72t256040hr?[3s/3.7]?a 36 , 41 , 45 added spd codes for hys72t256040hr?[3s/3.7]?a 53 added package outline for hys72t256040hr?[3s/3.7]?a previous revision: 2005-08, rev. 1.2 internet data sheet rev. 1.31, 2006-11 3 03292006-21gc-mk06 hys72t[64/128/256]xx0hr?[3/3s/3.7/5]?a registered ddr2 sdram modules 1overview this chapter gives an overview of t he 240-pin registered ddr2 sdram modules product family and describes its main characteristics. 1.1 features ? 240-pin pc2-5300, pc2-4200 and pc2-3200 ddr2 sdram memory modules for pc, workstation and server main memory applications ? one rank 64m 72, 128m 72 ,and two ranks 128m 72, 256m 72, and four ranks 256m 72 module organization and 64m 4, 64m 8, 128m 4 chip organization ? 512 mbyte, 1 gbyte and 2 gbyte modules built with 512- mbit ddr2 sdrams in p-tfbga-60 chipsize packages. ? standard double-data-rate-two synchronous drams (ddr2 sdram) with a single + 1.8 v ( 0.1 v) power supply ? all speed grades faster than ddr2-400 comply with ddr2?400 timing specifications. ? programmable cas latencies (3, 4 & 5), burst length (4 & 8) and burst type ? auto refresh (cbr) and self refresh ? all inputs and outputs sstl_18 compatible ? off-chip driver impedance adjustment (ocd) and on-die termination (odt) ? serial presence detect with e 2 prom ? rdimm dimensions (nominal): 30 mm high, 133.35 mm wide ? based on standard reference la youts raw card ?f?, ?g?, ?h?, ?j? and ?n? ? rohs compliant products 1) table 1 performance table 1) rohs compliant product: restriction of the use of certain hazar dous substances (rohs) in el ectrical and electronic equipment as defined in the directive 2002/95/ec issued by the european parliament and of the council of 27 january 2003. these substances include m ercury, lead, cadmium, hexavalent chromium, polybro minated biphenyls and polybrominated biphenyl ethers. product type speed code ?3 ?3s ?3.7 ?5 unit speed grade pc2?5300 4?4?4 pc2?5300 5?5?5 pc2?4200 4?4?4 pc2?3200 3?3?3 ? max. clock frequency @cl5 f ck5 333 333 266 200 mhz @cl4 f ck4 333 266 266 200 mhz @cl3 f ck3 200 200 200 200 mhz min. ras-cas-delay t rcd 12 15 15 15 ns min. row precharge time t rp 12 15 15 15 ns min. row active time t ras 45 45 45 40 ns min. row cycle time t rc 57 60 60 55 ns internet data sheet rev. 1.31, 2006-11 4 03292006-21gc-mk06 hys72t[64/128/256]xx0hr?[3/3s/3.7/5]?a registered ddr2 sdram modules 1.2 description the qimonda hys72t[64/128/ 256]xx0hr?[3/3s/3.7/5]?a module family are registered dimm modules ?rdimms? with 30 mm height based on ddr2 technology. dimms are available as ecc modules in 64m x 72 (512 mbyte), 128m x 72 (1 gbyte) and 256m x 72 (2 gbyte) organization and density, intended for m ounting into 240-pin connector sockets. the memory array is designed with 512-mbit double-data- rate-two (ddr2) synchronous drams. all control and address signals are re-driven on the dimm using register devices and a pll for the clock distribution. this reduces capacitive loading to the system bus, but adds one cycle to the sdram timing. decoupling capacitors are mounted on the pcb board. the dimms feat ure serial presence detect based on a serial e 2 prom device using the 2-pin i 2 c protocol. the first 128 bytes are programmed with configuration data and the second 128 bytes are available to the customer. table 2 ordering information for rohs compliant products product type 1) 1) product type numbers end with a place code, designating the silicon di e revision. example: hys72t64000hr?3.7?a, indicating re v. ?a? dies are used for ddr2 sdram components. for all qimonda ddr2 module and component nomenclature see table 6 of this data sheet. compliance code 2) 2) the compliance code is printed on the module label and describes the speed grade, for example ?pc2?4200r?444?12?f0?, where 4200r means registered dimm modules with 4.26 gb/sec module bandw idth and ?444-11? means column address strobe (cas) latency = 4, row column delay (rcd) latency = 4 and row precharge (rp) latency = 4 using the latest jedec spd revision 1.2 and produced on the raw card ?f? description sdram technology pc2-5300 hys72t64000hr?3?a 512 mb 1r 8 pc2?5300r?444?12?f0 1 rank, ecc 512 mbit ( 8) hys72t128000hr?3?a 1 gb 1r 4 pc2?5300r?444?12?h0 1 rank, ecc 512 mbit ( 4) hys72t128020hr?3?a 1 gb 2r 8 pc2?5300r?444?12?g0 2 ranks, ecc 512 mbit ( 8) hys72t256220hr?3?a 2 gb 2r 4 pc2?5300r?444?12?j1 2 ranks, ecc 512 mbit ( 4) hys72t64000hr?3s?a 512 mb 1r 8 pc2?5300r?555?12?f0 1 rank, ecc 512 mbit ( 8) hys72t128000hr?3s?a 1 gb 1r 4 pc2?5300r?555?12?h0 1 rank, ecc 512 mbit ( 4) hys72t128020hr?3s?a 1 gb 2r 8 pc2?5300r?555?12?g0 2 ranks, ecc 512 mbit ( 8) hys72t256220hr?3s?a 2 gb 2r 4 pc2?5300r?555?12?j1 2 ranks, ecc 512 mbit ( 4) hys72t256040hr?3s?a 2 gb 4r 4 pc2?5300r?555?12?n0 4 ranks, ecc 512 mbit ( 8) pc2?4200 hys72t64000hr?3.7?a 512 mb 1r 8 pc2?4200r?444?12?f0 1 rank, ecc 512 mbit ( 8) hys72t128000hr?3.7?a 1 gb 1r 4 pc2?4200r?444?12?h0 1 rank, ecc 512 mbit ( 4) hys72t128020hr?3.7?a 1 gb 2r 8 pc2?4200r?444?12?g0 2 ranks, ecc 512 mbit ( 8) hys72t256220hr?3.7?a 2 gb 2r 4 pc2?4200r?444?12?j1 2 ranks, ecc 512 mbit ( 4) hys72t256040hr?3.7?a 2 gb 4r 8 pc2?4200r?444?12?n0 4 ranks, ecc 512 mbit ( 8) pc2-3200 hys72t64000hr?5?a 512 mb 1r 8 pc2?3200r?333?12?f0 1 rank, ecc 512 mbit ( 8) hys72t128000hr?5?a 1 gb 1r 4 pc2?3200r?333?12?h0 1 rank, ecc 512 mbit ( 4) hys72t128020hr?5?a 1 gb 2r 8 pc2?3200r?333?12?g0 2 ranks, ecc 512 mbit ( 8) hys72t256220hr?5?a 2 gb 2r 4 pc2?3200r?333?12?j1 2 ranks, ecc 512 mbit ( 4) internet data sheet rev. 1.31, 2006-11 5 03292006-21gc-mk06 hys72t[64/128/256]xx0hr?[3/3s/3.7/5]?a registered ddr2 sdram modules table 3 address format table 4 components on modules dimm density module organization memory ranks ecc/ non-ecc # of sdrams # of row/bank/columns bits raw card 512 mb 64m 72 1 ecc 9 14/2/10 f 1 gb 128m 72 1 ecc 18 14/2/11 g 1 gb 128m 72 2 ecc 18 14/2/10 h 2 gb 256m 72 2 ecc 36 14/2/11 j 2 gb 256m 72 4 ecc 36 14/2/10 n product type 1) 1) green product dram components 1) dram density dram organization note 2) 2) for a detailed description of all avail able functions of the dram components on these modules see the component data sheet. hys72t64000hr hyb18t512800af 512 mbit 64m 8 hys72t128000hr hyb18t512400af 512 mbit 128m 4 hys72t128020hr hyb18t512800af 512 mbit 64m 8 hys72t256020hr hyb18t512400af 512 mbit 128m 4 hys72t256220hr hyb18t512400af 512 mbit 128m 4 hys72t256040hr hyb18t512800af 512 mbit 64m 8 internet data sheet rev. 1.31, 2006-11 6 03292006-21gc-mk06 hys72t[64/128/256]xx0hr?[3/3s/3.7/5]?a registered ddr2 sdram modules 2 pin configuration this chapter contains the pin configuration. 2.1 pin configuration the pin configuration of the registered ddr2 sdram dimm is listed by function in table 5 (240 pins). the abbreviations used in columns pin and buffer type are explained in table 6 and table 7 respectively. the pin numbering is depicted in figure 1 . table 5 pin configuration of rdimm ball no. name pin type buffer type function clock signals 185 ck0 i sstl clock signal ck0, comple mentary clock signal ck0 186 ck0 i sstl 52 cke0 i sstl clock enables 1:0 note: 2-ranks module 171 cke1 i sstl nc nc ? not connected note: 1-rank module control signals 193 s0 i sstl chip select rank 1:0 note: 2-ranks module 76 s1 i sstl nc nc ? not connected note: 1-rank module 192 ras i sstl row address strobe ( ras), column address strobe (cas), write enable (we) 74 cas i sstl 73 we i sstl 18 reset icmos register reset address signals 71 ba0 i sstl bank address bus 1:0 190 ba1 i sstl 54 ba2 i sstl bank address bus 2 greater than 512mb ddr2 sdrams nc i sstl not connected less than 1gb ddr2 sdrams internet data sheet rev. 1.31, 2006-11 7 03292006-21gc-mk06 hys72t[64/128/256]xx0hr?[3/3s/3.7/5]?a registered ddr2 sdram modules 188 a0 i sstl address bus 12:0, address signal 10/autoprecharge 183 a1 i sstl 63 a2 i sstl 182 a3 i sstl 61 a4 i sstl 60 a5 i sstl 180 a6 i sstl 58 a7 i sstl 179 a8 i sstl 177 a9 i sstl 70 a10 i sstl ap i sstl 57 a11 i sstl 176 a12 i sstl 196 a13 i sstl address signal 13 nc nc ? not connected note: non ca parity modules based on 256 mbit component 174 a14 i sstl address signal 14 note: ca parity module nc nc ? not connected note: non ca parity module. less than 1 gbit per dram die. 173 a15 i sstl address signal 14 note: ca parity module nc nc ? not connected note: non ca parity module. less than 1 gbit per dram die. ball no. name pin type buffer type function internet data sheet rev. 1.31, 2006-11 8 03292006-21gc-mk06 hys72t[64/128/256]xx0hr?[3/3s/3.7/5]?a registered ddr2 sdram modules data signals 3 dq0 i/o sstl data bus 63:0 data input/output pins 4 dq1 i/o sstl 9 dq2 i/o sstl 10 dq3 i/o sstl 122 dq4 i/o sstl 123 dq5 i/o sstl 128 dq6 i/o sstl 129 dq7 i/o sstl 12 dq8 i/o sstl 13 dq9 i/o sstl 21 dq10 i/o sstl 22 dq11 i/o sstl 131 dq12 i/o sstl 132 dq13 i/o sstl 140 dq14 i/o sstl 141 dq15 i/o sstl 24 dq16 i/o sstl 25 dq17 i/o sstl 30 dq18 i/o sstl 31 dq19 i/o sstl 143 dq20 i/o sstl 144 dq21 i/o sstl 149 dq22 i/o sstl 150 dq23 i/o sstl 33 dq24 i/o sstl 34 dq25 i/o sstl 39 dq26 i/o sstl 40 dq27 i/o sstl 152 dq28 i/o sstl 153 dq29 i/o sstl 158 dq30 i/o sstl 159 dq31 i/o sstl 80 dq32 i/o sstl 81 dq33 i/o sstl 86 dq34 i/o sstl 87 dq35 i/o sstl 199 dq36 i/o sstl 200 dq37 i/o sstl 205 dq38 i/o sstl ball no. name pin type buffer type function internet data sheet rev. 1.31, 2006-11 9 03292006-21gc-mk06 hys72t[64/128/256]xx0hr?[3/3s/3.7/5]?a registered ddr2 sdram modules 206 dq39 i/o sstl data bus 63:0 89 dq40 i/o sstl 90 dq41 i/o sstl 95 dq42 i/o sstl 96 dq43 i/o sstl 208 dq44 i/o sstl 209 dq45 i/o sstl 214 dq46 i/o sstl 215 dq47 i/o sstl 98 dq48 i/o sstl 99 dq49 i/o sstl 107 dq50 i/o sstl 108 dq51 i/o sstl 217 dq52 i/o sstl 218 dq53 i/o sstl 226 dq54 i/o sstl 227 dq55 i/o sstl 110 dq56 i/o sstl 111 dq57 i/o sstl 116 dq58 i/o sstl 117 dq59 i/o sstl 229 dq60 i/o sstl 230 dq61 i/o sstl 235 dq62 i/o sstl 236 dq63 i/o sstl check bits 42 cb0 i/o sstl check bits 7:0 check bit input / output pins note: nc on non-ecc module 43 cb1 i/o sstl 48 cb2 i/o sstl 49 cb3 i/o sstl 161 cb4 i/o sstl 162 cb5 i/o sstl 167 cb6 i/o sstl 168 cb7 i/o sstl ball no. name pin type buffer type function internet data sheet rev. 1.31, 2006-11 10 03292006-21gc-mk06 hys72t[64/128/256]xx0hr?[3/3s/3.7/5]?a registered ddr2 sdram modules data strobe bus 7 dqs0 i/o sstl data strobes 17:0 6 dqs0 i/o sstl 16 dqs1 i/o sstl 15 dqs1 i/o sstl 28 dqs2 i/o sstl 27 dqs2 i/o sstl 37 dqs3 i/o sstl 36 dqs3 i/o sstl 84 dqs4 i/o sstl 83 dqs4 i/o sstl 93 dqs5 i/o sstl 92 dqs5 i/o sstl 105 dqs6 i/o sstl 104 dqs6 i/o sstl 114 dqs7 i/o sstl 113 dqs7 i/o sstl 46 dqs8 i/o sstl 45 dqs8 i/o sstl 125 dqs9 i/o sstl 126 dqs9 i/o sstl 134 dqs10 i/o sstl 135 dqs10 i/o sstl 146 dqs11 i/o sstl 147 dqs11 i/o sstl 155 dqs12 i/o sstl 156 dqs12 i/o sstl 202 dqs13 i/o sstl 203 dqs13 i/o sstl 211 dqs14 i/o sstl 212 dqs14 i/o sstl 223 dqs15 i/o sstl 224 dqs15 i/o sstl 232 dqs16 i/o sstl 233 dqs16 i/o sstl 164 dqs17 i/o sstl 165 dqs17 i/o sstl ball no. name pin type buffer type function internet data sheet rev. 1.31, 2006-11 11 03292006-21gc-mk06 hys72t[64/128/256]xx0hr?[3/3s/3.7/5]?a registered ddr2 sdram modules data mask 125 dm0 i sstl data masks 8:0 note: 8 based module 134 dm1 i sstl 146 dm2 i sstl 155 dm3 i sstl 202 dm4 i sstl 211 dm5 i sstl 223 dm6 i sstl 232 dm7 i sstl 164 dm8 i sstl eeprom 120 scl i cmos serial bus clock 119 sda i/o od serial bus data 239 sa0 i cmos serial address select bus 2:0 240 sa1 i cmos 101 sa2 i cmos parity 55 err_out ocmos parity bits note: not connected on non- parity registered modules. par_in i cmos power supplies 1 v ref ai ? i/o reference voltage 238 v ddspd pwr ? eeprom power supply 51, 56, 62, 72, 75, 78, 170, 175,, 181, 191, 194 v ddq pwr ? i/o driver power supply 53, 59, 64, 67, 69, 172, 178, 184,, 187, 189, 197 v dd pwr ? power supply 2, 5, 8, 11, 14, 17, 20, 23, 26, 29, 32, 35, 38, 41, 44, 47, 50, 65, 66, 79, 82, 85, 88, 91, 94, 97, 100, 103, 106, 109, 112, 115, 118, 121, 124, 127, 130, 133, 136, 139, 142, 145, 148, 151, 154, 157, 160, 163, 166, 169, 198, 201, 204, 207, 210, 213, 216, 219, 222, 225, 228, 231, 234, 237 v ss gnd ? ground plane ball no. name pin type buffer type function internet data sheet rev. 1.31, 2006-11 12 03292006-21gc-mk06 hys72t[64/128/256]xx0hr?[3/3s/3.7/5]?a registered ddr2 sdram modules other pins 19, 68, 102, 137, 138, 220, 221 nc nc ? not connected 195 odt0 i sstl on-die termination control 1:0 note: 2-ranks module 77 odt1 i sstl nc nc ? note: 1-rank modules ball no. name pin type buffer type function internet data sheet rev. 1.31, 2006-11 13 03292006-21gc-mk06 hys72t[64/128/256]xx0hr?[3/3s/3.7/5]?a registered ddr2 sdram modules table 6 abbreviations for buffer type table 7 abbreviations for pin type abbreviation description sstl serial stub terminated logic (sstl_18) cmos cmos levels od open drain. the corresponding pin has 2 operational states, active low and tristate, and allows multiple devices to share as a wire-or. abbreviation description i standard input-only pin. digital levels. o output. digital levels. i/o i/o is a bidirectional input/output signal. ai input. analog levels. pwr power gnd ground nu not usable nc not connected internet data sheet rev. 1.31, 2006-11 14 03292006-21gc-mk06 hys72t[64/128/256]xx0hr?[3/3s/3.7/5]?a registered ddr2 sdram modules figure 1 pin configuration for rdimm (240 pins) 0 3 3 7 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 9 5 ( ) ' 4 9 6 6 ' 4 6 ' 4 9 6 6 ' 4 ' 4 6 9 6 6 1 & 9 6 6 ' 4 ' 4 6 9 6 6 ' 4 ' 4 9 6 6 ' 4 6 5 ( 6 ( 7 9 6 6 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q ' 4 ' 4 9 6 6 ' 4 6 ' 4 9 6 6 ' 4 ' 4 6 9 6 6 ' 4 & |