Part Number Hot Search : 
4744A 1N6299A 2SD780 MICONDUC 58010 B1517 C911805 C74HC40
Product Description
Full Text Search
 

To Download FDS6673AZNF073 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  january 2005 ? 2005 fairchild semiconductor corporation fds6673az rev c (w) fds6673az 30 volt p-channel powertrench ? mosfet general description this p-channel mosfet has been designed specifically to improve the overall efficiency of dc/dc converters using either sy nchronous or conventional switching pwm controllers, and battery chargers. these mosfets feature faster switching and lower gate charge than other mosfets with comparable r ds(on) specifications. the result is a mosfet that is easy and safer to drive (even at very high frequencies), and dc/dc power supply designs with higher overall efficiency. features ? ?14.5 a, ?30 v. r ds(on) = 7.2 m ? @ v gs = ?10 v r ds(on) = 11 m ? @ v gs = ? 4.5 v ? extended v gss range (?25v) for battery applications ? esd protection diode (note 3) ? high performance trench technology for extremely low r ds(on) ? high power and current handling capability s d s s so-8 d d d g 4 5 3 6 2 7 1 8 absolute maximum ratings t a =25 o c unless otherwise noted symbol parameter ratings units v dss drain-source voltage ?30 v v gss gate-source voltage + 25 v i d drain current ? continuous (note 1a) ?14.5 a ? pulsed ?50 power dissipation for single operation (note 1a) 2.5 (note 1b) 1.2 p d (note 1c) 1.0 w t j , t stg operating and storage junction temperature range ?55 to +175 c thermal characteristics r ja thermal resistance, junction-to-ambient (note 1a) 50 c/w r jc thermal resistance, junction-to-case (note 1) 25 c/w package marking and ordering information device marking device reel size tape width quantity fds6673az fds6673az 13?? 12mm 2500 units fds6673az
fds6673az rev c (w) electrical characteristics t a = 25c unless otherwise noted symbol parameter test conditions min typ max units off characteristics bv dss drain?source breakdown voltage v gs = 0 v, i d = ?250 a ?30 v ? bv dss ? t j breakdown voltage temperature coefficient i d = ?250 a,referenced to 25 c ?25 mv/ c i dss zero gate voltage drain current v ds = ?24 v, v gs = 0 v ?1 a i gss gate?body leakage v gs = + 20 v, v ds = 0 v + 10 a on characteristics (note 2) v gs(th) gate threshold voltage v ds = v gs , i d = ?250 a ?1 ?1.6 ?3 v ? v gs(th) ? t j gate threshold voltage temperature coefficient i d = ?250 a,referenced to 25 c 5.8 mv/ c r ds(on) static drain?source on?resistance v gs = ?10 v, i d = ?14.5 a v gs = ?4.5 v, i d = ?12 a v gs =?4.5 v, i d =?14.5a, t j =125 c 6.0 8.8 7.8 7.2 11 10.4 m ? g fs forward transconductance v ds = ?5 v, i d = ?14.5 a 50 s dynamic characteristics c iss input capacitance 4480 pf c oss output capacitance 1190 pf c rss reverse transfer capacitance v ds = ?15 v, v gs = 0 v, f = 1.0 mhz 615 pf r g gate resistance v gs = 15 mv, f = 1.0 mhz 3.8 switching characteristics (note 2) t d(on) turn?on delay time 22 35 ns t r turn?on rise time 8 16 ns t d(off) turn?off delay time 134 214 ns t f turn?off fall time v dd = ?15 v, i d = ?1 a, v gs = ?10 v, r gen = 6 ? 79 126 ns q g total gate charge 84 118 nc q gs gate?source charge 12 nc q gd gate?drain charge v ds = ?15 v, i d = ?14.5 a, v gs = ?10 v 19 nc drain?source diode characteristics and maximum ratings i s maximum continuous drain?source diode forward current ?2.1 a v sd drain?source diode forward voltage v gs = 0 v, i s = ?2.1 a (note 2) ?0.7 ?1.2 v t rr reverse recovery time 44 ns q rr reverse recovery charge i f = ?14.5 a, d if /d t = 100 a/s (note 2) 29 nc notes: 1. r ja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the so lder mounting surface of the drain pins. r jc is guaranteed by design while r ca is determined by the user's board design. a) 50c/w (10 sec) 62.5c/w steady state when mounted on a 1in 2 pad of 2 oz copper b) 105c/w when mounted on a .04 in 2 pad of 2 oz copper c) 125c/w when mounted on a minimum pad. scale 1 : 1 on letter size paper 2. pulse test: pulse width < 300 s, duty cycle < 2.0% 3. the diode connected between the gate and source serves only as protection against esd. no gate overvoltage rating is implied. fds6673az
fds6673az rev c (w) typical characteristics 0 20 40 60 80 00.511.52 -v ds , drain to source voltage (v) -i d , drain current (a) v gs = -10v -3.0v -3.5v -6.0v -4.5v -4.0v 0.6 1 1.4 1.8 2.2 2.6 3 3.4 3.8 0 20406080 -i d , drain current (a) r ds(on) , normalized drain-source on-resistance v gs = - 3.0v -6.0v -4.5v -10v -5.0v -4.0v -3.5v figure 1. on-region characteristics. fi gure 2. on-resistance variation with drain current and gate voltage. 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 1.6 1.7 -50 -25 0 25 50 75 100 125 150 175 t j , junction temperature ( o c) r ds(on) , normalized drain-source on-resistance i d = -14.5a v gs = -10v 0.00 0.01 0.01 0.02 0.02 0.02 246810 -v gs , gate to source voltage (v) r ds(on) , on-resistance (ohm) i d = -7.3a t a = 125 o c t a = 25 o c figure 3. on-resistance variation with temperature. figure 4. on-resistance variation with gate-to-source voltage. 0 20 40 60 80 1.5 2 2.5 3 3.5 4 -v gs , gate to source voltage (v) -i d , drain current (a) t a = -55 o c 25 o c 125 o c v ds = -5v 0.001 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 -v sd , body diode forward voltage (v) -i s , reverse drain current (a) v gs = 0v t a = 125 o c 25 o c -55 o c figure 5. transfer characteristics. figure 6. body diode forward voltage variation with source current and temperature. fds6673az
fds6673az rev c (w) typical characteristics 0 2 4 6 8 10 0 102030405060708090 q g , gate charge (nc) -v gs , gate-source voltage (v) i d = -14.5a v ds = -10v -15v -20v 0 1000 2000 3000 4000 5000 6000 0 5 10 15 20 25 30 -v ds , drain to source voltage (v) capacitance (pf) c iss c oss c rss f = 1 mhz v gs = 0 v figure 7. gate charge characteristics. figure 8. capacitance characteristics. 0.01 0.1 1 10 100 0.01 0.1 1 10 100 -v ds , drain-source voltage (v) -i d , drain current (a) dc 1s 100ms 100 s r ds(on) limit v gs = -10v single pulse r ja = 125 o c/w t a = 25 o c 10ms 1ms 10s 0 10 20 30 40 50 0.001 0.01 0.1 1 10 100 1000 t 1 , time (sec) p(pk), peak transient power (w) single pulse r ja = 125c/w t a = 25c figure 9. maximum safe operating ar ea. figure 10. single pulse maximum power dissipation. 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t 1 , time (sec) r(t), normalized effective transient thermal resistance r ja (t) = r(t) * r ja r ja = 125 o c/w t j - t a = p * r ja (t) duty cycle, d = t 1 / t 2 p (p k ) t 1 t 2 single pulse 0.01 0.02 0.05 0.1 0.2 d = 0.5 figure 11. transient thermal response curve. thermal characterization perf ormed using the conditions described in note 1c. transient thermal response will change depending on the circuit board design. fds6673az
disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production intellimax? isoplanar? littlefet? microcoupler? microfet? micropak? microwire? msx? msxpro? ocx? ocxpro? optologic ? optoplanar? pacman? fast ? fastr? fps? frfet? globaloptoisolator? gto? hisec? i 2 c? i-lo ? implieddisconnect? rev. i15 acex? activearray? bottomless? coolfet? crossvolt ? dome? ecospark? e 2 cmos? ensigna? fact? fact quiet series? pop? power247? poweredge? powersaver? powertrench ? qfet ? qs? qt optoelectronics? quiet series? rapidconfigure? rapidconnect? serdes? silent switcher ? smart start? spm? stealth? superfet? supersot?-3 supersot?-6 supersot?-8 syncfet? tinylogic ? tinyopto? trutranslation? uhc? ultrafet ? unifet? vcx? across the board. around the world.? the power franchise ? programmable active droop?


▲Up To Search▲   

 
Price & Availability of FDS6673AZNF073

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X