Part Number Hot Search : 
2112R B140110 13003L 6T50A CHQ05 FR6G05 APS3611 R2100
Product Description
Full Text Search
 

To Download DS1833Z-15TAMPR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 5 041002 features  automatically restarts microprocessor after power failure  maintains active-high reset for 350 ms after v cc returns to an in-tolerance condition  accurate 5%, 10% or 15% microprocessor 5v power supply monitoring  reduces need for discrete components  precision temperature-compensated voltage reference and voltage sensor  low-cost to-92 package or surface mount sot-223 package  internal 5k pull-up resistor  operating temperature of -40  c to +85  c pin assignment pin description pin 1 ground pin 2 reset pin 3 v cc pin 4 ground (sot-223 only) description the ds1833 econoreset uses a precis ion temperature compensated refe rence and comparator circuit to monitor the status of the power supply (v cc ). when an out-of-tolerance condition is detected, an internal power fail signal is generated which forces reset to the active (high) state. when v cc returns to an in- tolerance condition, the reset signal is kept in the active state for approximately 350 ms to allow the power supply and processor to stabilize. operation - power monitor the ds1833 provides the functions of detecting out-o f-tolerance power supply conditions and warning a processor-based system of impe nding power failure. when v cc is detected as out-of-tolerance, as defined by the tolerance of the part selected, the rs t signal is asserted. on power-up, rst is kept active for approximately 350 ms after the power supply has re ached the selected tolerance. this allows the power supply and microprocessor to stabilize before rst is released. ds1833 5v econoreset www.maxim-ic.com 1 2 3 1 2 3 bottom view to-92 package see mech. drawings section on website 2 3 4 top view sot-23 package see mech. drawings section on website 1 dallas ds1833 econo reset
ds1833 2 of 5 block diagram figure 1 application example figure 2
ds1833 3 of 5 power-up figure 3 power-down figure 4
ds1833 4 of 5 absolute maximum ratings* voltage on v cc pin relative to ground -0.5v to +7.0v voltage on i/o relative to ground -0.5v to v cc +0.5v operating temperature -40  c to +85  c storage temperature -55  c to +125  c soldering temperature 260  c for 10 seconds * this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods of time may affect reliability. recommended dc operating conditions (-40  c to +85  c) parameter symbol min typ max units notes supply voltage v cc 1.2 5.0 5.5 v 1 dc electrical characteristics (-40  c to +85  c; v dd =5v  10%) parameter symbol min typ max units notes low level @ rst v ol 0.4 v 1 output current @ 0.4v i ol +8 ma operating current i cc 1.5 2 ma v cc trip point 5% v cctp1 4.5 4.625 4.74 v 1 v cc trip point 10% v cctp2 4.25 4.375 4.49 v 1 v cc trip point 15% v cctp3 4.0 4.125 4.24 v 1 output capacitance c out 10 pf internal pull-up resistor r p 3.75 5 6.25 k  ac electrical characteristics (-40  c to +85  c; v cc =5v  10%) parameter symbol min typ max units notes reset active time t rst 250 350 450 ms v cc detect to rst t rpd 100 ns v cc slew rate (4.75v - 4.00v) t f 300  s v cc slew rate (4.00v - 4.75v) t r 0ns v cc detect to rst t rpu 250 350 450 ms notes: 1. all voltages are referenced to ground.
ds1833 5 of 5 econoreset selec tion guide vcc trip point pushbutton detect min typ max min typ max ds1233-15 4.0 4.125 4.24 2.4 - 3.3 ds1233-10 4.25 4.375 4.49 2.4 - 3.3 ds1233-5 4.5 4.625 4.75 2.4 - 3.3 ds1233d-15 4.0 4.125 4.24 n/a n/a ds1233d-10 4.25 4.375 4.49 n/a n/a ds1233d-5 4.5 4.625 4.75 n/a n/a ds1833-15 4.0 4.125 4.24 n/a n/a ds1833-10 4.25 4.375 4.49 n/a n/a 5v ds1833-5 4.5 4.625 4.75 n/a n/a ds1233a-15 2.64 2.72 2.80 1.8 - 3.0 3.3v ds1233a-10 2.8 2.88 2.97 1.8 - 3.0
english ? ???? ? ??? ? ??? what's new products solutions design appnotes support buy company members ds1833 part number table notes: see the ds1833 quickview data sheet for further information on this product family or download the ds1833 full data sheet (pdf, 128kb). 1. other options and links for purchasing parts are listed at: http://www.maxim-ic.com/sales . 2. didn't find what you need? ask our applications engineers. expert assistance in finding parts, usually within one business day. 3. part number suffixes: t or t&r = tape and reel; + = rohs/lead-free; # = rohs/lead-exempt. more: see full data sheet or part naming conventions . 4. * some packages have variations, listed on the drawing. "pkgcode/variation" tells which variation the product uses. 5. part number notes free sample buy direct package: type pins size drawing code/var * temp rohs/lead-free? materials analysis ds1833z-15+ st223;3 pin;137 dwg: 56-g0005-001a (pdf) use pkgcode/variation: k3+1 * -40c to +85c rohs/lead-free: yes materials analysis ds1833z-5+ st223;3 pin;137 dwg: 56-g0005-001a (pdf) use pkgcode/variation: k3+1 * -40c to +85c rohs/lead-free: yes materials analysis ds1833z-10+ st223;3 pin;137 dwg: 56-g0005-001a (pdf) use pkgcode/variation: k3+1 * -40c to +85c rohs/lead-free: yes materials analysis
ds1833z-5+t&r 5% st223;3 pin;137 dwg: 56-g0005-001a (pdf) use pkgcode/variation: k3+1 * -40c to +85c rohs/lead-free: yes materials analysis ds1833z-15+t&r 15% st223;3 pin;137 dwg: 56-g0005-001a (pdf) use pkgcode/variation: k3+1 * -40c to +85c rohs/lead-free: yes materials analysis ds1833z-10+t&r 10% st223;3 pin;137 dwg: 56-g0005-001a (pdf) use pkgcode/variation: k3+1 * -40c to +85c rohs/lead-free: yes materials analysis ds1833z-15 15% monitor st223;3 pin;137 dwg: 56-g0005-001a (pdf) use pkgcode/variation: k3-1 * -40c to +85c rohs/lead-free: no materials analysis ds1833z-10 10% monitor st223;3 pin;137 dwg: 56-g0005-001a (pdf) use pkgcode/variation: k3-1 * -40c to +85c rohs/lead-free: no materials analysis ds1833z-5 5% monitor st223;3 pin;137 dwg: 56-g0005-001a (pdf) use pkgcode/variation: k3-1 * -40c to +85c rohs/lead-free: no materials analysis ds1833z-15/t&r 15% st223;3 pin;137 dwg: 56-g0005-001a (pdf) use pkgcode/variation: k3-1 * -40c to +85c rohs/lead-free: no materials analysis ds1833z-10/t&r 10% st223;3 pin;137 dwg: 56-g0005-001a (pdf) use pkgcode/variation: k3-1 * -40c to +85c rohs/lead-free: no materials analysis ds1833z-5/t&r 5% st223;3 pin;137 dwg: 56-g0005-001a (pdf) use pkgcode/variation: k3-1 * -40c to +85c rohs/lead-free: no materials analysis ds1833-15+ to92;3 pin;185 dwg: 56-g0006-001a (pdf) use pkgcode/variation: q3+1 * -40c to +85c rohs/lead-free: yes materials analysis ds1833-10/t&r 10% to92;3 pin;185 dwg: 56-g0006-003a (pdf) use pkgcode/variation: q3-4 * -40c to +85c rohs/lead-free: no materials analysis
ds1833-5 5% monitor to92;3 pin;185 dwg: 56-g0006-001a (pdf) use pkgcode/variation: q3-1 * -40c to +85c rohs/lead-free: no materials analysis ds1833-10 10% monitor to92;3 pin;185 dwg: 56-g0006-001a (pdf) use pkgcode/variation: q3-1 * -40c to +85c rohs/lead-free: no materials analysis ds1833-10+ to92;3 pin;185 dwg: 56-g0006-001a (pdf) use pkgcode/variation: q3+1 * -40c to +85c rohs/lead-free: yes materials analysis ds1833-5+ to92;3 pin;185 dwg: 56-g0006-001a (pdf) use pkgcode/variation: q3+1 * -40c to +85c rohs/lead-free: yes materials analysis ds1833-5+t&r 5% to92;3 pin;185 dwg: 56-g0006-003a (pdf) use pkgcode/variation: q3+4 * -40c to +85c rohs/lead-free: yes materials analysis ds1833-15/t&r 15% to92;3 pin;185 dwg: 56-g0006-003a (pdf) use pkgcode/variation: q3-4 * -40c to +85c rohs/lead-free: no materials analysis ds1833-10+t&r 10% to92;3 pin;185 dwg: 56-g0006-003a (pdf) use pkgcode/variation: q3+4 * -40c to +85c rohs/lead-free: yes materials analysis ds1833-15 15% monitor to92;3 pin;185 dwg: 56-g0006-001a (pdf) use pkgcode/variation: q3-1 * -40c to +85c rohs/lead-free: no materials analysis ds1833-5/t&r 5% to92;3 pin;185 dwg: 56-g0006-003a (pdf) use pkgcode/variation: q3-4 * -40c to +85c rohs/lead-free: no materials analysis ds1833-15+t&r 15% to92;3 pin;185 dwg: 56-g0006-003a (pdf) use pkgcode/variation: q3+4 * -40c to +85c rohs/lead-free: yes materials analysis didn't find what you need?
contact us: send us an email copyright 2007 by maxim integrated products, dallas semiconductor ? legal notices ? privacy policy


▲Up To Search▲   

 
Price & Availability of DS1833Z-15TAMPR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X