Part Number Hot Search : 
B80C1 M0365 2C508 2E225 SP2111 EX242 56F8000 DT60L
Product Description
Full Text Search
 

To Download DM74ALS1034MX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2000 fairchild semiconductor corporation ds006259 www.fairchildsemi.com september 1986 revised february 2000 dm74als1034 hex non-inverting driver dm74als1034 hex non-inverting driver general description these devices contain six independent drivers, each of which performs the logic identity function. features n switching specifications at 50 pf n switching specifications guaranteed over full tempera- ture and v cc range n advanced oxide-isolated, ion-implanted schottky ttl process n functionally and pin for pin compatible with schottky and low power schottky ttl counterpart n improved ac performance over schottky and low power schottky counterparts ordering code: devices also available in tape and reel. specify by appending the suffix letter x to the ordering code. connection diagram function table y = a l = low logic level h = high logic level order number package number package description dm74als1034m m14a 14-lead small outline integrated circuit (soic), jedec ms-012, 0.150 narrow dm74als1034n n14a 14-lead plastic dual-in-line package (pdip), jedec ms-001, 0.300 wide input output ay hh ll
www.fairchildsemi.com 2 dm74als1034 absolute maximum ratings (note 1) note 1: the absolute maximum ratings are those values beyond which the safety of the device cannot be guaranteed. the device should not be operated at these limits. the parametric values defined in the electrical characteristics tables are not guaranteed at the absolute maximum ratings. the recommended operating conditions table will define the conditions for actual device operation. recommended operating conditions electrical characteristics over recommended operating free air temperature range. all typical values are measured at v cc = 5v, t a = 25 c. switching characteristics over recommended operating free air temperature range. supply voltage 7v input voltage 7v operating free air temperature range 0 c to + 70 c storage temperature range - 65 c to + 150 c typical q ja n package 76.0 c/w m package 106.5 c/w symbol parameter min nom max units v cc supply voltage 4.5 5 5.5 v v ih high level input voltage 2 v v il low level input voltage 0.8 v i oh high level output current - 15 ma i ol low level output current 24 ma t a free air operating temperature 0 70 c symbol parameter conditions min typ max units v ik input clamp voltage v cc = 4.5v, i i = - 18 ma - 1.2 v v oh high level i oh = - 0.4 ma, v cc = 4.5v to 5.5v v cc - 2v output voltage i oh = max, v cc = 4.5v 2 v i oh = - 3 ma, v cc = 4.5v 2.4 v ol low level v cc = 4.5v i ol = 12 ma 0.25 0.4 v output voltage i ol = 24 ma 0.35 0.5 v i i input current @ maximum input voltage v cc = 5.5v, v i = 7v 0.1 ma i ih high level input current v cc = 5.5v, v i = 2.7v 20 m a i il low level input current v cc = 5.5v, v i = 0.4v - 0.1 ma i o output drive current v cc = 5.5v, v o = 2.25v - 30 - 112 ma i cc supply current v cc = 5.5v outputs high 3 6 ma outputs low 8 14 ma symbol parameter conditions min max units t plh propagation delay time v cc = 4.5v to 5.5v 18ns low-to-high level output r l = 500 w t phl propagation delay time c l = 50 pf 18ns high-to-low level output
3 www.fairchildsemi.com dm74als1034 physical dimensions inches (millimeters) unless otherwise noted 14-lead small outline integrated circuit (soic), jedec ms-012, 0.150 narrow package number m14a
www.fairchildsemi.com 4 dm74als1034 hex non-inverting driver physical dimensions inches (millimeters) unless otherwise noted (continued) 14-lead plastic dual-in-line package (pdip), jedec ms-001, 0.300 wide package number n14a fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and fairchild reserves the right at any time without notice to change said circuitry and specifications. life support policy fairchilds products are not authorized for use as critical components in life support devices or systems without the express written approval of the president of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be rea- sonably expected to result in a significant injury to the user. 2. a critical component in any component of a life support device or system whose failure to perform can be rea- sonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of DM74ALS1034MX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X