Part Number Hot Search : 
06C10 APT1608 XO3090 V54C3256 U74HC14 GAANU KS224510 2N5682
Product Description
Full Text Search
 

To Download BAT54 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount schottky diode b at5 4 / a / c / s silicon epitaxial planar type features small surface mounting ty pe high reliability high speed ( t rr < 5 ns ) mechanical dat a case : sot -23 termi nals : solder plated, solderable per mil-st d-750, method 2026 mounting p osition : any maximum ratings (at t a =25 o c unless otherwise noted) parameter conditions symbol min. typ. max. unit repetitive peak reverse voltage v rrm 30 v reverse voltage v r 30 v peak forward surge current t p < 10 ms i fsm 600 ma repetitive peak forward current t p < 1 s i frm 300 ma forward current i f 200 ma junction temperature t j 125 o c storage temperature t stg -55 +150 o c f o r m o s a m s sot-23 dimensions in inches and (millimeters) electrical characteristics (at t a =25 o c unless otherwise noted) parameter conditions symbol min. typ. max. unit i f = 0.1ma v f 0.240 v i f = 1ma v f 0.320 v i f = 10ma v f 0.400 v i f = 30ma v f 0.500 v i f = 100ma v f 0.800 v reverse current v r = 25v i r 2.0 ua diode capacitance v r = 1v , f = 1mhz c d 10.0 pf reverse recovery time i f =10ma, v r = 10ma, i rr = 0.1 x i r , r l =100 ohm t rr 5 ns forward voltage 0.033 (0.85) 0.045 (1.15) r 0.05 (0.002) 0.055 (1.40) 0.047 (1.20) 0.102 (2.60) 0.094 (2.40) 0.028 (0.70) 0.020 (0.50) (a) (b) (c) 0 . 1 1 8 ( 3 . 0 0 ) 0 . 1 1 0 ( 2 . 8 0 ) . 0 7 9 ( 2 . 0 0 ) . 0 7 1 ( 1 . 8 0 ) 0 . 0 4 0 ( 1 . 0 2 ) 0 . 0 3 5 ( 0 . 8 8 ) 0 . 0 1 7 ( 0 . 4 2 ) 0 . 0 1 5 ( 0 . 3 8 ) a c b a c b a c b a c b marking code BAT54 ba t54a BAT54c ba t54s kl1 kl2 kl3 kl4
rating and characteristic curves for each diode (BAT54 / a / c / s) notes: notes: ? t recovery time equivalent test circuit 820 ohm +10v 2 k 0.1 uf 100uh 0.1 uf dut 50 ohm output pulse generator 50 ohm input sampling oscilloscope i f t r v r t 10% 90% t p t r t ir(rec)=1 ma output pulse (if=ir=10ma;measured at ir(rec)=1ma) 1. a2.0 kohm variable resistor adjusted for a forward current (if) of 10ma. 2. input pulse is adjusted so ir(peak) is equal to 10 ma. 3. tp >> trr. notes : handbook, halfpag e 1.2 0.8 0.4 0 (3) (2) (1) (3) (2) (1) 0 1 0 2 0 3 0 (1) (2) (3) h 0 1 0 2 0 3 0 0 5 10 15 f o r w a r d c u r r e n t , ( m a ) forward voltage,(v) o (1) ta = 125 c oo (2) ta = 85 c (3) ta = 25 c fig.1-typical forward characteristics r e v e r s e l e a k a g e c u r r e n t , ( u a ) reverse voltage, (v) fig.2 - leakage current characteristics 1000 100 10 1 0.1 1000 100 10 1 0.1 o (1) ta = 125 c oo (2) ta = 85 c (3) ta = 25 c fig.3-typical junction capacit ance j u n c t i o n c a p a c i t a n c e , ( p f ) reverse voltage,(v)


▲Up To Search▲   

 
Price & Availability of BAT54

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X