Part Number Hot Search : 
K3702 ICROS 3216S SI6410DQ 3216S D212RPI C78N05 BZX84
Product Description
Full Text Search
 

To Download A3361 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the A3361x and a3362x hall-effect switches are extremely temperature-stable and stress-resistant sensors. superior performance over temperature is made possible through dynamic offset cancellation, which reduces the residual offset voltage normally caused by device overmolding, temperature dependencies, and thermal stress. the two devices differ only in output polarity; the A3361x output current goes low in the presence of a south pole of sufficient strength; the a3362x output current goes high. each device includes on a single silicon chip a voltage regulator, hall-voltage generator, small-signal amplifier, chopper stabilization, schmitt trigger, and a constant-current open-collector output. an on-board regulator permits operation with supply voltages of 3.5 to 24 volts. noise radiation is limited by control of the output current slew rate. three package styles provide a magnetically optimized package for most applications. suffix xlh is a miniature sot23w low-profile surface-mount package, and suffix 'xua' is a three-lead ultra-mini sip for through-hole mounting. features  internal current regulator for 2-wire operation  resistant to physical stress  superior temperature stability  operation from unregulated supply  solid-state reliability  small size always order by complete part number: the prefix 'a' + the basic four-digit part number + a suffix to indicate operating temperature range (e) + a two-letter suffix to indicate package style, e.g., A3361elh . 2-wire, chopper-stabilized, hall-effect switches suffix code 'lh' pinning (sot23w) absolute maximum ratings at t a =+25 c nc x supply ground 12 3 dwg. ph-003-5 no (internal) connection pinning is shown viewed from branded side. 3361 and 3362 supply voltage, v cc ........................ 26.5 v reverse battery voltage, v rcc .......... -16 v magnetic flux density, b ........... unlimited package power dissipation, p d . see graph junction temperature, t j ............... +170 c operating temperature range, t a ............................... -40 c to +85 c storage temperature range, t s .............................. -65 c to +170 c data sheet 27621.50
   
 
  
 &(
5"> &b ."?

b&bb;&b/</&&bbb      89! 5!c bb " bb!?"3  dwg. fh-020-4 x dynamic offset cancellation supply reg. sample & hold low-pass filter to all subcircuits ground 4  !   
   x dwg. ph-003-6  supply ground   no (internal) connection nc x dwg. ph-003-7a  supply ground   ground    
   
 
  
 www.allegromicro.com  
!  :313"#*11;<:;#""#213"#33"* 2#* ."3"-#3*#- <2+; *##*  <1 " #*        ! "#
$% & & '( " ) *  ) + ) ! "#
$,", - & & " ,.* **  .*    ) (/- & - " 
&!  :313"#*11;<:;#""#213"#33"* 2#* ."3"-#3*#- <2+; *##*  <1 " #*        ! "#
$,", & & '( " ) *  ) + ) ! "#
$% - & & " ,.* **  .*    ) (/- & - " (-$8!

d
b
;<    :313"##213"#33" 2#* ."3"-#3*#- <2+; *##*  <1 " #* .0 1 0 22  1 /( '  0   2  "#
%   2 %3 (/- & 4/   "#
,   2 ,1 ' & '5  2 1678. 9 2 & - & :,;    1 *< 2 % $-6 & & (-  *   )*  2 % $-6 & /( &  *   6  9 2 % $-6 & /( &  * )=* .2  22 0 )22 $'40 & & '(  (-$8 
@


  e: &  5
= 55 e =
 !  
  
   
 
  
 &(
5"> &b ."?

b&bb;&b/</&&bbb  +b 0 output current flux density dwg. gh-007-3 0 rp b i cc i out + i cc op b +i   
 
& +b 0 output current flux density dwg. gh-007-4 0 rp b op b i out + i cc i cc +i
   
 
  
 www.allegromicro.com (     "-="9*"#3> ? "-="9*"#3>@ ! 
 

!



 ! "   
 
 
! 
  0.038" 0.96 mm   dw g . mh-025 0.011" 0.28 mm nom active area depth 0.059" 1.49 mm a  0.045" 1.14 mm    dw g . mh-008-8a 0.0305" 0.775 mm nom active area depth 0.088" 2.24 mm a    dwg. mh-011-9b 0.0195" 0.50 mm nom branded surface active area depth 0.080" 2.04 mm 0.056" 1.44 mm a "-="9*"#3> ? 600 400 200 20 60 100 140 0 ambient temperature in     c allowable package power dissipation in milliwatts dwg. gh-046-4 suffix "eua" r  ja = 165  c/w 40 80 120 180 700 500 300 100 160 800 suffix "elh" r  ja = 228  c/w allegro $   

  
 
  


 8 f hall-effect ic applications guide 7 p55nufclu4t y4le id8 hall-effect devices: soldering, gluing, potting, encapsulat- ing, and lead forming 7 p55nufclu4t y4le ir9d8 soldering of through-hole hall-sensor dervices 7 p55nufclu4t y4le ir8 cts soldering of surface-mount hall-sensor devices 7 p55nufclu4t y4le ir9i9 4.e selcunes sewf.u5lu4tw 4m lhe fh455e.awlc0unu1es fu.f,ul 45e.clu4t fct 0e m4,ts utf monolithic magnetic hall sensor using dynamic quadrature offset cancelation 7 tefhtufcn gc5e. 2tg xad8 cts chopper-stabilized amplifiers with a track-and-hold signal demodulator 7 tefhtufcn gc5e. 2tg xxad9 pnn c.e 5.4;uses cl ccc-taabhm9lwfm9-f9l esss2le 20;od2;t0r4e 20;
   
 
  
 &(
5"> &b ."?

b&bb;&b/</&&bbb 4    9 dwg. eh-012 reg sample & hold x +v hall voltage b + ? dwg. ah-011-2 100  dwg. eh-011-2a 0.1  f supply x    'ua' package 0.95 v e + .113a#"+;b-.c  
 
    





.
  ! 
! 

 !   

 
 

  d"
 
!d )   
 
!
 
 

      !"
    "


% ! d 

 !
! !    !!

 ! 5?-

 
!
 
" 
 
 !
 
!!

   
 
!  !
 
 


  
  !
  d   


 
d 
 
!"
  
"

 


  ! d
! !
   


 !
 !d     

!

  13"#   

!
"     

!  ;<  

  
 
 
   ;> -4 <  "  d
  
 ! 
  ;3 h(@;< <. 
!   
  
 ;> 64 <" 
  d
 
 
 !  ;3 h(@;+< <  
   
> -4 
 
> 64    
! 


 ;>  <   

 !      


 
 
  11;-"#* 3 !  

 
 


  ;  
  < 
!      
 
 ! 
  
%
  d
3361 and 3362 2-wire, chopper-stabilized, hall-effect switches www.allegromicro.com 7 operating characteristics avg. iccl@3.5v 5.0 5.2 5.4 5.6 5.8 6.0 6.2 6.4 6.6 6.8 7.0 -40 25 85 temperature (c) iccl (ma) -40 25 85 avg. iccl@24v 5.0 5.2 5.4 5.6 5.8 6.0 6.2 6.4 6.6 6.8 7.0 -40 25 85 temperature (c) iccl (ma) -40 25 85 avg. iccl @ 25c 5.0 5.2 5.4 5.6 5.8 6.0 6.2 6.4 6.6 6.8 7.0 iccl3.5 iccl24 voltage (v) icch d142269hpq d134259bpz d318262hpg avg. irbat 2.000 2.500 3.000 3.500 4.000 4.500 5.000 -40 25 85 temperature (c) irbat [ma] -40c 25c 85c avg. icch@3.5v 12.0 13.0 14.0 15.0 16.0 17.0 -40 25 85 temperature (c) icch (ma) -40 25 85 avg. icch@24v 12.0 13.0 14.0 15.0 16.0 17.0 -40 25 85 temperature (c) icch (ma) -40 25 85 avg. icch @ 25c 13.8 14.0 14.2 14.4 14.6 14.8 15.0 15.2 15.4 15.6 15.8 icch3.5 icch24 voltage (v) icch d142269hpq d134259bpz d318262hpg
3361 and 3362 2-wire, chopper-stabilized, hall-effect switches 115 northeast cutoff, box 15036 worcester, massachusetts 01615-0036 (508) 853-5000 8 operating characteristics avg. bop @25c 40.0 50.0 60.0 70.0 80.0 90.0 100.0 110.0 120.0 bop3.5 bop24 voltage (v) bop+ [g] d142269hpq d134259bpz d318262hpg avg. brp @25c 40.0 50.0 60.0 70.0 80.0 90.0 100.0 110.0 120.0 bop3.5 bop24 voltage (v) brp+ [g] d142269hpq d134259bpz d318262hpg avg. bhy @25c 5.0 7.0 9.0 11.0 13.0 15.0 17.0 19.0 21.0 23.0 25.0 27.0 29.0 bhy3.5 bhy24 voltage (v) bhy [g] d142269hpq d134259bpz d318262hpg avg. brp+ @24v 40.0 50.0 60.0 70.0 80.0 90.0 100.0 110.0 120.0 -40 25 85 temperature (c) brp+ [g] -40 25 85 avg. bop+ @24v 40.0 50.0 60.0 70.0 80.0 90.0 100.0 110.0 120.0 -40 25 85 temperature (c) bop+ [g] -40 25 85 avg. bhy @24v 5.0 7.0 9.0 11.0 13.0 15.0 17.0 19.0 21.0 23.0 25.0 27.0 29.0 -40 25 85 temperature (c) bhy [g] -40 25 85 avg. brp+ @3.5v 40.0 50.0 60.0 70.0 80.0 90.0 100.0 110.0 120.0 -40 25 85 temperature (c) brp+ [g] -40 25 85 avg. bop+ @3.5v 40.0 50.0 60.0 70.0 80.0 90.0 100.0 110.0 120.0 -40 25 85 temperature (c) bop+ [g] -40 25 85 avg. bhy @3.5v 5.0 7.0 9.0 11.0 13.0 15.0 17.0 19.0 21.0 23.0 25.0 27.0 29.0 -40 25 85 temperature (c) bhy [g] -40 25 85
   
 
  
 www.allegromicro.com 9 8!9!   9 *2(*< < . (-$8  
 
)
!!
  

 @  !  

 
   ;
 ! <  $
 

 !
 
  ,     !     !

 ' . 
 "    
 & iri
 

 dwg. ma-011-3 mm 12 1.00 2.40 0.95 0.70 3 dwg. ma-010-3c in 12 0.006 0.000 0.0079 0.0050 0.083 0.073 0.118 0.106 0.037 bsc 0.022 ref 0.020 0.012 3 0.045 0.032 0  to 8  0.020 min gauge plane seating plane 0.020 bsc 0.122 0.114 dwg. ma-011-3 in 12 0.039 0.094 0.03 7 0.028 3 92**-.* 998. 92**;;2#3* 8 1<** dwg. ma-010-3c mm 12 0.15 0.00 0.20 0.127 2.10 1.85 3.00 2.70 0.95 bsc 0.55 ref 0.50 0.30 3 1.13 0.87 0  to 8  0.25 min gauge plane seating plane 0.25 bsc 3.10 2.90
3361 and 3362 1236 an .5v--a 2unli6m6taen 5lmm2adda.ndu36n.5au mgpmdpdmpd4pg 2cs-mciids1densdcs. mgpmdpdmpd0mmgg 2cm1mnnmnsn1csi. a3e382d2n48o367ad 3 14 dc 10l3r5vt3d60v6h5t583623g82e65v-6sg-e26r3hr3d3ve 5ll0s57l36a0l-60mmd3edc6ga3vdg0vd68go3v65r3 a35d+r3-65e6e236sg-3de6h0gve6h5regv86lgv3c uc .5te670-p65v-6l35-6t0vmg8+r5eg0v65e6o3v-0rd60heg0v sge2gv6lgaged6d20svc ac n3g82e6-03d6v0e6gvtl+-36a0l-685e36ml5d2c c 3t0aa3v-3-6agvga+a6620l36-g5a3e3r6e06tl35r er5vdgeg0v65r356gd6ca66c6aac c 23r36v06e0l3r5vt36gd6dh3tgmg3-6-ga3vdg0v6gd6v0agv5lc nc 4+hhlg3-6gv67+l6h5t66hg3t3d6h3r6758c oo 1 1 o oo 1 1 o asmd-gsd1dddsgd3.5t2 3-e 1 35-im0ra6-ga3vdg0vd65r36e236v0agv5ld6hr0-+t3-60v6e23 m0ragv863+gha3vec6606-ga3vdg0v5l6e0l3r5vt36gd6gahlg3-60r 8+5r5ve33-6m0r67+l6h5t58gv866hg3t3d6h3r6758c o o o o o
3361 and 3362 2-wire, chopper-stabilized, hall-effect switches 115 northeast cutoff, box 15036 worcester, massachusetts 01615-0036 (508) 853-5000 11 the products described herein are manufactured under one or more of the following u.s. patents: 5,045,920; 5,264,783; 5,442,283; 5,389,889; 5,581,179; 5,517,112; 5,619,137; 5,621,319; 5,650,719; 5,686,894; 5,694,038; 5,729,130; 5,917,320; and other patents pending. allegro microsystems, inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the performance, reliability, or manufacturability of its products. before placing an order, the user is cautioned to verify that the information being relied upon is current. allegro products are not authorized for use as critical components in life-support appliances, devices, or systems without express written approval. the information included herein is believed to be accurate and reliable. however, allegro microsystems, inc. assumes no responsi- bility for its use; nor for any infringements of patents or other rights of third parties that may result from its use.


▲Up To Search▲   

 
Price & Availability of A3361

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X