Part Number Hot Search : 
SFH6318 IDT5T9 BYT30 PT2322 PF070D SG2527AJ X9315ZSI TSOP48
Product Description
Full Text Search
 

To Download A2500R09C00GR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  anaren, inc. / 6635 kirkville road / east syracuse, ny 13057 800.411.6596 / http://www.anaren.com / air@anaren.com ? frequency range: 902 - 928 mhz (n. america) and 868 - 870 mhz (europe) ? fcc, ic and etsi compliant, shielded package ? digital rssi output ? programmable output power up to +10dbm ? high sensitivity ( - 112 dbm at 1.2 kbaud, 915 mhz 1% packet error rate) ? ultra - small package size 9 x 16 x 2.5mm ? lga footprint ? rohs compliant ? operating temperature - 40 to +85c ? impedance - controlled, multi - layer pcb ? 1.8 to 3.6 vdc ? low current consumption (15 ma in rx, 1.2 kbaud, 915 mhz) ? 200 na sleep mode current consumption ? efficient spi interface; all registers can be programmed with one burst transfer ? available in tape & reel and matrix tray a110lr09a the a110lr09a is a ultra low cost, high - performance, fcc & ic certi- fied radio module that incorporates the texas instruments cc110l value line transceiver chip in the industrys smallest package (9 x 16 x 2.5mm). 110l series features benefits block diagram this product shall not be used in any of the following products or systems without prior express written permission from anaren microwave, inc: (i) implantable cardiac rhythm management systems, including without limitation pacemakers, defibrillators and cardiac resynchronization devices; (ii) external cardiac rhythm management systems that communicate directly with one or more implantable medical devices; or (iii) other devices used to monitor or treat cardiac function, including without limitation pressure sensors, biochemical sensors and neurostimulators. ? minimal rf engineering experience necessary ? no additional intentional radiator certifica- tion required (fcc cfr 47 part 15, ic rss - 210) ? minimal real estate required ? easily implemented on a two layer pcb ? no additional harmonic filtering required ? 100% rf - tested in production ? common footprint for product family ? no additional dc decoupling required ? integrated analog temperature sensor ? excellent receiver selectivity and blocking performance ? suitable for frequency hopping systems, thanks to a fast - settling frequency synthesizer with 90 s settling time ? impedance - matched balun for optimized effi- ciency ? support for asynchronous and synchronous serial receive/transmit mode for backwards compatibility with existing radio communica- tion protocols please note: additional information on the texas instruments cc110l device can be found in the companys latest datasheet release at http://www.ti.com
anaren, inc. / 6635 kirkville road / east syracuse, ny 13057 800.411.6596 / http://www.anaren.com / air@anaren.com product overview nomenclature caution! esd sensitive device. precautions should be used when handling the device in order to prevent permanent damage. the a110lr09a is a high - performance, dual - band fcc & ic certified and etsi compliant radio module that incorporates the texas instruments cc110l value line low - cost transceiver chip in the industrys smallest package (9 x 16 x 2.5mm) and is compatible with all ti - approved software stacks. with an lga pad footprint, this module is de- signed to effortlessly integrate into a wide range of applications, including: industrial control, build- ing automation, low - power wireless sensor net- works, lighting control, and automated meter reading. the a110lr09a has an rohs - compliant enig finish and is packaged on tape and reel for high - volume automated manufacturing. footprint pin diagram a (anaren) 1 chip series (cc1101, cc110l, cc2500) 2 function (r = radio only) 3 frequency band (x100mhz) 4 form factor (a = internal antenna, c = connector) 5 design id (00 = default) 6 application (g = general) 7 packaging (r = tape/reel, m = matrix tray) 1150b refer to users manual for additional layout guidelines. dimensions in mm. dnc = do not connect


▲Up To Search▲   

 
Price & Availability of A2500R09C00GR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X