Part Number Hot Search : 
74AUP2 LTC1662C HX4N60C 13R10 DS21348 12864F STZ8300C 239007
Product Description
Full Text Search
 

To Download 74ACT86B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/8 april 2001 n high speed: t pd = 5.0ns (typ.) at v cc = 5v n low power dissipation: i cc = 2 m a(max.) at t a =25c n compatible with ttl outputs v ih = 2v (min.), v il = 0.8v (max.) n 50 w transmission line driving capability n symmetrical output impedance: |i oh | = i ol = 24ma (min) n balanced propagation delays: t plh @ t phl n operating voltage range: v cc (opr) = 4.5v to 5.5v n pin and function compatible with 74 series 86 n improved latch-up immunity description the 74act86 is an advanced high-speed cmos quad exclusive or gate fabricated with sub-micron silicon gate and double-layer metal wiring c 2 mos tecnology. the internal circuit is composed of 3 stages in- cluding buffer output, which enables high noise immunity and stabe output. the device is designed to interface directly high speed cmos systems with ttl, nmos and cmos output voltage levels. all inputs and outputs are equipped with protec- tion circuits against static discharge, giving them 2kv esd immunity and transient excess voltage. 74act86 quad exclusive or gate pin connection and iec logic symbols order codes package tube t & r dip 74ACT86B sop 74act86m 74act86mtr tssop 74act86ttr tssop dip sop
74act86 2/8 input and output equivalent circuit pin description truth table absolute maximum ratings absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these conditi ons is not implied. recommended operating conditions 1) v in from 0.8v to 2.0v pin no symbol name and function 1, 4, 9, 12 1a to 4a data inputs 2, 5, 10, 13 1b to 4b data inputs 3, 6, 8, 11 1y to 4y data outputs 7 gnd ground (0v) 14 v cc positive supply voltage aby lll lhh hlh hhl symbol parameter value unit v cc supply voltage -0.5 to +7 v v i dc input voltage -0.5 to v cc + 0.5 v v o dc output voltage -0.5 to v cc + 0.5 v i ik dc input diode current 20 ma i ok dc output diode current 20 ma i o dc output current 50 ma i cc or i gnd dc v cc or ground current 200 ma t stg storage temperature -65 to +150 c t l lead temperature (10 sec) 300 c symbol parameter value unit v cc supply voltage 4.5 to 5.5 v v i input voltage 0 to v cc v v o output voltage 0 to v cc v t op operating temperature -55 to 125 c dt/dv input rise and fall time v cc = 4.5 to 5.5v (note 1) 8 ns/v
74act86 3/8 dc specifications 1) maximum test duration 2ms, one output loaded at time 2) incident wave switching is guaranteed on transmission lines with impedances as low as 50 w ac electrical characteristics (c l = 50 pf, r l = 500 w , input t r = t f = 3ns) (*) voltage range is 5.0v 0.5v capacitive characteristics 1) c pd is defined as the value of the ics internal equivalent capacitance which is calculated from the operating current consumption without load. (refer to test circuit). average operating current can be obtained by the following equation. i cc(opr) = c pd x v cc x f in + i cc /4 (per gate) symbol parameter test condition value unit v cc (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. v ih high level input voltage 4.5 v o = 0.1 v or v cc -0.1v 2.0 1.5 2.0 2.0 v 5.5 2.0 1.5 2.0 2.0 v il low level input voltage 4.5 v o = 0.1 v or v cc -0.1v 1.5 0.8 0.8 0.8 5.5 1.5 0.8 0.8 0.8 v v oh high level output voltage 4.5 i o =-50 m a 4.4 4.49 4.4 4.4 5.5 i o =-50 m a 5.4 5.49 5.4 5.4 4.5 i o =-24 ma 3.86 3.76 3.7 v 5.5 i o =-24 ma 4.86 4.76 4.7 v ol low level output voltage 4.5 i o =50 m a 0.001 0.1 0.1 0.1 5.5 i o =50 m a 0.001 0.1 0.1 0.1 4.5 i o =24 ma 0.36 0.44 0.5 5.5 i o =24 ma 0.36 0.44 0.5 i i input leakage cur- rent 5.5 v i = v cc or gnd 0.1 1 1 m a i cct max i cc /input 5.5 v i = v cc - 2.1v 0.6 1.5 1.6 ma i cc quiescent supply current 5.5 v i = v cc or gnd 22040 m a i old dynamic output current (note 1, 2) 5.5 v old = 1.65 v max 75 50 ma i ohd v ohd = 3.85 v min -75 -50 ma symbol parameter test condition value unit v cc (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. t plh t phl propagation delay time 5.0 (*) 1.5 5.0 9.5 1.0 10.5 1.0 10.5 ns symbol parameter test condition value unit v cc (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. c in input capacitance 5.0 5 pf c pd power dissipation capacitance (note 1) 5.0 f in = 10mhz 30 pf
74act86 4/8 test circuit c l = 50pf or equivalent (includes jig and probe capacitance) r l = r 1 = 500 w or equivalent r t = z out of pulse generator (typically 50 w ) waveform: propagation delays (f=1mhz; 50% duty cycle)
74act86 5/8 dim. mm inch min. typ. max. min. typ. max. a1 0.51 0.020 b 1.39 1.65 0.055 0.065 b0.5 0.020 b1 0.25 0.010 d200.787 e8.5 0.335 e2.54 0.100 e3 15.24 0.600 f7.10.280 i5.10.201 l3.3 0.130 z 1.27 2.54 0.050 0.100 p001a plastic dip-14 mechanical data
74act86 6/8 dim. mm inch min. typ. max. min. typ. max. a1.750.068 a1 0.1 0.2 0.003 0.007 a2 1.65 0.064 b 0.35 0.46 0.013 0.018 b1 0.19 0.25 0.007 0.010 c0.5 0.019 c1 45 (typ.) d 8.55 8.75 0.336 0.344 e 5.8 6.2 0.228 0.244 e1.27 0.050 e3 7.62 0.300 f 3.8 4.0 0.149 0.157 g 4.6 5.3 0.181 0.208 l 0.5 1.27 0.019 0.050 m0.680.026 s8 (max.) p013g so-14 mechanical data
74act86 7/8 dim. mm inch min. typ. max. min. typ. max. a1.10.433 a1 0.05 0.10 0.15 0.002 0.004 0.006 a2 0.85 0.9 0.95 0.335 0.354 0.374 b 0.19 0.30 0.0075 0.0118 c 0.09 0.20 0.0035 0.0079 d 4.9 5 5.1 0.193 0.197 0.201 e 6.25 6.4 6.5 0.246 0.252 0.256 e1 4.3 4.4 4.48 0.169 0.173 0.176 e 0.65 bsc 0.0256 bsc k0 o 4 o 8 o 0 o 4 o 8 o l 0.50 0.60 0.70 0.020 0.024 0.028 c e b a2 a e1 d 1 pin 1 identification a1 l k e tssop14 mechanical data
74act86 8/8 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specificati ons mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2001 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malaysia - malta - morocco singapore - spain - sweden - switzerland - united kingdom ? http://www.st.com


▲Up To Search▲   

 
Price & Availability of 74ACT86B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X