Part Number Hot Search : 
C101M ARRAYS 1C102 P6SMB27A KA358DTF SR2N7 SMA64A FR154
Product Description
Full Text Search
 

To Download 3315C-015-006L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. 3315 - 9 mm square sealed incremental encoder features miniature package for design flexibility long operating life conductive plastic element bushing or pc board mount quadrature output rohs compliant versions available* electrical characteristics output ..........................................................................................................2-bit gray code , channel a leads channel b electrically turning clockwise (cw) closed circuit resistance ...................................................................................................... ........................................................................5 ohms maximum contact rating................................................................................................................. .........................................................................ttl compatible loads insulation resistance (500 vdc) ................................................................................................ ......................................................1,000 megohms minimum dielectric withstanding voltage sea level ...................................................................................................................... ............................................................................900 vac minimum electrical travel .............................................................................................................. ..........................................................................................continuous contact bounce ................................................................................................................. .................................................................5 milliseconds maximum rpm (operating) ................................................................................................................ ..................................................................................120 maximum environmental characteristics operating temperature range .................................................................................................... ....................................-40 c to +125 c (-40 f to +257 f) storage temperature range ...................................................................................................... ....................................-55 oc to +125 oc (-67 f to +257 f) humidity....................................................................................................................... .............................................mil-std-202, method 103b, condition b vibration ...................................................................................................................... ........................................................................................................30 g contact bounce ................................................................................................................. ...........................................................5.0 millisecond maximum shock .......................................................................................................................... ......................................................................................................100 g contact bounce ................................................................................................................. ...........................................................5.0 millisecond maximum rotational life ................................................................................................................ ......................................................................100,000 cycles @ 6 ppr 25,000 cycles @ 16 ppr ip rating ...................................................................................................................... ........................................................................................................ip 67 mechanical characteristics mechanical angle ............................................................................................................... .............................................................................360 continuous running torque ................................................................................................................ ........................................................3.53 n-cm (5 oz.-in.) maximum mounting torque plastic bushing................................................................................................................ ..................................................45.19 n-cm (4.0 lb.-in.) maximum metal bushing .................................................................................................................. ......................................................79 n-cm (7.0 lb.-in.) maximum weight ......................................................................................................................... .....................................................................................4.5 gm (0.15 oz.) terminals ...................................................................................................................... ......................................................................................solderable pins soldering condition manual soldering ..................................................96.5sn/3.0ag/0.5cu solid wire or no-clean rosin cored wire; 3 70 c (700 f) max. for 3 seconds wave soldering............................................................................96.5sn/3.0ag/0.5cu solder with no-cle an flux; 260 c (500 f) max. for 5 seconds wash processes ..........................................................for recommended wash processes, please refer to http:// www.bourns.com/pdfs/sldclen.pdf marking ........................................................................................................................ ......................manufacturers trademark, part number, and date code hardware ..................................................one lockwasher and one mounting nut are shipped with each encoder, ex cept where noted in the part number. suggested incremental control diagram 5 ms delay debounce (mc 14490) .0015 f 9 7 magnitude (customer logic circuitry) decode logic up/down counter direction binary output quadrature output table clockwise channel a channel b channel c *rohs compliant versions available
3315 - 9 mm square sealed incremental encoder part numbering system 3315 y - 0 0 1 - 006 l model number designator 3315 = 9 mm encoder terminal style designator c = in-line straight terminals side exit r = in-line terminals rear exit p = 5.08 mm x 2.54 mm triangular pattern rear exit y = 5.08 mm x 5.08 mm triangular pattern rear exit shaft end designator 0 = shaft end slotted 1 = shaft end flatted shaft length designator 0 = 12.7 mm fms long plastic shaft (available w/bushing only) 1 = 19.05 mm fms long plastic shaft (available w/bushing only) 2 = 5.59 mm fms (bushingless version only) bushing designator 1 = 6.35 mm x 6.35 mm plastic 2 = 6.35 mm x 6.35 mm ni plated brass 5 = bushingless (board level) pulses per revolution code 006 = 6 ppr 016 = 16 ppr rohs identifier l = compliant blank = non-compliant specifications are subject to change without notice. customers should verify actual device performance in their specific applications.
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. 3315 - 9 mm square sealed incremental encoder product dimensions a a a a c c c c b b b b a c b common dimensions 3315-001 plastic bushing slotted shaft common dimensions 3315c-101 plastic flatted shaft 3315c-001 3315y-001 3315p-001 3315r-001 9.53 .25 (.375 .010) 9.53 .25 (.375 .010) 9.53 .25 (.375 .010) 9.53 .25 (.375 .010) 9.53 .25 (.375 .010) .391 .38 (.154 .015) 9.53 .25 (.375 .010) 5.97 .89 (.235 .035) 2.54 .25 (.100 .010) 2.54 .25 (.100 .010) 2.54 .25 (.100 .010) 2.54 .38 (.100 .015) mounting surface 4.83 (.190) 2.39 (.094) 5.08 .25 (.200 .010) 5.97 .89 (.235 .035) 2.54 .25 (.100 .010) 2.54 .25 (.100 .010) 2.54 .25 (.100 .010) 2.54 .25 (.100 .010) 2.54 .25 (.100 .010) 2.54 .25 (.100 .010) 5.97 .89 (.235 .035) 5.97 .89 (.235 .035) 2.54 .25 (.100 .010) .51 .05 (.020 .002) solder plated copper pins dia. 3.18 .05 (.125 .002) dia. .64 .10 (.025 .004) wide .76 .25 (.030 .010) deep x .51 (.020) 4 places dia. mounting surface 4.78 (.188) 7.62 (.300) .38 (.015) min. standoff .76 .05 x .76 (.030 .002 x .030) anti-rotation boss high r 6.35 .08 (.250 .003) mounting dia. 4.83 .25 (.190 .010) 4.83 .38 (.190 .015) 6.35 .08 (.250 .003) mounting dia. 12.70 .64 (.500 .025) from mounting surface 5.18 .38 (.204 .015) 12.70 .64 (.500 .025) adjustment slot 4.75 (.187) min. full thread 6.35 (.250) .38 (.015) min. standoff 1/4-32 unef-2a threaded plastic bushing mounting surface mounting hole pattern 1.70 0.03 (.067 .001) dia. 6.53 0.03 (.257 .001) dia. 4.78 (.188) mm dimensions: (in.)
3315 - 9 mm square sealed incremental encoder product dimensions 3315p-101 a c b 2.54 .25 (.100 .010) 2.54 .25 (.100 .010) 2.54 .25 (.100 .010) 2.54 .25 (.100 .010) 2.54 .25 (.100 .010) 2.54 .25 (.100 .010) 2.54 .25 (.100 .010) 5.97 .89 (.235 .035) 4.83 .38 (.190 .015) 3315r-101 3315y-101 c a b c a b 2.54 .25 (.100 .010) 2.54 .38 (.100 .015) 5.08 .25 (.200 .010) 5.97 .89 (.235 .035) 5.97 .89 (.235 .035) common dimensions 3315-002 metal bushing 9.53 .25 (.375 .010) 9.53 .38 (.375 .015) .51 .05 (.020 .002) solder plated copper pins dia. 2.54 .25 (.100 .010) 2.54 .25 (.100 .010) 5.97 .89 (.235 .035) 1/4-32 unef-2a threaded plastic bushing mounting surface .38 (.015) min. standoff 6.35 .08 (.250 .003) mounting dia. 3.18 .05 (.125 .002) dia. 6.35 (.250) .76 (.029) 12.70 .64 (.500 .025) 5.11 .25 (.201 .010) 6.35 .64 (.250 .025) .64 .10 (.025 .004) wide .76 .25 (.030 .010) deep x adjustment slot .76 .05 x .97 (.030 .002 x .038) anti-rotation boss high r dia. mounting surface 7.62 (.300) .38 (.015) min. standoff .76 (.030) 2 plcs. 3315c-002 5.08 .51 (.200 .020) a c b 3315p-002 3315r-002 3315y-002 a c b a c b a c b 2.54 .38 (.100 .015) 2.54 .38 (.100 .015) 5.08 .38 (.200 .015) 4.83 .38 (.190 .015) 5.97 .89 (.235 .035) 5.97 .89 (.235 .035) mm dimensions: (in.) specifications are subject to change without notice. customers should verify actual device performance in their specific applications.
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. 3315 - 9 mm square sealed incremental encoder product dimensions bushingless 3315p-025 bushingless 3315y-025 9.53 .25 (.375 .010) 9.53 .25 (.375 .010) 9.53 .25 (.375 .010) a c b a c b 2.54 .25 (.100 .010) 2.54 .38 (.100 .015) 7.62 .20 (.300 .008) 2.54 .25 (.100 .010) 2.54 .25 (.100 .010) 2.54 .25 (.100 .010) 5.97 .89 (.235 .035) 5.97 .89 (.235 .035) 5.08 .25 (.200 .010) .51 .05 (.020 .002) solder plated copper pins dia. dia. 3.18 .05 (.125 .002) 5.59 .38 (.220 .015) 5.59 .38 (.220 .015) dia. 6.35 .20 (.250 .008) dia. .51 .05 (.020 .002) solder plated copper pins dia. 2.54 .25 (.100 .010) .38 (.015) min. standoff .38 (.015) min. standoff .64 .10 (.025 .004) wide .76 .25 (.030 .010) deep x adjustment slot 5.18 .64 (.204 .025) 5.18 .64 (.204 .025) .51 .10 (.020 .004) 4.83 .38 (.190 .015) .38 (.015) min. standoff .38 (.015) min. standoff mm dimensions: (in.) rev. 03/08


▲Up To Search▲   

 
Price & Availability of 3315C-015-006L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X