Part Number Hot Search : 
X4645 T6C96A IRF660 PUA31 06030 T6C96A P589H BR604
Product Description
Full Text Search
 

To Download 30FWJ2CZ47M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  30FWJ2CZ47M 2001-07-13 1 toshiba schottky barrier rectifier stack schottky barrier type 30FWJ2CZ47M low forward voltage schottky barrier switching mode power supply application converter & chopper application  peak forward voltage : v fm 0.47v  repetitive peak reverse voltage : v rrm = 30v  average output rectified current : i o = 30a  low switching losses and output noise. maximum ratings (ta = 25c) characteristic symbol rating unit repetitive peak reverse voltage v rrm 30 v average output rectified current i o 30 a 300 (50hz) peak one cycle surge forward current (sine wave) i fsm 330 (60hz) a junction temperature t j ? 40~125 c storage temperature range t stg ? 40~150 c screw torque D 0.6 nm electrical characteristics (ta = 25c) characteristic symbol test condition min typ. max peak forward voltage (note 1) v fm i fm = 15a D 0.47 v repetitive peak reverse current (note 1) i rrm v rrm = 30v D 15 ma junction capacitance (note 1) c j v r = 10v, f = 1.0mhz 820 D pf thermal resistance r th (j-c) dc total, junction to case D 2.5 c / w note 1: a value of one cell. polarity marking * 1 mark 30fwj2cz type 30FWJ2CZ47M * 2 m * 3 jedec D jeita D toshiba 12 ? 10c1a weight: 2.0g unit: mm
30FWJ2CZ47M 2001-07-13 2
30FWJ2CZ47M 2001-07-13 3
30FWJ2CZ47M 2001-07-13 4  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707ea a restrictions on product use


▲Up To Search▲   

 
Price & Availability of 30FWJ2CZ47M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X