Part Number Hot Search : 
01547 IPW60R STPS745M 3DD102E 1N5236 2SD21 NTE3882 78M12
Product Description
Full Text Search
 

To Download 1N5400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1N5400 - 1n5408 prv : 50 - 1000 volts io : 3.0 amperes features : * high current capability * high surge current capability * high reliability * low reverse current * low forward voltage drop mechanical data : * case : do-201ad molded plastic * epoxy : ul94v-o rate flame retardant * lead : axial lead solderable per mil-std-202, method 208 guaranteed * polarity : color band denotes cathode end * mounting position : any * weight : 0.929 grams maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. symbol 1N5400 1n5401 1n5402 1n5404 1n5406 1n5407 1n5408 unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward current 0.375"(9.5mm) lead length ta = 75 c peak forward surge current 8.3ms single half sine wave superimposed on rated load (jedec method) maximum forward voltage at i f = 3.0 amps. v f 0.95 v maximum dc reverse current ta = 25 c i r 5.0 m a at rated dc blocking voltage ta = 100 c i r(h) 50 m a typical junction capacitance (note1) c j 28 pf typical thermal resistance (note2) r q ja 15 c/w junction temperature range t j - 65 to + 175 c storage temperature range t stg - 65 to + 175 c notes : (1) measured at 1.0 mhz and applied reverse voltage of 4.0v dc (2) thermal resistance from junction to ambient at 0.375" (9.5mm) lead lengths, p.c. board mounted. page 1 of 2 rev. 02 : march 25, 2005 a 200 i fsm rating silicon rectifier diodes i f 3.0 a 0.21 (5.33) 0.19 (4.83) do - 201ad 0.375 (9.53) 0.285 (7.24) 0.052 (1.32) 0.048 (1.22) dimensions in inches and ( millimeters ) 1.00 (25.4) min. 1.00 (25.4) min. * pb / rohs free
rating and characteristic curves ( 1N5400 - 1n5408 ) fig.1 - derating curve for output fig.2 - maximum non-repetitive peak rectified current forward surge current 0 25 50 75 100 125 150 175 1 2 4 6 10 20 40 60 100 ambient temperature, ( c) number of cycles at 60hz fig.3 - typical forward characteristics fig 4 . - typical junction capacitance fig. 5 - typical reverse characteristics page 2 of 2 rev. 02 : march 25, 2005 2.4 1.8 1.2 0.6 3.0 10 1.0 200 0 250 0 150 100 50 10 80 1.0 0.01 100 0.1 100 140 0 20 40 60 120 percent of rated reverse voltage, (%) peak forward surge current, amperes average forward output current, amperes forward current, amperes reverse current, microamperes ta = 25 c ta = 100 c t j = 25 c pulse width = 300 m s 2% duty cycle 0.1 100 10 1 50 5 junction capacitance (pf) reverse voltage, volts 1 2 4 10 20 40 100 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 forward voltage, volts 0.01 8.3ms single half sine-wave (jedec) method t j = 25 c


▲Up To Search▲   

 
Price & Availability of 1N5400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X