this document was generated on 05/27/2010 please check www.molex.com for latest part information part number: 0923171010 status: active overview: picoflex description: picoflex? pf-50 idt-to-idt z-style, 10 circuits, 0.10m (3.94") length documents: 3d model product specification ps-99020-0011 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family cable assemblies series 92317 connector to connector picoflex ? idt-to-idt z style overview picoflex product name picoflex? physical cable length 0.10m (3.94") circuits (loaded) 10 color - resin natural gender female-female lock to mating part none material - metal phosphor bronze material - plating mating tin material - plating termination tin material - resin polyester packaging type bag pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm plating min: mating (in) 80.00 plating min: mating (m) 2.000 plating min: termination (in) 80.00 plating min: termination (m) 2.00 single ended no termination interface: style idt or pierce waterproof / dustproof no wire insulation diameter n/a wire size awg 28 wire/cable type pvc, ribbon cable electrical current - maximum per contact 1.2a shielded no voltage - maximum 250v material info reference - drawing numbers product specification ps-99020-0011 sales drawing sd-92317-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 92317 series mates with picoflex? pf-50 header 90325 , 90800 , 90779 , 90715 , 90814 this document was generated on 05/27/2010 please check www.molex.com for latest part information
|