Part Number Hot Search : 
RB050 000MT 50117K NAL25 MSK640B 170M6458 30F201 1N5235B
Product Description
Full Text Search
 

To Download 0720-FS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   connectors (inlets/outlets) 0720-FS www.schurter.com/pg0 7 connectors iec appliance inlet c8, screw-on mounting, rear side, solder terminal 0720-FS c8 70 c description - panel mount: screw-on mounting from rear-side appliance inlet, - pin temperature 70 c, protection class ii - solder terminals approvals - vde license number: 40017311 - ul license number: e96454 - csa license number: 73165 references general product informatio n weblinks approval s , roh s , china-roh s , mating connector s , e-stor e , distributor-stock-chec k , accessorie s technical data ratings iec 2.5 a / 250 vac; 50 hz ratings ul/csa 2.5 a / 250 vac; 60 hz dielectric strength > 2 kvac between l-n (1 min/50 hz) allowable operation temp. -25 c to 70 c degree of protection from rear-side ip 40 acc. to iec 60529 protection class suitable for appliances with protection class 2 acc. to iec 61140 terminal solder terminals panel thickness s screw: max 4 mm mounting screw torque max 0.5 nm material: housing thermoplastic, black, ul 94v-0 appliance inlet c8 acc. to iec/en 60320-1, ul 498, csa c22.2 no. 42 (for cold conditions) pin-temperature 70 c, 2.5 a, protection class 2 dimensions 35 mm 0720-FS 35 28 15 20.5 28 21 r6.2 12.4 4 6.5 ? 3.3 1.5x2.3 4.2 solder terminals for wires variants type panel mounting panel thickness s [mm] terminal order number 0720-FS screw 4 solder terminals 4300.0096
2 connectors (inlets/outlets) 0720-FS www.schurter.com/pg0 7 connectors packaging unit 50 pcs mating outlets/connector s category / description power cord overview complet e power cord with iec connector c7, straight 70c 251 0 power cord with iec connector c7, angled 251 1 power cord with iec plug c7, angled 251 4 power cord with iec connector c7, straight 70c 481 0 power cord further types to 0720-f s power supply or interconnection cord overview complet e divers power supply and interconnection cords 2.5 a cs01.0121.15 0 divers power supply and interconnection cords 2.5 a cs01.0221.15 0 divers power supply and interconnection cords 2.5 a cs01.0321.15 0 divers power supply and interconnection cords 2.5 a cs01.0421.15 0 divers power supply and interconnection cords 2.5 a cs03.0421.15 0 power supply or interconnection cord further types to 0720-f s ... the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 0720-FS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X