Part Number Hot Search : 
OPB88X HT3001 ST16C650 60L02 BSP62 TPA6120 KSB564AO V800ME11
Product Description
Full Text Search
 

To Download TPC8109 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TPC8109 2003-02-20 1 toshiba field effect transistor silicon p channel mos type (u-mos iii ) TPC8109 lithium ion battery applications notebook pc applications portable equipment applications  small footprint due to small and thin package  low drain-source on resistance: r ds (on) = 14 m ? (typ.)  high forward transfer admittance: |y fs | = 19 s (typ.)  low leakage current: i dss = ? 10 a (max) (v ds = ? 30 v)  enhancement-mode: v th = ? 0.8 to ? 2.0 v (v ds = ? 10 v, i d = ? 1 ma) maximum ratings (ta = 25c) characteristics symbol rating unit drain-source voltage v dss  30 v drain-gate voltage (r gs  20 k  ) v dgr  30 v gate-source voltage v gss  20 v dc (note 1) i d  10 drain current pulse (note 1) i dp  40 a drain power dissipation (t  10 s) (note 2a) p d 1.9 w drain power dissipation (t  10 s) (note 2b) p d 1.0 w single pulse avalanche energy (note 3) e as 130 mj avalanche current i ar  10 a repetitive avalanche energy (note 2a) (note 4) e ar 0.19 mj channel temperature t ch 150 c storage temperature range t stg  55 to 150 c note: for (note 1), (note 2), (note 3) and (note 4), please refer to the next page. this transistor is an electrostatic sensitive device. please handle with caution. unit: mm jedec D jeita D toshiba 2-6j1b weight: 0.080 g (typ.) circuit configuration 8 6 1 2 3 7 5 4
TPC8109 2003-02-20 2 thermal characteristics characteristics symbol max unit thermal resistance, channel to ambient (t  10 s) (note 2a) r th (ch-a) 65.8 c/w thermal resistance, channel to ambient (t  10 s) (note 2b) r th (ch-a) 125 c/w marking (note 5) note 1: please use devices on condition that the channel temperature is below 150c. note 2: (a) device mounted on a glass-epoxy board (a) (b) device mounted on a glass-epoxy board (b) note 3: v dd   24 v, t ch  25c (initial), l  1.0 mh, r g  25  , i ar   10 a note 4: repetitive rating; pulse width limited by maximum channel temperature note 5:  on lower left of the marking indicates pin 1. type TPC8109 (a) fr-4 25.4  25.4  0.8 (unit: mm) (b) fr-4 25.4  25.4  0.8 (unit: mm) lot no. weekly code: (three digits) week of manufacture (01 for first week of year, continues up to 52 or 53) year of manufacture (one low-order digits of calendar year)
TPC8109 2003-02-20 3 electrical characteristics (ta     25c) characteristics symbol test condition min typ. max unit gate leakage current i gss v gs   16 v, v ds  0 v    10  a drain cut-off current i dss v ds   30 v, v gs  0 v    10  a v (br) dss i d   10 ma, v gs  0 v  30   drain-source breakdown voltage v (br) dsx i d   10 ma, v gs  20 v  15   v gate threshold voltage v th v ds   10 v, i d   1 ma  0.8   2.0 v v gs   4 v, i d   5 a  24 30 drain-source on resistance r ds (on) v gs   10 v, i d   5 a  14 20 m  forward transfer admittance |y fs | v ds   10 v, i d   5 a  9 19  s input capacitance c iss  2260  reverse transfer capacitance c rss  290  output capacitance c oss v ds   10 v, v gs  0 v, f  1 mhz  350  pf rise time t r  5  turn-on time t on  13  fall time t f  34  switching time turn-off time t off duty  1%, t w  10  s   143  ns total gate charge (gate-source plus gate-drain) q g  45  gate-source charge 1 q gs1  6.5  gate-drain (?miller?) charge q gd v dd
  24 v, v gs   10 v, i d   10 a  10  nc source-drain ratings and characteristics (ta     25c) characteristics symbol test condition min typ. max unit drain reverse current pulse (note 1) i drp     40 a forward voltage (diode) v dsf i dr   11 a, v gs  0 v   1.2 v r l  3.0  v dd
  15 v  10 v v gs 0 v 4.7  i d   5 a v out
TPC8109 2003-02-20 4 i d ? v ds i d ? v ds i d ? v gs v ds ? v gs |y fs | ? i d r ds (on) ? i d forward transfer admittance  y fs  (s) drain-source voltage v ds (v) drain-source voltage v ds (v) drain current i d (a) drain-source voltage v ds (v) drain current i d (a) gate-source voltage v gs (v) drain current i d (a) gate-source voltage v gs (v) drain current i d (a) drain current i d (a) drain-source on resistance r ds (on) (m  ) 0  1  2  3  4  5 0  10  20  30  40 common source v ds   10 v pulse test 100 ta   55c 25 0 0  2  4  6  10  12  8  0.2  0.4  0.6  0.8 common source ta  25c pulse test i d   10 a  2.5  5 0  0.2 0  0.4  0.6  0.8  1.0  2  4  6  8  10 common source ta  25c pulse test v gs   2 v  2.25  2.75  3.75  2.5  3.5  3.25  3  4  10  8  6  5  0.1  1  10  100 1 3 5 10 30 50 100 300 500 common source ta  25c pulse test  10 v gs   4 v 0  20  30  40  10  2  3  4  5 0  1 v gs   2 v  2.25  2.5 common source ta  25c pulse test  2.75  3  3.25  3.5  3.75  4  6  8  10  5 0.3  0.1  0.3  1  3  10  30  100 1 3 10 30 100 common source v ds   10 v pulse test ta   55c 100 25
TPC8109 2003-02-20 5 r ds (on) ? ta i dr ? v ds capacitance ? v ds v th ? ta p d ? ta dynamic input/output characteristics drain power dissipation p d (w) gate threshold voltage v th (v) ambient temperature ta (c) drain-source on resistance r ds (on) (m  ) drain-source voltage v ds (v) drain-source voltage v ds (v) capacitance c (pf) ambient temperature ta (c) ambient temperature ta (c) drain-source voltage v ds (v) gate-source voltage v gs (v) total gate charge q g (nc) drain reverse current i dr (a) 24 0  80  40 0 40 120 160 80 8 16 32 40 v gs   4 v common source pulse test  10 i d   5 a  2.5  1.3 i d   2.5,  5 a  1.3 30  0.1  0.3  1  3  10  30  100 100 300 1000 3000 10000 c rss c oss c iss common source v gs  0 v f  1 mhz ta  25c 200 0 0.4 0.8 1.2 1.6 2.0 0 50 100 150 (1) device mounted on a glass-epoxy board (a) (note 2a) (2) device mounted on a glass-epoxy board (b) (note 2b) t  10 s (1) (2) 0  80  40 0 40 80 120  0.4  0.8  1.2  1.6  2.0  2.4 common source v ds   10 v i d   1 ma pulse test 160  30  20 0 0 20 40 60 80  10 common source i d   10 a ta  25c pulse test v dd   24 v v ds v gs  6  12  30  20 0  10 v dd   24 v  12  6  6 0  0.1  1  10  100 0.2 0.4 0.6 0.8 1.0 1.2  10 common source ta  25c pulse test  5  3  1 0 v gs  1 v
TPC8109 2003-02-20 6 drain-source voltage v ds (v) drain current i d (a) safe operating area pulse width t w (s) r th  t w normalized transient thermal impedance r th (c/w) 0.1 0.001 0.01 0.1 1 10 100 1000 1 10 100 1000 single pulse (2) (1) device mounted on a glass-epoxy board (a) (note 2a) (2) device mounted on a glass-epoxy board (b) (note 2b) t  10 s (1)  0.1  0.1  1  0.3  10  3  100  30  0.3  1  3  10  30  100 * single pulse ta  25c curves must be derated linearly with increase in temperature. i d max (pulse) * 10 ms * 1 ms * v dss max
TPC8109 2003-02-20 7  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707ea a restrictions on product use


▲Up To Search▲   

 
Price & Availability of TPC8109

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X