specification se-1000-5 model dc voltage rated current current range rated power output voltage adj. range line regulation load regulation setup, rise time hold up time (typ.) voltage range frequency range efficiency (typ.) input inrush current (typ.) leakage current over temperature safety standards safety withstand voltage isolation resistance working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing overload over voltage ac current (typ.) 5v 150a 0 ~ 150a 750w 150mvp-p 3.3 ~ 5.5v 1.0% 1.0% 0.5% 1500ms, 50ms/230vac 1500ms, 50ms/115vac at full load 20ms/230vac 15ms/115vac at full load 90 ~ 132vac / 180 ~ 264vac selected by tb2 254 ~ 370vdc 47 ~ 63hz 81% 17.5a/115vac 10a/230vac 35a/115vac 55a/230vac <2.5ma / 240vac 105 ~ 125% rated output power 5.75 ~ 6.3v 10.4 ~ 12.2v 13.8 ~ 16.2v 18 ~ 21v 28 ~ 32.4v 57.6 ~ 67.2v protection type : shut down o/p voltage, re-power on to recover protection type : shut down o/p voltage, re-power on to recover 70 5 (tsw1) detect on heatsink of power transistor protection type : shut down o/p voltage, recovers automatically after t emperature goes down ul60950-1 approved i/p-o/p:3kvac i/p-fg:1.5kvac o/p-fg:0.5kvac i/p-o/p, i/p-fg, o/p-fg:100m ohms / 500vdc / 25 / 70% rh -20 ~ +60 (refer to "derating curve") 20 ~ 90% rh non-condensing -40 ~ +85 , 10 ~ 95% rh 0.05%/ (0 ~ 50 ) 10 ~ 500hz, 2g 10min./1cycle, 60min. each along x, y, z axes 251.6k hrs min. mil-hdbk-217f (25 ) 278*127*63.5mm (l*w*h) 2.5kg; 6pcs/16kg/1.38cuft 85% 86% 88% 89% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 1.0% 1.0% 1.0% 1.0% 150mvp-p 10 ~ 13.5v 150mvp-p 13.5 ~ 16.5v 200mvp-p 22 ~ 27.5v 200mvp-p 43 ~ 56v 12v 83.3a 0 ~ 83.3a 999.6w 15v 66.7a 0 ~ 66.7a 1000.5w 24v 41.7a 0 ~ 41.7a 1000.8w 48v 20.8a 0 ~ 20.8a 998.4w se-1000-12 se-1000-15 se-1000-24 se-1000-48 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3 . tolerance : includes set up tolerance, line regulation and load regulat ion. 4. by using uvp circuit, psu will not turn on direct by in ac continue on/off cond ition within 5 sec. file name:se-1000-spec 2011-08-23 ac input active surge current limitingac input range selected by switch protections: short circuit / overload / over voltage / over temperature forced air cooling by built-in dc ball bearing fan high power density 7.3w/inch with dc_ok signal output built-in remote on-off control built-in remote sense function ul / cul approved low cost 2 years warranty 3 features : ripple & noise (max.) note.2 voltage tolerance note.3 environment protection 1000w single output power supply s e - 1 0 0 0 s e r i e s 84% 0.5% 0.5% 1.0% 150mvp-p 7.5 ~ 10v 9v 100a 0 ~ 100a 900w se-1000-9 dc_ok signal remote control function psu turn on:3.3v ~ 5.6v pus turn off:0 ~ 1v rc+/rc-: 0 ~ 0.8v power on; 4 ~ 10v power off
mechanical specification derating curve static characteristics tb1:ac input terminal tb2:110/220v change pin no. pin no. 1 1 3 i/p (tb1) emi active rectifiers o.l.p. pwm remote control control fan lock fan protection o.t.p. aux power rectifiers & filter o.v.p. +s -s +v -v dc_ok rc detection circuit power switching inrush current limiting filter 2 2 assignment 110v 220v ac/l short open fg ac/n case no. 935b unit:mm load (%) input voltage (vac) 60hz 90 180 95 190 100 200 115 230 132 264 90 100 80 70 60 50 40 block diagram control pin (cn3) : jst b6b-xh or equivalent pin no. pin no. 1 4 2 5 3 6 assignment assignment +s dc_ok gnd dc_ok signal rc- -s rc+ mating housing jst xhp or equivalent terminal jst sxh-001t or equivalent ambient temperature ( ) load (%) 20 40 50 60 80 100 -20 0 10 20 30 40 45 50 60 70 fosc : 55khz 110/220v(tb2) 180 ~ 264vac 90 ~ 132vac 5v,12v direction air flow tb1 11 9.25 tb2 12 2 13 39 max. 16 63.5 + output 127 +v led 1 6 adj cn3 -v 171.5 19 101.5 12.25 4-m4 (horizontal) others 38 12.5 8-m4(both sides) 278 19 max. 171.5 19 1000w single output power supply s e - 1 0 0 0 s e r i e s file name:se-1000-spec 2011-08-23
mechanical specification dc_ok signal remote sensing dc_ok signal is the voltage difference between "dc_ok" and "g" pin output dc_ok signal is a ttl level signal psu turn on: 3.3 ~ 5.6v psu turn off: 0 ~ 1v remote control between rc+ and rc- sw off(0 ~ 0.8v) sw on(4 ~ 10v) output on off -s -s -s gg g +s +s +s rc- rc- rc- rc+ rc+ rc+ dc ok dc ok dc ok + -v +v -- - ++ load load dc_ok g +v -v + -s +s rc+ external power source connector for remote control rc- sw i=6~20ma load + +v -v + adj adj adj cn3 cn3 cn3 1000w single output power supply s e - 1 0 0 0 s e r i e s file name:se-1000-spec 2011-08-23
|