Part Number Hot Search : 
01800 370911 RFB300 VTE1285 A8294 S7806 2SA1265N 2786GT
Product Description
Full Text Search
 

To Download SBL1645PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds23046 rev. 3 - 2 1 of 2 sbl1630pt-sbl1660pt www.diodes.com  diodes incorporated sbl1630pt - sbl1660pt 16a schottky barrier rectifier features a b e g j l m n p q k s m h r d c maximum ratings and electrical characteristics @ t a = 25c unless otherwise specified  schottky barrier chip  guard ring die construction for transient protection  low power loss, high efficiency  high surge capability  high current capability and low forward voltage drop  for use in low voltage, high frequency inverters, free wheeling, and polarity protection application mechanical data  case: molded plastic  plastic material - ul flammability classification 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: plated leads solderable per mil-std-202, method 208  polarity: as marked on body  marking: type number  weight: 5.6 grams (approx) single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol sbl 1630pt sbl 1635pt sbl 1640pt sbl 1645pt sbl 1650pt sbl 1660pt unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 30 35 40 45 50 60 v rms reverse voltage v r(rms) 21 24.5 28 31.5 35 42 v average rectified output current (note 1) @ t c = 95c i o 16 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 250 a forward voltage drop @ i f = 8.0a, t c = 25c v fm 0.55 0.70 v peak reverse current @t c = 25c at rated dc blocking voltage @ t c = 100c i rm 0.5 50 ma typical total capacitance (note 2) c t 700 pf typical thermal resistance junction to case (note 1) r  jc 3.5 c/w operating and storage temperature range t j, t stg -65 to +150 c notes: 1. thermal resistance junction to case mounted on heatsink. 2. measured at 1.0 mhz and applied reverse voltage of 4.0v dc. to-3p dim min max a 1.88 2.08 b 4.68 5.36 c 20.63 22.38 d 18.5 21.5 e 2.1 2.4 g 0.51 0.76 h 15.38 16.25 j 1.90 2.70 k 2.9  3.65  l 3.78 4.50 m 5.2 5.7 n 0.89 1.53 p 1.82 2.46 q 2.92 3.23 r 11.70 12.84 s  6.10 all dimensions in mm
ds23046 rev. 3 - 2 2 of 2 sbl1630pt-sbl1660pt www.diodes.com 0.1 1.0 10 100 0.2 0.4 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) f fi g . 1 t yp ical forward characteristics sbl1630pt - SBL1645PT sbl1650pt - sbl1660pt 0.6 0.8 t = 25c j pulse width = 300 s 2% duty cycle 50 100 150 0 200 250 300 1 10 100 i , peak forward surge current (a) fsm number of cycles at 60 hz fi g . 3 max non-repetitive forward sur g e current 8.3 ms single half-sine-wave jedec method 0.01 0.1 1.0 10 100 0 40 80 120 i , instantaneous reverse current (ma) r percent of rated peak reverse voltage (%) fi g . 5 t y pical reverse characte ristics per element t = 100c j t = 75c j t = 25c j 0 4 8 12 16 20 0 50 100 150 i , average rectified current (a) (av) t , case temperature (c) c fi g . 1 forward current deratin g curve 100 1000 4 000 0.1 1.0 10 100 c , capacitance (pf) t v , reverse voltage (v) r fi g . 4 t y pical total capacitance per element t = 25c j


▲Up To Search▲   

 
Price & Availability of SBL1645PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X