Part Number Hot Search : 
HZ30L UPD78P AX886 BL8303 AN1015 50117K MIC25 ESD16000
Product Description
Full Text Search
 

To Download MC79M12BDTG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2006 august, 2006 ? rev. 11 1 publication order number: mc79m00/d mc79m00 series 500 ma negative voltage regulators the mc79m00 series of fixed output negative voltage regulators are intended as complements to the popular mc78m00 series devices. available in fixed output voltage options of ?5.0 v, ?8.0 v, ?12 v and ?15 v, these regulators employ current limiting, thermal shutdown, and safe?area compensation, making them remarkably rugged under most operating conditions. with adequate heatsinking they can deliver output currents in excess of 0.5 a. ? no external components required ? internal thermal overload protection ? internal short circuit current limiting ? output transistor safe?area compensation ? also available in surface mount dpak (dt) package ? pb?free packages are available device type/nominal output voltage device nominal output voltage mc79m05 mc79m08 mc79m12 mc79m15 ?5.0 v ?8.0 v ?12 v ?15 v figure 1. representative schematic diagram gnd v o v i 2.4 k 25 3.6 k 1.2 k 1.1 k 2.0 k 12 k 1.0 k 4.9 k 2.0 k 14.7 k 11.5 k 547 2.0 k 4.0 k 0.3 10 k 10 k 20 k 20 k 20 pf 10 pf 240 750 100 2.0 k this device contains 31 active transistors. r1 r2 dpak?3 dt suffix case 369c pin 1. ground 2. input 3. output to?220?3 t suffix case 221ab 3 1 2 http://onsemi.com three?terminal negative fixed voltage regulators see detailed ordering and shipping information in the package dimensions section on page 5 of this data sheet. ordering information 1 2 3 4 marking diagrams mc 79mxxyt awlywwg xx = 05, 08, 12, or 15 y = b or c a = assembly location wl, l = wafer lot y = year ww = work week g = pb?free device standard application mc79mxx input c in * 0.33  f output c o ** 1.0  f a common ground is required between the input and the output voltages. the input voltage must remain typically 1.1 v more negative even during the high point of the input ripple voltage. xx these two digits of the type number indicate nominal voltage. *c in is required if regulator is located an appreciable distance from power supply filter. ** c o improve stability and transient response. 9mxxbg alyww 79mxxg alyww
mc79m00 series http://onsemi.com 2 maximum ratings (t a = 25 c, unless otherwise noted.) rating symbol value unit input voltage v i ?35 vdc power dissipation case 221a (to?220?3) t a = 25 c p d internally limited w thermal resistance, junction?to?ambient  ja 65 c/w thermal resistance, junction?to?case  jc 5.0 c/w case 369c (dpak?3) t a = 25 c p d internally limited w thermal resistance, junction?to?ambient  ja 92 c/w thermal resistance, junction?to?case  jc 6.0 c/w storage junction temperature t stg ?65 to +150 c operating junction temperature range t j ?40 to +150 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. *this device series contains esd protection and exceeds the following tests: human body model 2000 v per mil_std_883, method 3015 machine model method 200 v mc79m05b, c electrical characteristics (v i = ?10 v, i o = 350 ma, t low to t high (note 2), unless otherwise noted.) characteristic symbol min typ max unit output voltage (t j = 25 c) v o ?4.8 ?5.0 ?5.2 vdc line regulation, t j = 25 c (note 1) ?7.0 vdc v i ?25 vdc ?8.0 vdc v i ?18 vdc reg line ? ? 7.0 2.0 50 30 mv load regulation, t j = 25 c (note 1) 5.0 ma i o 500 ma reg load ? 30 100 mv output voltage ?7.0 vdc v i ?25 vdc, 5.0 ma i o 350 ma v o ?4.75 ? ?5.25 vdc input bias current (t j = 25 c) i ib ? 4.3 8.0 ma input bias current change ?8.0 vdc v i ?25 vdc, i o = 350 ma 5.0 ma i o 350 ma, v i = ?10 v  i ib ? ? ? ? 0.4 0.4 ma output noise voltage, t a = 25 c, 10 hz f 100 khz v n ? 40 ?  v ripple rejection (f = 120 hz) rr 54 66 ? db dropout voltage i o = 500 ma, t j = 25 c v i ?v o ? 1.1 ? vdc average temperature coefficient of output voltage i o = 5.0 ma, 0 c t j 125 c  v o /  t ? 0.2 ? mv/ c 1. load and line regulation are specified at constant temperature. change in v o due to heating ef fects must be taken into account separately. pulse testing with low duty cycle is used. 2. b = t low to t high , ?40 c < t j < 125 c c = t low to t high , 0 c < t j < 125 c.
mc79m00 series http://onsemi.com 3 mc79m08b, c electrical characteristics (v i = ?10 v, i o = 350 ma, t low to t high (note 4), unless otherwise noted.) characteristic symbol min typ max unit output voltage (t j = 25 c) v o ?7.7 ?8.0 ?8.3 vdc line regulation, t j = 25 c (note 3) ?7.0 vdc v i ?25 vdc ?8.0 vdc v i ?18 vdc reg line ? ? 5.0 3.0 80 50 mv load regulation, t j = 25 c (note 3) 5.0 ma i o 500 ma reg load ? 30 100 mv output voltage ?7.0 vdc v i ?25 vdc, 5.0 ma i o 350 ma v o ?7.6 ?8.0 ?8.4 vdc input bias current (t j = 25 c) i ib ? ? 8.0 ma input bias current change ?8.0 vdc v i ?25 vdc, i o = 350 ma 5.0 ma i o 350 ma, v i = ?10 v  i ib ? ? ? ? 0.4 0.4 ma output noise voltage, t a = 25 c, 10 hz f 100 khz v n ? 60 ?  v ripple rejection (f = 120 hz) rr 54 63 ? db dropout voltage i o = 500 ma, t j = 25 c v i ?v o ? 1.1 ? vdc average temperature coefficient of output voltage i o = 5.0 ma, 0 c t j 125 c  v o /  t ? 0.4 ? mv/ c 3. load and line regulation are specified at constant temperature. change in v o due to heating ef fects must be taken into account separately. pulse testing with low duty cycle is used. 4. b = t low to t high , ?40 c < t j < 125 c c = t low to t high , 0 c < t j < 125 c mc79m12b, c electrical characteristics (v i = ?19 v, i o = 350 ma, t low to t high (note 6), unless otherwise noted.) characteristic symbol min typ max unit output voltage (t j = 25 c) v o ?11.5 ?12 ?12.5 vdc line regulation, t j = 25 c (note 5) ?14.5 vdc v i ?30 vdc ?15 vdc v i ?25 vdc reg line ? ? 5.0 3.0 80 50 mv load regulation, t j = 25 c (note 5) 5.0 ma i o 500 ma reg load ? 30 240 mv output voltage ?14.5 vdc v i ?30 vdc, 5.0 ma i o 350 ma v o ?11.4 ? ?12.6 vdc input bias current (t j = 25 c) i ib ? 4.4 8.0 ma input bias current change ?14.5 vdc v i ?30 vdc, i o = 350 ma 5.0 ma i o 350 ma, v i = ?19 v  i ib ? ? ? ? 0.4 0.4 ma output noise voltage, t a = 25 c, 10 hz f 100 khz v n ? 75 ?  v ripple rejection (f = 120 hz) rr 54 60 ? db dropout voltage i o = 500 ma, t j = 25 c v i ?v o ? 1.1 ? vdc average temperature coefficient of output voltage i o = 5.0 ma, 0 c t j 125 c  v o /  t ? ?0.8 ? mv/ c 5. load and line regulation are specified at constant temperature. change in v o due to heating ef fects must be taken into account separately. pulse testing with low duty cycle is used. 6. b = t low to t high , ?40 c < t j < 125 c c = t low to t high , 0 c < t j < 125 c
mc79m00 series http://onsemi.com 4 mc79m15b, c electrical characteristics (v i = ? 23 v, i o = 350 ma, t low to t high (note 8), unless otherwise noted.) characteristic symbol min typ max unit output voltage (t j = 25 c) v o ?14.4 ?15 ?15.6 vdc line regulation, t j = 25 c (note 7) ?17.5 vdc v i ?30 vdc ?18 vdc v i ?28 vdc reg line ? ? 5.0 3.0 80 50 mv load regulation, t j = 25 c (note 7) 5.0 ma i o 500 ma reg load ? 30 240 mv output voltage ?17.5 vdc v i ?30 vdc, 5.0 ma i o 350 ma v o ?14.25 ? ?15.75 vdc input bias current (t j = 25 c) i ib ? 4.4 8.0 ma input bias current change ?17.5 vdc v i ?30 vdc, i o = 350 ma 5.0 ma i o 350 ma, v i = ?23 v  i ib ? ? ? ? 0.4 0.4 ma output noise voltage, t a = 25 c, 10 hz f 100 khz v n ? 90 ?  v ripple rejection (f = 120 hz) rr 54 60 ? db dropout voltage i o = 500 ma, t j = 25 c v i ?v o ? 1.1 ? vdc average temperature coefficient of output voltage i o = 5.0 ma, 0 c t j 125 c  v o /  t ? ?1.0 ? mv/ c 7. load and line regulation are specified at constant temperature. change in v o due to heating ef fects must be taken into account separately. pulse testing with low duty cycle is used. 8. b = t low to t high , ?40 c < t j < 125 c c = t low to t high , 0 c < t j < 125 c r , thermal resistance ja junction-to-air ( c/w) p d , maximum power dissipation (w) figure 1. dpak?3 thermal resistance and maximum power dissipation versus p.c.b. copper length 40 50 60 70 80 90 100 0102030 25 15 5.0 l, length of copper (mm) minimum size pad l free air mounted vertically r  ja 2.0 oz. copper l ???? ???? ???? ???? c
mc79m00 series http://onsemi.com 5 ordering information device output voltage tolerance operating temperature range package shipping ? mc79m05bdt 4.0% t j = ?40 c to +125 c dpak 75 units / rail mc79m05bdtg dpak (pb?free) 75 units / rail mc79m05bdtrk dpak 2500 units / reel mc79m05bdtrkg dpak (pb?free) 2500 units / reel mc79m05bt to?220 50 units / rail mc79m05btg to?220 (pb?free) 50 units / rail mc79m05cdt t j = 0 c to +125 c dpak 75 units / rail mc79m05cdtg dpak (pb?free) 75 units / rail mc79m05cdtrk dpak 2500 units / reel mc79m05cdtrkg dpak (pb?free) 2500 units / reel mc79m05ct to?220 50 units / rail mc79m05ctg to?220 (pb?free) 50 units / rail mc79m08bdt t j = ?40 c to +125 c dpak 75 units / rail mc79m08bdtrk dpak 2500 units / reel mc79m08bdtrkg dpak (pb?free) 2500 units / reel mc79m08bt to?220 50 units / rail mc79m08btg to?220 (pb?free) 50 units / rail mc79m08cdt t j = 0 c to +125 c dpak 75 units / rail mc79m08cdtg dpak (pb?free) 75 units / rail mc79m08cdtrk dpak 2500 units / reel mc79m08cdtrkg dpak (pb?free) 2500 units / reel mc79m08ct to?220 50 units / rail mc79m08ctg to?220 (pb?free) 50 units / rail mc79m12bdt t j = ?40 c to +125 c dpak 75 units / rail MC79M12BDTG dpak (pb?free) 75 units / rail mc79m12bdtrk dpak 2500 units / reel mc79m12bdtrkg dpak (pb?free) 2500 units / reel mc79m12bt to?220 50 units / rail mc79m12btg to?220 (pb?free) 50 units / rail mc79m12cdt t j = 0 c to +125 c dpak 75 units / rail mc79m12cdtg dpak (pb?free) 75 units / rail mc79m12cdtrk dpak 2500 units / reel mc79m12cdtrkg dpak (pb?free) 2500 units / reel mc79m12ct to?220 50 units / rail mc79m12ctg to?220 (pb?free) 50 units / rail ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
mc79m00 series http://onsemi.com 6 ordering information device output voltage tolerance operating temperature range package shipping  mc79m15bdt 4.0% t j = ?40 c to +125 c dpak 75 units / rail mc79m15bdtg dpak (pb?free) 75 units / rail mc79m15bdtrk dpak 2500 units / reel mc79m15bdtrkg dpak (pb?free) 2500 units / reel mc79m15bt to?220 50 units / rail mc79m15btg to?220 (pb?free) 50 units / rail mc79m15cdt t j = 0 c to +125 c dpak 75 units / rail mc79m15cdtg dpak (pb?free) 75 units / rail mc79m15cdtrk dpak 2500 units / reel mc79m15cdtrkg dpak (pb?free) 2500 units / reel mc79m15ct to?220 50 units / rail mc79m15ctg to?220 (pb?free) 50 units / rail ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
mc79m00 series http://onsemi.com 7 package dimensions to?220, single gauge t suffix case 221ab?01 issue o notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension z defines a zone where all body and lead irregularities are allowed. dim min max min max millimeters inches a 0.570 0.620 14.48 15.75 b 0.380 0.405 9.66 10.28 c 0.160 0.190 4.07 4.82 d 0.025 0.035 0.64 0.88 f 0.142 0.147 3.61 3.73 g 0.095 0.105 2.42 2.66 h 0.110 0.155 2.80 3.93 j 0.018 0.025 0.46 0.64 k 0.500 0.562 12.70 14.27 l 0.045 0.060 1.15 1.52 n 0.190 0.210 4.83 5.33 q 0.100 0.120 2.54 3.04 r 0.080 0.110 2.04 2.79 s 0.020 0.055 0.508 1.39 t 0.235 0.255 5.97 6.47 u 0.000 0.050 0.00 1.27 v 0.045 ??? 1.15 ??? z ??? 0.080 ??? 2.04 b q h z l v g n a k f 123 4 d seating plane ?t? c s t u r j
mc79m00 series http://onsemi.com 8 package dimensions dpak?3 dt suffix case 369c?01 issue o d a k b r v s f l g 2 pl m 0.13 (0.005) t e c u j h ?t? seating plane z dim min max min max millimeters inches a 0.235 0.245 5.97 6.22 b 0.250 0.265 6.35 6.73 c 0.086 0.094 2.19 2.38 d 0.027 0.035 0.69 0.88 e 0.018 0.023 0.46 0.58 f 0.037 0.045 0.94 1.14 g 0.180 bsc 4.58 bsc h 0.034 0.040 0.87 1.01 j 0.018 0.023 0.46 0.58 k 0.102 0.114 2.60 2.89 l 0.090 bsc 2.29 bsc r 0.180 0.215 4.57 5.45 s 0.025 0.040 0.63 1.01 u 0.020 ??? 0.51 ??? v 0.035 0.050 0.89 1.27 z 0.155 ??? 3.93 ??? notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 123 4 5.80 0.228 2.58 0.101 1.6 0.063 6.20 0.244 3.0 0.118 6.172 0.243  mm inches  scale 3:1 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, r epresentation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. mc79m00/d publication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5773?3850 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MC79M12BDTG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X