Part Number Hot Search : 
STK4111 W948D2FB 00309 HCR350C H78L05AA C1238V SFR204 NTE2302
Product Description
Full Text Search
 

To Download MBR16100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2006 february, 2006 ? rev. 2 1 publication order number: MBR16100CT/d MBR16100CT switchmode  power rectifier these state?of?the?art devices use the schottky barrier principle with a platinum barrier metal. features ? 16 amps total (8.0 amps per diode leg) ? guard?ring for stress protection ? low forward voltage ? 175 c operating junction temperature ? epoxy meets ul 94 v?0 @ 0.125 in ? low power loss/high efficiency ? high surge capacity ? low stored charge majority carrier conduction ? pb?free packages are available* mechanical characteristics ? case: epoxy, molded ? weight: 1.9 grams (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead temperature for soldering purposes: 260 c max. for 10 seconds maximum ratings (per diode leg) rating symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 100 v average rectified forward current (rated v r ) t c = 133 c i f(av) 8.0 a peak repetitive forward current (rated v r , square wave, 20 khz) t c = 133 c i frm 16 a nonrepetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 150 a peak repetitive reverse surge current (2.0  s, 1.0 khz) i rrm 0.5 a operating junction temperature (note 1) t j  65 to +175 c storage temperature t stg  65 to +175 c voltage rate of change (rated v r ) dv/dt 10,000 v/  s maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. the heat generated must be less than the thermal conductivity from junction?to?ambient: dp d /dt j < 1/r  ja . *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. device package shipping ordering information MBR16100CT to?220 50 units/rail schottky barrier rectifier 16 amperes, 100 volts 1 3 2, 4 http://onsemi.com MBR16100CTg to?220 (pb?free) 50 units/rail to?220ab case 221a plastic 3 4 1 2 marking diagram a = assembly location y = year w = work week b16100 = device code g = pb?free package aka = diode polarity a yw b16100g aka
MBR16100CT http://onsemi.com 2 thermal characteristics characteristic symbol value unit maximum thermal resistance, junction?to?case junction?to?ambient r  jc r  ja 2.0 60 c/w electrical characteristics (per diode leg) maximum instantaneous forward voltage (note 2) (i f = 8.0 amps, t c = 125 c) (i f = 8.0 amps, t c = 25 c) (i f = 16 amps, t c = 125 c) (i f = 16 amps, t c = 25 c) v f 0.6 0.74 0.69 0.84 v maximum instantaneous reverse current (note 2) (rated dc voltage, t c = 125 c) (rated dc voltage, t c = 25 c) i r 5.0 0.1 ma 2. pulse test: pulse width = 300  s, duty cycle 2%. figure 1. typical forward voltage per diode figure 2. maximum forward voltage per diode 0.6 0 v f , instantaneous forward voltage (volts) 100 10 0.2 0.4 0.8 1 0.1 1 t j = 25 c 175 c 125 c 75 c 0.5 0.1 0.3 0.7 0.9 i f , instantaneous forward voltage (amps) 0.6 0 v f , instantaneous forward voltage (volts) 100 10 0.2 0.4 0.8 1 0.1 1 t j = 25 c 175 c 125 c 75 c 0.5 0.1 0.3 0.7 0.9 i f , instantaneous forward current (amps)
MBR16100CT http://onsemi.com 3 square wave dc figure 3. typical reverse current per diode figure 4. typical capacitance per diode 0 v r , reverse voltage (volts) 0.001 0.00001 0.0000001 v r , reverse voltage (volts) 10 0 1200 600 0 20 10 20 30 40 30 40 80 0.0001 0.1 0.01 1400 1000 800 50 60 70 100 0.000001 200 400 90 100 figure 5. current derating (per diode), case figure 6. average power dissipation 140 t c , case temperature ( c) 14 6 8 0 i f(av) , average forward current (amps) 2 0 8 5 ?1 4 145 150 155 160 6 8 square wave dc 12 10 6 4 3 2 10 12 14 165 2 4 0 1 7 p d , average power dissipation (watts) i f(av) , average forward current (amps) 170 175 180 c, capacitance (pf) 50 60 70 80 90 i r , reverse current (amps) t j = 25 c 175 c 125 c 75 c
MBR16100CT http://onsemi.com 4 package dimensions notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension z defines a zone where all body and lead irregularities are allowed. dim min max min max millimeters inches a 0.570 0.620 14.48 15.75 b 0.380 0.405 9.66 10.28 c 0.160 0.190 4.07 4.82 d 0.025 0.035 0.64 0.88 f 0.142 0.147 3.61 3.73 g 0.095 0.105 2.42 2.66 h 0.110 0.155 2.80 3.93 j 0.018 0.025 0.46 0.64 k 0.500 0.562 12.70 14.27 l 0.045 0.060 1.15 1.52 n 0.190 0.210 4.83 5.33 q 0.100 0.120 2.54 3.04 r 0.080 0.110 2.04 2.79 s 0.045 0.055 1.15 1.39 t 0.235 0.255 5.97 6.47 u 0.000 0.050 0.00 1.27 v 0.045 --- 1.15 --- z --- 0.080 --- 2.04 b q h z l v g n a k f 123 4 d seating plane ?t? c s t u r j case 221a?09 issue aa to?220 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 MBR16100CT/d switchmode is a registered trademark of semiconductor components industries, llc (scillc). literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of MBR16100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X