Part Number Hot Search : 
2SK3058 45F2R0 1H222 RT9625B SLG505 AD7226KN 21125 MBR8045R
Product Description
Full Text Search
 

To Download MA700 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MA700, MA700a schottky barrier diodes prv : 15 - 30 v io : 30 ma features : * low forward voltage v f * small temperature coefficent of forward characterisble * small reverse current i r * high-densitty mounting ( 5mm pich insertion) is possible * pb / rohs free mechanical data : case: do-34 glass case wei g ht: a pp rox. 0.11 g maximum ratings and thermal characteristics (rating at 25 c ambient temperature unless otherwise specified.) symbol unit reverse voltage v r 15 30 v maximum peak reverse voltage v rm 15 30 v forward current i f 30 ma peak forward current i fm 150 ma junction temperature t j 125 c storage temperature range t stg -55 to + 125 c electrical characteristics (t a = 25 c 3 c ) parameter symbol min typ max unit MA700 v r = 15 v - - 100 na MA700a v r = 30 v - - 150 na i f = 1 ma - - 0.4 mv i f = 30 ma - - 1.0 mv terminal capacitance ct v r = 1 v, f = 1mhz - 1.3 - pf i f = i r = 10 ma irr = 1ma, r l =100 ? page 1 of 3 rev. 02 : december 3, 2008 parameter MA700 MA700a test condition reverse current i r forward voltage v f -ns reverse recovery time trr - 1.0 do - 34 glass dimensions in inches and ( millimeters ) 0.078 (2.0 )max. 0.118 (3.0) max. 0.017 (0.43)max. 1.00 (25.4) min. 1.00 (25.4) min. cathode mark iatf 0060636 sgs th07/1033 tw00/17276em th97/10561qm
rating and characteristic curves ( MA700 - MA700a ) fig. 1 - forward current vs. fig. 2 - forward voltage vs. forward voltage ambient temperature fig. 3 - terminals capacitance vs. fig. 4 - terminals capacitance vs. reverse voltage : MA700 reverse voltage : MA700a page 2 of 3 rev. 02 : december 3, 2008 forward current, i f (ma) forward voltage , v f (v) 0 0.01 0.2 0.4 0.6 0.8 1.2 0.1 1 10 100 0.8 1.0 -40 0 40 80 120 160 forward voltage, v f (v) reverse voltage , v r (v) 0 1 02 03 0 terminal capacitance, ct (pf) 2.0 1.6 1.2 0.8 0.4 0 ta = 125 ta = 25 c 1.0 terminal capacitance, ct (pf) ambient temperature, ta (c) 1000 0.6 0.4 0.2 0 reverse voltage , v r (v) 01 02 03 0 0 5 15 25 5 15 25 f = 1 mhz ta = 25 c f = 1 mhz ta = 25 c 2.4 2.0 1.6 1.2 0.8 0.4 2.4 i f = 30 ma i f = 10 ma i f = 3 ma iatf 0060636 sgs th07/1033 tw00/17276em th97/10561qm
rating and characteristic curves ( MA700 - MA700a ) fig. 5 - reverse current vs. fig. 6 - reverse current vs. reverse voltage : MA700 ambient temperature : MA700 fig. 5 - reverse current vs. fig. 6 - reverse current vs. reverse voltage : MA700a ambient temperature : MA700a page 3 of 3 rev. 02 : december 3, 2008 v r = 3 v reverse current, i r (na) reverse voltage , v r (v) 0 1 5101520 30 10 100 1000 10000 0 40 80 120 160 200 reverse current, i r (na) 25 1 10 100 1000 10000 ambient temperature, ta (c) reverse current, i r (na) reverse voltage , v r (v) 0 1 5101520 30 10 100 1000 10000 0 40 80 120 160 200 reverse current, i r (na) 25 1 10 100 1000 10000 ambient temperature, ta (c) ta = 125 ta = 75 c ta = 25 c v r = 15 v v r = 3 v v r = 1 v ta = 125 ta = 75 c ta = 25 c v r = 1 v v r = 30 v iatf 0060636 sgs th07/1033 tw00/17276em th97/10561qm


▲Up To Search▲   

 
Price & Availability of MA700

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X