Part Number Hot Search : 
M2039TNG CA3138 MAX3222 12001 LTT67S 211423 K573AB 50074
Product Description
Full Text Search
 

To Download KMOC3063 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c 2004 cosmo electronics corporation http://www .cosmo-ic.com 98 1. anode 2. cathode 3. nc 4. main terminal 5. substrate do not connect 6. main terminal for 115/240 vac (rms) application: 1. solenoid/valve controls 2. lighting controls 3. static power switches 4. a c motor drives 5. temperature controls 6. e.m. contactors 7. a c motor starters 8. solid state relays 9. available package : dip/ smd/ h. (for package dimension please refer to page 82 ) absolute maximum ratings (ta=25 c) electro-optical characteristics (ta=25 c) ul 1577 (file no.e169586) vde 0884 / 0860 / 0805 (file no.101347) t olerance :+ 0.25mm schematic : top view parameter symbol rating unit input forward current i f 50 ma peak forward current i fm 1 reverse voltage v r 6 power dissipation p d 70 mw output off-state output terminal voltage v drm 600 vpeak peak repetitive surget current i tsm 1 power dissipation p d 300 mw t otal power dissipation ptot 330 mw isolation voltage 1 minute viso 5000 vrms operating temperature topr -40 to +80 c storage temperature tstg -40 to +125 c soldering temperature 10 seconds tsol 260 c parameter symbol conditions min. typ. max. unit input forward voltage v f i f =10ma ? 1.2 1.5 v reverse leakage current i r v r =4v ? ? 10 ua output peak blocking current i drm v drm =rated ? 60 500 na on-state voltage v tm i tm =100ma ? 1.8 3 v critical rate of rise of off-state dv/dt 600 ? ? v/us voltage t ransfer holding current i h ? 100 ? ua charac- inhibit voltage (mt1-mt2 voltage v inh i f =5ma ? 5 20 v teristics above which device not trigger.) leakage in inhibited state i drm2 i f =rated i ft , rated v drm , off state ? ? 500 ua isolation resistance riso dc500v 5x10 10 10 11 ? ohm minimum trigger current i ft main terminal voltage=3v ? ? 5 m a outside dimension : unit (mm) KMOC3063 zero crossing optoisolators triac driver output (600v volts peak) a v a
fig.2 inhibit voltage versus t emperature t a,ambient temperature ( c) v inh , normalized fig.1 on-state characteristics v tm ,on-state voltage (volts) i tm ,on-state current (ma) fig.3 leakage with led off versus t emperature t a,ambient temperature ( c) i drm1 ,peak blocking current (na) fig.5 t rigger current versus t emperature t a,ambient temperature ( c) i ft , normalized fig.4 i drm2 ,leakage in inhibit state versus temperature t a,ambient temperature ( c) i drm2 normalized KMOC3063 c 2004 cosmo electronics corporation http://www.cosmo-ic.com 99


▲Up To Search▲   

 
Price & Availability of KMOC3063

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X