Part Number Hot Search : 
170M5508 2DD1621T 2PCS01 FCN12790 1A66B 030CT 26722 CPC15UT1
Product Description
Full Text Search
 

To Download HD74LV1GW14A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HD74LV1GW14A dual inverter with schmitt?trigger input ade-205-707 (z) rev.0 jan. 2003 description the HD74LV1GW14A has dual inverter with schmitt?trigger input in a 6 pin package. low voltage and high speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life. features ? the basic gate function is lined up as hitachi uni logic series. ? supplied on emboss taping for high speed automatic mounting. ? electrical characteristics equivalent to the hd74lv14a supply voltage range : 1.65 to 5.5 v operating temperature range : ?40 to +85c ? all inputs v ih (max.) = 5.5 v (@v cc = 0 v to 5.5 v) all outputs v o (max.) = 5.5 v (@v cc = 0 v) ? output current 6 ma (@v cc = 3.0 v to 3.6 v), 12 ma (@v cc = 4.5 v to 5.5 v) ? all the logical input has hysteresis voltage for the slow transition. ? ordering information part name package type package code package abbreviation taping abbreviation (quantity) HD74LV1GW14Acme cmpak-6 pin cmpak-6v(o) cm e (3,000 pcs / reel)
HD74LV1GW14A rev.0, jan. 2003, page 2 of 8 outline and article indication  HD74LV1GW14A marking = control code w a index band cmpak?6 function table input a output y hl lh h : high level l : low level pin arrangement (top view) v cc 2 5 gnd 6 1 y 1 1a 3 2a 4 2 y
HD74LV1GW14A rev.0, jan. 2003, page 3 of 8 absolute maximum ratings item symbol ratings unit test conditions supply voltage range v cc ?0.5 to 7.0 v input voltage range *1 v i ?0.5 to 7.0 v ?0.5 to v cc + 0.5 v output : h or l output voltage range *1, 2 v o ?0.5 to 7.0 v cc : off input clamp current i ik ?20 ma v i < 0 output clamp current i ok 50 ma v o < 0 or v o > v cc continuous output current i o 25 ma v o = 0 to v cc continuous current through v cc or gnd i cc or i gnd 50 ma maximum power dissipation at ta = 25c (in still air) *3 p t 200 mw storage temperature tstg ?65 to 150 c notes: the absolute maximum ratings are values which must not individually be exceeded, and furthermore no two of which may be realized at the same time. 1. the input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. this value is limited to 5.5 v maximum. 3. the maximum package power dissipation was calculated using a junction temperature of 150c. recommended operating conditions item symbol min max unit conditions supply voltage range v cc 1.65 5.5 v input voltage range v i 05.5v output voltage range v o 0v cc v ?1 v cc = 1.65 to 1.95 v ?2 v cc = 2.3 to 2.7 v ?6 v cc = 3.0 to 3.6 v i ol ?12 v cc = 4.5 to 5.5 v ??1 v cc = 1.65 to 1.95 v ??2 v cc = 2.3 to 2.7 v ??6 v cc = 3.0 to 3.6 v output current i oh ? ?12 ma v cc = 4.5 to 5.5 v operating free-air temperature t a ?40 85 c note: unused or floating inputs must be held high or low.
HD74LV1GW14A rev.0, jan. 2003, page 4 of 8 electrical characteristic ? ta = ?40 to 85c item symbol v cc (v) * min typ max unit test condition 1.65 to 1.95 ? ? v cc 0.75 2.5 ??1.75 3.3 ??2.31 v t + 5.0 ??3.50 1.65 to 1.95 v cc 0.25 ? ? 2.5 0.75 ? ? 3.3 0.99 ? ? v t ? 5.0 1.5 ? ? 1.65 to 1.95 0.1 ? v cc 0.4 2.5 0.25 ? 1.0 3.3 0.33 ? 1.32 threshold voltage ? v t 5.0 0.5 ? 2.0 v min to max v cc ?0.1 ? ? i oh = ?50 a 1.65 1.4 ? ? i oh = ?1 ma 2.3 2.0 ? ? i oh = ?2 ma 3.0 2.48 ? ? i oh = ?6 ma v oh 4.5 3.8 ? ? i oh = ?12 ma min to max ? ? 0.1 i ol = 50 a 1.65 ? ? 0.3 i ol = 1 ma 2.3 ??0.4 i ol = 2 ma 3.0 ??0.44 i ol = 6 ma output voltage v ol 4.5 ??0.55 v i ol = 12 ma input current i in 0 to 5.5 ? ? 1 av in = 5.5 v or gnd quiescent supply current i cc 5.5 ??10 av in = v cc or gnd, i o = 0 output leakage current i off 0 ??5 av in or v o = 0 to 5.5 v input capacitance c in 3.3 ? 3.0 ? pf v in = v cc or gnd note: for conditions shown as min or max, use t he appropriate values under recommended operating conditions.
HD74LV1GW14A rev.0, jan. 2003, page 5 of 8 switching characteristics ? v cc = 1.8 0.15 v ta = 25c ta = ?40 to 85c item symbol min typ max min max unit test conditions from (input) to (output) ? 16.8 32.0 1.0 34.0 c l = 15 pf propagation delay time t plh t phl ? 23.8 43.0 1.0 46.0 ns c l = 50 pf a y ? v cc = 2.5 0.2 v ta = 25c ta = ?40 to 85c item symbol min typ max min max unit test conditions from (input) to (output) ? 10.5 19.7 1.0 22.0 c l = 15 pf propagation delay time t plh t phl ? 14.0 24.0 1.0 27.0 ns c l = 50 pf a y ? v cc = 3.3 0.3 v ta = 25c ta = ?40 to 85c item symbol min typ max min max unit test conditions from (input) to (output) ? 8.3 12.8 1.0 15.0 c l = 15 pf propagation delay time t plh t phl ? 10.8 16.3 1.0 18.5 ns c l = 50 pf a y ? v cc = 5.0 0.5 v ta = 25c ta = ?40 to 85c item symbol min typ max min max unit test conditions from (input) to (output) ? 5.5 8.6 1.0 10.0 c l = 15 pf propagation delay time t plh t phl ? 7.0 10.6 1.0 12.0 ns c l = 50 pf a y operating characteristics ? c l = 50 pf ta = 25c item symbol v cc (v) min typ max unit test conditions 3.3 ? 8.5 ? power dissipation capacitance c pd 5.0 ? 10.0 ? pf f = 10 mhz
HD74LV1GW14A rev.0, jan. 2003, page 6 of 8 test circuit pulse generator 50 ? c l input output v cc l note: c includes probe and jig capacitance. input output 90% 50% 10% 50% t phl t plh v cc gnd v oh v ol t r t f 90% 50% 10% 50% ? waveforms notes: 1. input waveform : prr 1 mhz, zo = 50 ? , t r 3 ns, t f 3 ns. 2. the output are measured one at a time with one transition per measurement.
HD74LV1GW14A rev.0, jan. 2003, page 7 of 8 package dimensions 0.15 0.05 2.0 0.1* (0.1) + 0.1 ? 0.05 hitachi code jedec jeita mass (reference value) cmpak-6v(o) ? conforms 0.006 g unit: mm 1.3 0.05* (2.1) 6 ? 0.2 + 0.02 ? 0.03 0.88 (0.65) (0.65) (1.3) 0.025 ? 0.1 * sn-bi plating. ** the value does not include resin bar. (one side: 0.15 mm (max))
HD74LV1GW14A rev.0, jan. 2003, page 8 of 8 disclaimer 1. hitachi neither warrants nor grants licenses of any rights of hitachi?s or any third party?s patent, copyright, trademark, or other intellectual property rights for information contained in this document. hitachi bears no responsibility for problems that may arise with third party?s rights, including intellectual property rights, in connection with use of the information contained in this document. 2. products and product specifications may be subject to change without notice. confirm that you have received the latest product standards or specifi cations before final design, purchase or use. 3. hitachi makes every attempt to ensure that its products are of high quality and reliability. however, contact hitachi?s sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunc tion may directly threaten human life or cause risk of bodily injury, such as aerosp ace, aeronautics, nuclear power, co mbustion control, transportation, traffic, safety equipment or me dical equipment for life support. 4. design your application so that the product is used within the ranges guaranteed by hitachi particularly for maximum rating, operating supply voltage rang e, heat radiation characteristics, installation conditions and other characteristics. hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. ev en within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor de vices and employ systemic measures such as fail- safes, so that the equipment incorporating hitachi product does not cause bodily injury, fire or other consequential damage due to op eration of the hitachi product. 5. this product is not designed to be radiation resistant. 6. no one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from hitachi. 7. contact hitachi?s sales office fo r any questions regarding this document or hitachi semiconductor products. sales offices hitachi, ltd. semiconductor & integrated circuits nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan tel: (03) 3270-2111 fax: (03) 3270-5109 copyright ? hitachi, ltd., 2003. all rights reserved. printed in japan. hitachi asia ltd. hitachi tower 16 collyer quay #20-00 singapore 049318 tel : <65>-6538-6533/6538-8577 fax : <65>-6538-6933/6538-3877 url : http://semiconductor.hitachi.com.sg url http://www.hitachisemiconductor.com/ hitachi asia ltd. (taipei branch office) 4/f, no. 167, tun hwa north road hung-kuo building taipei (105), taiwan tel : <886>-(2)-2718-3666 fax : <886>-(2)-2718-8180 telex : 23222 has-tp url : http://semiconductor.hitachi.com.tw hitachi asia (hong kong) ltd. group iii (electronic components) 7/f., north tower world finance centre, harbour city, canton road tsim sha tsui, kowloon hong kong tel : <852>-2735-9218 fax : <852>-2730-0281 url : http://semiconductor.hitachi.com.hk hitachi europe gmbh electronic components group dornacher str 3 d-85622 feldkirchen postfach 201, d-85619 feldkirchen germany tel: <49> (89) 9 9180-0 fax: <49> (89) 9 29 30 00 hitachi europe ltd. electronic components group whitebrook park lower cookham road maidenhead berkshire sl6 8ya, united kingdom tel: <44> (1628) 585000 fax: <44> (1628) 778322 hitachi semiconductor (america) inc. 179 east tasman drive san jose,ca 95134 tel: <1> (408) 433-1990 fax: <1>(408) 433-0223 for further information write to: colophon 7.0


▲Up To Search▲   

 
Price & Availability of HD74LV1GW14A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X