Part Number Hot Search : 
AMS3106M NTM2369 07400 049TRU MC4824 IRF734 RT040 1N5276B
Product Description
Full Text Search
 

To Download FM24CL64B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this p roduct conform s to specifications per the terms of the ramtron ramtron international corporation standard warranty. the product has completed ramtrons internal 1850 ramtron drive, colorado sprin gs, co 80921 qualification testing and has reached production status . (800) 545 - fram, (7 19) 481 - 7000 rev. 3.0 www.ramtron.com jan. 2012 page 1 of 13 fm 24cl64b 64kb serial 3v f - ram memory features 64k bit ferroelectric nonvolatile ram ? organized as 8,192 x 8 bits ? high endurance 10 1 4 read/writes ? 38 year data retention ? nodelay? writes ? advanced high - reliability ferroelectric process fast two - wire seri al interface ? up to 1 mhz maximum bus frequency ? direct hardware replacement for eeprom ? supports legacy timing for 100 khz & 400 khz low power operation ? 2.7v - 3.6v operation ? 100 ? a active current (100 khz) ? 3 ? a (typ.) standby current industry standard configuration ? industrial temperature - 40 ? c to +85 ? c ? 8 - pin green/rohs soic and tdfn packages description the fm 24cl64b is a 64 - kilobit nonvolatile memory employing an advanced f erroelectric process. a ferroelectric random access memory or f - ram is nonvolatile and performs reads and writes like a ram. it provide s reliable data retention for 38 years while eliminating the complexities, overhead, and system level reliability problem s caused by eeprom and other nonvolatile memories. the fm 24cl64b performs write operations at bus speed. no write delays are incurred. data is written to the memory array in the cycle after it has been successfully transferred to the device. the next bus cycle may commence immediately without the need for data polling. the fm 24cl64 b is capable of supporting 10 1 4 read/write cycles, or a million times more write cycles than eeprom. these capabilities make the fm 24cl64b ideal for nonvolatile memory applicat ions requiring frequent or rapid writes. examples range from data collection where the number of write cycles may be critical, to demanding industrial controls where the long write time of eeprom can cause data loss. the combination of features allows more frequent data writing with less overhead for the system. the fm 24cl64b provides substantial benefits to users of serial eeprom, yet these benefits are available in a hardware drop - in repla cement. the fm 24cl64b is available in an industry stan dard 8 - pin soic packag e and uses a familiar two - wire protocol. the specifications are guaranteed over an indu strial temperature range of - 40c to +85c. pin configuration pin names function a0 - a2 device select address sda serial data/address scl serial clock wp write protect vss ground vdd supply voltage ordering information FM24CL64B - g green/rohs 8 - pin soic FM24CL64B - gtr green/rohs 8 - pin soic, tape & reel FM24CL64B - dg green/rohs 8 - pin tdf n FM24CL64B - dgtr green/rohs 8 - pin tdfn, tape & reel a0 a1 a2 vss vdd wp scl sda 8 7 6 5 1 2 3 4 top view a0 a1 a2 vss vdd wp scl sda 1 2 3 4 8 7 6 5
fm 24cl64b rev. 3.0 j an. 2012 page 2 of 13 figure 1. fm 24cl64b block diagram pin description pin name type pin description a0 - a2 input address 0 - 2. these pins are used to select one of up to 8 devices of the same type on the same two - wire bus. to select the device, the address value on the three pins must match the corresponding bits contained in the device address. the address pins are pulled down internally. sda i/o serial data address. this is a bi - directi onal line for the two - wire interface. it is open - drai n and is intended to be wire - or d with other devices on the two - wire bus. the input buffer incorporates a s chmitt trigger for noise immunity and the output driver includes slope control for falling edges . a pull - up resistor is required. scl input serial clock. the serial clock line for the two - wire interface. data is clocked out of the part on the falling edge, and in on the rising edge. the scl input also incorporates a schmitt trigger input for noise i mmunity. wp input write protect. when wp is high , addresses in the entire memory map will be write - protected. when wp is low , all addresses may be written. this pin is pulled down internally. vdd supply supply voltage: 2.7v to 3.6v vss supply ground address latch 1 , 024 x 64 fram array data latch 8 sda counter serial to parallel converter control logic scl wp a 0 - a 2
fm 24cl64b rev. 3.0 j an. 2012 page 3 of 13 overview the fm 24cl64b is a serial f - ram memory. the memory array is logically organized as a 8,192 x 8 bit memory array and is accessed using an industry standard two - wire interface. functional operation of the f - ram is similar to serial eeproms. the maj or difference between the fm 24cl64b and a serial eeprom with the same pinout relates to its superior write performance. memory architecture when accessing the fm 24cl64b , the user addresses 8,192 locations each with 8 data bits. these data bits are shifted serially. the 8,192 addresses are accessed using the two - wire protocol, which includes a slave address (to distinguish other non - memory devices), and an extended 16 - bit address. only the lower 13 bits are used by the decoder for accessing the memory. the upper three address bits should be set to 0 for compatibility with larger devices in the future. the access time for memory operation is essentially zero beyond the time needed for the serial protocol. that is, the memory is read or written at the speed of the two - wire bus. unlike an eeprom, it is not necessary to poll the device for a ready condition since writes occur at bus speed. that is, by the time a new bus transaction can be shifted into the part, a write operation will be complete. this is explai ned in more detail in the interface section below. users expect several obvious system benefits from the fm 24cl64b due to its fast write cycle and high endurance as compared with eeprom. however there are less obvious benefits as well. for example in a h igh noise environment, the fast - write operation is less susceptible to corruption than an eeprom since it is completed quickly. by contrast, an eeprom requiring milliseconds to write is vulnerable to noise during much of the cycle. note that it is the us ers responsibility to ensure that v dd is within data sheet tolerances to prevent incorrect operation. two - wire interface the fm 24cl64b employs a bi - directional two - wire bus protocol using few pins or board space. figure 2 illustrates a typical system con figuration using the fm 24cl64b in a microcontroller - based system. the industry standard two - wire bus is familiar to many users but is described in this section. by convention, any device that is sending data onto the bus is the transmitter while the targ et device for this data is the receiver. the device that is controlling the bus is the master. the master is responsible for generating the clock signal for all operations. any device on the bus that is being controlled is a slave. the fm 24cl64b always is a slave device. the bus protocol is controlled by transition states in the sda and scl signals. there are four conditions including start, stop, data bit, or acknowledge. figure 3 illustrates the signal conditions that specify the four states. detailed t iming diagrams are in the electrical specifications. figure 2. typical system configuration microcontroller sda scl fm 24 cl 64 b a 0 a 1 a 2 sda scl fm 24 cl 64 b a 0 a 1 a 2 vdd rmin = 1 . 1 kohm rmax = tr / cbus
fm 24cl64b rev. 3.0 j an. 2012 page 4 of 13 figure 3. data transfer protocol stop condition a stop condition is indicated when the bus maste r drives sda from low to high while the scl signal is high. all operations using the fm 24cl64b should end with a stop condition. if an operation is in progress when a stop is asserted, the operation will be aborted. the master must have control of sda (not a memory read) in order to assert a stop condition. start condition a start condition is indicated when the bus master drives sda from high to low while the scl signal is high. all commands should be preceded by a start condition. an operation in progres s can be aborted by asserting a start condition at any time. aborting an operation using the start condition will ready the fm 24cl64b for a new operation. if during operation the power supply drops below the specified v dd minimum, the system should issue a start condition prior to performing another operation. data/address transfer all data transfers (including addresses) take place while the scl signal is high. except under the two conditions described above, the sda signal should not change while scl i s high. acknowledge the acknowledge takes place after the 8 th data bit has been transferred in any transaction. during this state the transmitter should release the sda bus to allow the receiver to drive it. the receiver drives the sda signal low to ackno wledge receipt of the byte. if the receiver does not drive sda low, the condition is a no - acknowledge and the operation is aborted. the receiver would fail to acknowledge for two distinct reasons. first is that a byte transfer fails. in this case, the no - acknowledge ceases the current operation so that the part can be addressed again. this allows the last byte to be recovered in the event of a communication error. second and most common, the receiver does not acknowledge to deliberately end an operation. for example, during a read operation, the fm 24cl64b will continue to place data onto the bus as long as the receiver sends acknowledges (and clocks). when a read operation is complete and no more data is needed, the receiver must not acknowledge the last byte. if the receiver acknowledges the last byte, this will cause the fm 24cl64b to attempt to drive the bus on the next clock while the master is sending a new command such as stop. slave address the first byte that the fm 24cl64b expects after a start con dition is the slave address. as shown in figure 4, the slave address contains the device type, the device select address bits, and a bit that specifies if the transaction is a read or a write. bits 7 - 4 are the device type and should be set to 1010b for t he fm 24cl64b . these bits allow other types of function types to reside on the 2 - wire bus within an identical address range. bits 3 - 1 are the address select bits. they must match the corresponding value on the external address pins to select the device. up to eight fm 24cl64b s can reside on the same two - wire bus by assigning a different address to each. bit 0 is t he read/write bit. r/w=1 indicates a read operation and r/w=0 indicates a write operation. stop (master) start (master) 7 data bits (transmitter) 6 0 data bit (transmitter) acknowledge (receiver) scl sda
fm 24cl64b rev. 3.0 j an. 2012 page 5 of 13 figure 4. slave address a ddressing overview after the fm 24cl64b (as receiver) acknowledges the device address, the master can place the memory address on the bus for a write operation. the address requires two bytes. the first is the msb. since the device uses only 13 address bits , the value of the upper three bits are dont care . following the msb is the lsb with the remaining eight address bits. the address value is latched internally. each access causes the latched address value to be incremented automatically. the current add ress is the value that is held in the latch -- either a newly written value or the address following the last access. the current address will be held for as long as power remains or until a new value is written. reads always use the current address. a ran dom read address can be loaded by beginning a write operation as explained below. after transmission of each data byte, just prior to the acknowledge, the fm 24cl64b increments the internal address latch. this allows the next sequential byte to be accesse d with no additional addressing. after the last address (1fffh) is reached, the address latch will roll over to 0000h. there is no limit to the number of bytes that can be accessed with a single read or write operation. data transfer after the address inf ormation has been transmitted, data transfer between the bus master and the fm 24cl64b can begin. for a read operation the fm 24cl64b will place 8 data bits on the bus then wait for an acknowledge from the master. if the acknowledge occurs, the fm 24cl64b wil l transfer the next sequential byte. if the acknowledge is not sent, the fm 24cl64b will end the read operation. for a write operation, the fm 24cl64b will accept 8 data bits from the master then send an acknowledge. all data transfer occurs msb (most signif icant bit) first. memory operation the fm 24cl64b is designed to operate in a manner very similar to other 2 - wire interface memory products. the major differences result from the higher performance write capability of f - ram technology. these improvements result in some differences between the fm 24cl64b and a similar configuration eeprom during writes. the complete operation for both writes and reads is explained below. write operation all writes begin with a device address, then a memory address. the bus master indicates a write operation by setting the lsb of the device address to a 0. after addressing, the bus master sends each byte of data to the memory and the memory generates an acknowledge condition. any number of sequential bytes may be written. if the end of the address range is reached internally, the address counter will wrap from 1fffh to 0000h. unlike other nonvolatile memory technologies, there is no effective write delay with f - ram . since the read and write access times of the underlying mem ory are the same, the user experiences no delay through the bus. the entire memory cycle occurs in less time than a single bus clock. therefore, any operation including read or write can occur immediately following a write. acknowledge polling, a technique used with eeproms to determine if a write is complete is unnecessary and will always return a ready condition. internally, an actual memory write occurs after the 8 th data bit is transferred. it will be complete before the acknowledge is sent. therefore , if the user desires to abort a write without altering the memory contents, this should be done using start or stop condition prior to the 8 th data bit. the fm 24cl64b uses no page buffering. the memory array can be write protected using the wp pin. sett ing the wp pin to a high condition (v dd ) will write - protect all addresses. the fm 24cl64b will not acknowledge data bytes that are written to protected addresses. in addition, the address counter will not increment if writes are attempted to these addresses . setting wp to a low state (v ss ) will deactivate this feature. wp is pulled down internally. figure 5 below illustrates both a single - byte and multiple - byte write cycles . 1 0 1 0 a2 r/w slave id 7 6 5 4 3 2 1 0 a1 a0 device select
fm 24cl64b rev. 3.0 j an. 2012 page 6 of 13 figure 5. single byte write figure 6. multiple byte write read operation there are two basic types of read operations. they are current address read and selective address read. in a current address read, the fm 24cl64b uses the internal address latch to supply the addr ess. in a selective read, the user performs a procedure to set the address to a specific value. current address & sequential read as mentioned above the fm 24cl64b uses an internal latch to supply the address for a read operation. a current address read us es the existing value in the address latch as a starting place for the read operation. the system reads from the address immediately following that of the last operation. to perform a current address read, the bus master supplies a device address with th e lsb set to 1. this indicates that a read operation is requested. after receiving the complete device address, the fm 24cl64b will begin shifting out data from the current address on the next clock. the current address is the value held in the internal add ress latch. beginning with the current address, the bus master can read any number of bytes. thus, a sequential read is simply a current address read with multiple byte transfers. after each byte the internal address counter will be incremented. each t ime the bus master acknowledges a byte, this indicates that the fm 24cl64b should read out the next sequential byte. there are four ways to properly terminate a read operation. failing to properly terminate the read will most likely create a bus contentio n as the fm 24cl64b attempts to read out additional data onto the bus. the four valid methods are: 1. the bus master issues a no - acknowledge in the 9 th clock cycle and a stop in the 10 th clock cycle. this is illustrated in the diagrams below. this is preferre d. 2. the bus master issues a no - acknowledge in the 9 th clock cycle and a start in the 10 th . 3. the bus master issues a stop in the 9 th clock cycle. 4. the bus master issues a start in the 9 th clock cycle. if the internal address reaches 1fffh, it will wrap aro und to 0000h on the next read cycle. figures 7 and 8 below show the proper operation for current address reads. selective (random) read there is a simple technique that allows a user to select a random address location as the starting point for a read ope ration. this involves using the first three bytes of a write operation to set the internal address followed by subsequent read operations. to perform a selective read, the bus master sends out the device address with the lsb set to 0. this specifies a wr ite operation. according to the write protocol, the bus master then sends the address bytes that are loaded into the internal address latch. after the fm 24cl64b acknowledges the address, the bus s a slave address 0 address msb a data byte a p by master by fm24cl64 start address & data stop acknowledge address lsb a s a slave address 0 address msb a data byte a p by master by fm24cl64 start address & data stop acknowledge address lsb a data byte a
fm 24cl64b rev. 3.0 j an. 2012 page 7 of 13 master issues a start condition. this simultaneously aborts t he write operation and allows the read command to be issued with the device address lsb set to a 1. the operation is now a current address read. figure 7. current address read figure 8. seque ntial read figure 9. selective (random) read s a slave address 1 data byte 1 p by master by fm24cl64 start address stop acknowledge no acknowledge data s a slave address 1 data byte 1 p by master by fm24cl64 start address stop acknowledge no acknowledge data data byte a acknowledge s a slave address 1 data byte 1 p by master by fm24cl64 start address stop no acknowledge data s a slave address 0 address msb a start address acknowledge address lsb a
fm 24cl64b rev. 3.0 j an. 2012 page 8 of 13 electrical specifications absolute maximum ratings symbol description ratings v dd power supply voltage with respect to v ss - 1.0v to +5.0v v in voltage on any pin with respec t to v ss - 1.0v to +5.0v and v in < v dd +1.0v * t stg storage temperature - 55 ? c to +12 5 ? c t lead lead t emperature (soldering, 10 seconds) 26 0 ? c v esd electrostatic discharge voltage - human body model (aec - q100 - 002 rev. e) - charged device model (aec - q1 00 - 011 rev. b) - machine model ( a ec - q100 - 003 rev. e ) 4kv 1.25kv 300v package moisture sensitivity level msl - 1 * exception: the v in < v dd +1.0v restriction does not apply to the scl and sda inputs. stresses above those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only, and the functional operation of the device at these or any other conditions above those listed in the operational secti on of this specification is not implied. exposure to abs olute maximum ratings conditions for extended periods may affect device reliability. dc operating conditions (t a = - 40 ? c to + 85 ? c, v dd =2.7v to 3.65v unless otherwise specified) symbol parameter min typ max units notes v dd main power supply 2.7 3.3 3. 65 v i dd v dd supply current @ scl = 100 khz @ scl = 400 khz @ scl = 1 mhz 100 1 7 0 3 00 ? a ? a ? a 1 i sb standby current 3 6 ? a 2 i li input leakage current 1 ? a 3 i lo output leakage current 1 ? a 3 v il input low voltage - 0.3 0.3 v dd v v ih input high voltage 0.7 v dd v dd + 0.3 v v ol output low voltage @ i ol = 3.0 ma 0.4 v r in address input resistance (wp, a2 - a0) for v in = v il (max) for v in = v ih (min) 4 0 1 k ? m ? 5 v hys input hysteresis 0.05 v dd v 4 notes 1. scl toggling between v dd - 0.3v and v ss , other inputs v ss or v dd - 0.3v. 2. scl = sda = v dd . all inputs v ss or v dd . stop command issued. 3. vin or vout = v ss to v dd . does not apply to wp, a2 - a0 pins . 4. this parameter is characterized but not tested. 5. the input pull - down circuit is strong ( 4 0k ? ) when the input voltage is below v il and weak (1m ? ) when the input voltage is above v ih .
fm 24cl64b rev. 3.0 j an. 2012 page 9 of 13 a c parameters (t a = - 40 ? c to + 85 ? c, v dd =2.7v to 3.65v unless otherwise specified) symbol parameter min max min max min max units notes f scl scl clo ck frequency 0 100 0 400 0 1000 khz 1 t low clock low period 4.7 1.3 0.6 ? s t high clock high period 4.0 0.6 0.4 ? s t aa scl low to sda data out valid 3 0.9 0.55 ? s t buf bus free before new transmission 4.7 1.3 0.5 ? s t hd:sta start condit ion hold time 4.0 0.6 0.25 ? s t su:sta start condition setup for repeated start 4.7 0.6 0.25 ? s t hd:dat data in hold 0 0 0 ns t su:dat data in setup 250 100 100 ns t r input rise time 1000 300 300 ns 2 t f input fall time 300 300 10 0 ns 2 t su:sto stop condition setup 4.0 0.6 0.25 ? s t dh data output hold (from scl @ v il ) 0 0 0 ns t sp noise suppression time constant on scl, sda 50 50 50 ns notes : all scl specifications as well as start and stop conditions apply to bo th read and write operations. 1 the speed - related specifications are guaranteed characteristic points along a continuous curve of operation from dc to 1 mhz. 2 this parameter is periodically sampled and not 100% tested. capacitance (t a = 25 ? c, f=1.0 mhz, v dd = 3v) symbol parameter max units notes c i/o input/ o utput capacitance (sda) 8 pf 1 c in input c apacitance 6 pf 1 notes 1 this parameter is periodically sampled and not 100% tested. power cycle timing power cycle timing ( t a = - 40 ? c to +85 ? c , v dd = 2.7v to 3.65v unless otherwise specified ) symbol parameter min max units notes t pu power up (v dd min) to first access (start condition) 1 0 - ms t pd last access (stop condition) to power down (v dd min) 0 - ? s t vr v dd rise tim e 30 - ? s/v 1 t vf v dd fall time 3 0 - ? s/v 1 notes 1. sl ope measured at any point on v dd waveform . v d d m i n . v d d s d a , s c l t v r t p d t p u t v f
fm 24cl64b rev. 3.0 j an. 2012 page 10 of 13 ac test conditions equivalent ac load circuit input pulse levels 0.1 v dd to 0.9 v dd input rise and fall times 10 ns input and output timing levels 0.5 v dd diagram notes all start and stop timing parameters apply to both read and write cycles. clock specifications are identical for read and write cycles. write timing parameters apply to slave address, word address, and write data bits. functional relationsh ips are illustrated in the relevant datasheet sections. these diagrams illustrate the timing parameters only. read bus timing write bus timing data retention symbol parameter min max units not es t dr @ +85oc 10 - years @ +80oc 19 - years @ +75oc 38 - years t su:sda start t r ` t f stop start t buf t high 1/fscl t low t sp t sp acknowledge t hd:dat t su:d at t aa t dh scl sda t su:sto start stop start acknowledge t aa t hd:dat t hd:sta t su:dat scl sda 3 . 6 v output 1100 ? 100 pf
fm 24cl64b rev. 3.0 j an. 2012 page 11 of 13 mechanical drawing 8 - pin soic (jedec standard ms - 012 variation aa) refer to jedec ms - 012 for complete dimensions and notes. all dimensions i n millimeters . soic package marking scheme legend: xx xx xx= part number, p= package type (g=soic) r=rev code, lllllll= lot code ric=ramtron intl corp, yy=year, ww=work week example: fm 24cl64b , green soic package, year 2010, work week 4 7 fm 24c l 64b g a 00002g1 ric1047 xxxx xxx p r ll llll l ricyyww p i n 1 3 . 9 0 0 . 1 0 6 . 0 0 0 . 2 0 4 . 9 0 0 . 1 0 0 . 1 0 0 . 2 5 1 . 3 5 1 . 7 5 0 . 3 3 0 . 5 1 1 . 2 7 0 . 1 0 m m 0 . 2 5 0 . 5 0 4 5 0 . 4 0 1 . 2 7 0 . 1 9 0 . 2 5 0 - 8 r e c o m m e n d e d p c b f o o t p r i n t 7 . 7 0 0 . 6 5 1 . 2 7 2 . 0 0 3 . 7 0
fm 24cl64b rev. 3.0 j an. 2012 page 12 of 13 8 - pin tdfn (4.0mm x 4.5mm body, 0.95mm pitch) note: all dimensions in millimeters . tdfn package marking scheme for body size 4.0mm x 4.5mm legend: r=ramtron, g=green tdfn packa ge , xxxx=base part number llll= lot code, yy=year, ww=work week example: green tdfn package, FM24CL64B, lot 0003, industrial temperature, year 2011, work week 07 r 4l64 b 0003 1107 rg xxxx llll yyww pin 1 4 . 0 0 0 . 1 4 . 50 0 . 1 0 . 75 0 . 05 0 . 40 0 . 05 0 . 95 0 . 20 ref . pin 1 id 0 . 0 - 0 . 05 2 . 85 ref 3 . 60 0 . 10 2 . 6 0 0 . 1 0 exposed metal pad . do not connect to anything except vss . 4 . 30 0 . 45 0 . 95 recommended pcb footprint 0 . 40 2 . 70 3 . 7 0 0 . 30 0 . 1
fm 24cl64b rev. 3.0 j an. 2012 page 13 of 13 revision history revision date summary 1.0 11/10/2010 i nitial release 1.1 12/20 /2010 added 4x4.5mm dfn package. 1.2 2/15 /2011 added esd ratings. updated dfn package marking. changed t pu and t vf spec limit s. 3.0 1/6/2012 changed to production status. changed t vf spec.


▲Up To Search▲   

 
Price & Availability of FM24CL64B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X