Part Number Hot Search : 
SLD231VL 41T00M6 MMBT5 26000 2N2222 26000 IRFU370 YM7128
Product Description
Full Text Search
 

To Download EASSM2310M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications are subject to change without notice (23.10.06) 1 timers delay on operate type eas product description ordering key small, low-cost mono function timer with adjustable time setting. only 2-wir e con- nection for easy and fail-safe use (see diagram). for mounting on din-rail or directly on surface by scr ews. the timer is used e.g. to delay small industrial relays or 3-phase contactors. housing function small e-line output power supply time range fast-on connection t ype selection mounting output time range connection supply: 24 - 230 vac/dc for din-rail scr 0.5 - 10 s screws eas s m23 10s or for screw scr 0.1 -1 m screws eas s m23 1m scr 1 - 10 m scr ews eas s m23 10m for din-rail scr 0.5 - 10 s fast-on eas s m23 10s f or for screw scr 0.1 -1 m fast-on eas s m23 1m f scr 1 - 10 m fast-on eas s m23 10m f t ime specifications time ranges 10 s 0.5 - 10 s 1 m 0.1 - 1 m 10 m 1 - 10 m time range accuracy max. setting: actual time max. set time min. setting: actual time min. set time repeat accuracy 0.2% time variation within rated power supply 0.1%/v and ambient temperature 0.2%/ reset time and output power supply interruption 200 ms output specifications ? fail-safe two-wire connection ? low-cost ? multi-voltage: 24-230 vac ? delay on operate ? time range: 0.5 s - 10 m ? knob-adjustable time setting ? output: scr 10-500 ma (screws) and scr 10-700ma (fast-on) ? for mounting on din-rail in accordance with din/en 50 022 ? 22.5 mm small euronorm housing supply specifications power supply overvoltage cat. iii (iec 60664) rated operational voltage (iec 60038) 24-230 v ac/dc, -10/+15% rated insulation voltage none output scr output cur r ent maximum load cur rent (screw terminals) 500 ma (fast-on connection) 700 ma maximum current for 100 ms (screw terminals) 5.5 a (fast-on connection) 7 a minimum load current 10 ma leakage cur r ent 3.5 ma @ 230 v typ.: 2 m voltage drop 8 vac/dc typ.: 5 v ac/dc @ 50 ma eas s m23 10s f s crew fast-on
2 specifications are subject to change without notice (23.10.06) e as operation diagram wiring diagram general specifications power on delay 100 ms p ower off delay 2 00 ms environment degree of protection ip 20 pollution degree 3 o perating temperature -20 to +50c (-4 to +122) s torage temperature -30 to +80c (-22 to +176f) w eight 5 0 g housing dimensions screw terminals 22.5 x 56 x 49 mm fast-on connection 22.5 x 56 x 44 mm material abs approvals ul, csa c e marking y es emc electromagnetic compatibility immunity acc. to iec 60801-4 acc. to iec 60801-5 l n n dimensions power supply eas screw fast-on 5 6 22.5 47.4 15 4 9 4x 3.4 f 49 5 6 22.5 44 15 4 9 4x 3.4 f 2 0 4 2


▲Up To Search▲   

 
Price & Availability of EASSM2310M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X