Part Number Hot Search : 
0B1TR SFT79G D7891 PCP1102 20A04 Y30N60D GRM319 QR5S5
Product Description
Full Text Search
 

To Download DDTC143TUA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30323 rev. 4 - 2 1 of 3 ddtc (r1-only series) ua www.diodes.com  diodes incorporated ddtc (r1-only series) ua npn pre-biased small signal sot-323 surface mount transistor  epitaxial planar die construction  complementary pnp types available (ddta)  built-in biasing resistor, r1 only  also available in lead free version features maximum ratings @ t a = 25  c unless otherwise specified mechanical data  case: sot-323, molded plastic  case material - ul flammability rating 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish). please see ordering information, note 3, on page 2  terminal connections: see diagram  marking: date code and marking code (see diagrams & page 2)  weight: 0.006 grams (approx.)  ordering information (see page 2) p/n r1 (nom) marking ddtc113tua ddtc123tua DDTC143TUA ddtc114tua ddtc124tua ddtc144tua ddtc115tua ddtc125tua 1k  2.2k  4.7k  10k  22k  47k  100k  200k  n01 n03 n07 n12 n16 n19 n23 n25 characteristic symbol value unit collector-base voltage v cbo 50 v collector-emitter voltage v ceo 50 v emitter-base voltage v ebo 5v collector current i c (max) 100 ma power dissipation p d 200 mw thermal resistance, junction to ambient air (note 1) r  ja 833  c/w operating and storage and temperature range t j ,t stg -55 to +150  c note: 1. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. sot-323 dim min max a 0.25 0.40 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal e 0.30 0.40 g 1.20 1.40 h 1.80 2.20 j 0.0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.18  0  8  all dimensions in mm a m j l f d b c h k g b e c r 1 schematic diagram e c b
ds30323 rev. 4 - 2 2 of 3 ddtc (r1-only series) ua www.diodes.com characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo 50  v i c = 50  a collector-emitter breakdown voltage bv ceo 50  v i c = 1ma emitter-base breakdown voltage bv ebo 5   v i e = 50  a collector cutoff current i cbo  0.5  a v cb = 50v emitter cutoff current i ebo  0.5  a v eb = 4v collector-emitter saturation voltage v ce(sat)  0.3 v i c/ i b = 10ma/1ma ddtc113tua i c/ i b = 5ma/0.5ma ddtc123tua i c/ i b = 2.5ma/.25ma DDTC143TUA i c/ i b = 1ma/.1ma ddtc114tua i c/ i b = 5ma/0.5ma ddtc124tua i c/ i b = 2.5ma/.25ma ddtc144tua i c/ i b = 1ma/0.1ma ddtc115tua i c/ i b = .5ma/.05ma ddtc125tua dc current transfer ratio h fe 100 250 600  i c = 1ma, v ce = 5v input resistor (r 1 ) tolerance r 1 -30  +30 %  gain-bandwidth product* f t  250  mhz v ce = 10v, i e = -5ma, f = 100mhz * transistor - for reference only ordering information (note 2) device packaging shipping ddtc1xxtua-7 sot-323 3000/tape & reel ddtc1xxtua-13 sot-323 10,000/tape & reel notes: 2. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 3. for lead free version (with lead free terminal finish) part number, please add "-f" suffix to part number above. example: ddtc125tua-7-f. marking information xxx ym xxx = product type marking code see sheet 1 diagrams ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september date code key month jan feb march apr may jun jul aug sep oct nov dec code 12345 67 89 o nd year 2002 2003 2004 2005 2006 2007 2008 2009 code nprst uvw electrical characteristics @ t a = 25  c unless otherwise specified
ds30323 rev. 4 - 2 3 of 3 ddtc (r1-only series) ua www.diodes.com -50 0 50 100 150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) a fi g . 1 deratin g curve p , power dissipation (milliwatts) d 1 1 10 01020304050 i , collector current (ma) c fi g . 6 input volta g e vs. collector current v = 0.2 o v , input voltage (v) in -25c 25c 75 c 0.01 0.1 1 10 100 01 2 3 4 89 10 i , collector current (ma) c v , input voltage (v) in fi g . 5 collector current vs. input volta g e -25c 5 67 75c 25c 0.001 0 1 2 3 4 0 20 30 c , c apa c itan c e ( pf ) ob v , reverse bias voltage (v) r fig. 4 output capacitance 10 5 15 25 i=0ma e 10 1000 100 1 1 10 100 h , dc current gain (normalized) fe i , collector current (ma) c fi g . 3 dc current gain v = 10 ce 75 c -25 c 25 c 0.001 0.01 0.1 1 0 10 20 30 40 50 v , maximum collector voltage (v) ce(sat) i , collector current (ma) c fig. 2 v vs. i ce ( sat ) c i/i =10 cb -25 c 75 c 25 c typical curves - ddtc114tua


▲Up To Search▲   

 
Price & Availability of DDTC143TUA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X