Part Number Hot Search : 
PC922 SRCN2A 2SA104 SMDJ54A DM16216 JANTXV AD7942 IRHF5
Product Description
Full Text Search
 

To Download D10SBS4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
    

 

 
 

 

     

  !
"#
$
%  & # 
'# 
" #  "(()"&)$* &

)+
(#,# -.
- 
/ ' '"&0 #

1  ! "#  
                      !  ! !  "  #$  %!   &  ! ! ' #$ 
 (! )  ) 
*$ )   ( + , ! (! )  ) 
+ - . $/0  #1*$ * ) (!     2!- ! !!  % $34   - (0 "  5 . .  , 67  #$  $34   - (0 "  5 . .  ,    8/* + , ! 2!- ! !!  2
$34   - (0 9"!  ( #  , ( 0 '  #$$    ( + , ! (! +-! + 
+ - . #$  0     !  0 '  88$ 5 : !  !. )  !     0  #   ,)
  !; %   !;  $/9<  $/= 9<  >!   . ! !                     2!- ! )  ) 2  2 0 +  !0     !  
/$/ ) (! !!   )  ) 
0 +  !0     !  
/8/  &       ' #
340 )#$)0     ! ! ?+ #=$ 2  ' '      5 . .  ,
// .!      ' '      5 . .  ,
/6  15  ' '     5 . .  ,
/8$
forward voltage 0.1 1 10 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 D10SBS4 tc=150 c [max] tc=25 c [max] pulse measurement per diode tc=150 c [typ] tc=25 c [typ] forward voltage v f [v] forward current i f [a]
junction capacitance 100 1000 D10SBS4 0.1 1 10 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 reverse voltage v r [v] junction capacitance cj [pf] f=1mhz tc=25 c typ per diode
reverse current 0.01 0.1 1 10 100 1000 0 5 10 15 20 25 30 35 40 D10SBS4 tc=150 c [max] tc=150 c [typ] pulse measurement per diode tc=125 c [typ] tc=100 c [typ] tc=75 c [typ] reverse voltage v r [v] reverse current i r [ma]
0 5 10 15 20 0 10 20 30 40 50 D10SBS4 0.3 reverse power dissipation tj = 150 c sin 0.2 0.5 d=0.05 dc 0.1 0.8 reverse voltage v r [v] reverse power dissipation p r [w] 0 t p v r t d=t p /t
0 t p i o t d=t p /t 0 5 10 15 20 0 2 4 6 8 10 12 14 16 D10SBS4 0.3 forward power dissipation tj = 150 c sin 0.2 0.1 d=0.8 dc 0.5 0.05 average rectified forward current i o [a] forward power dissipation p f [w]
0 t p i o t d=t p /t 0 5 10 15 20 0 20 40 60 80 100 120 140 160 D10SBS4 0.3 derating curve v r = 20v sin 0.2 0.1 d=0.8 dc 0.5 0.05 0 v r case temperature tc [ c] average rectified forward current i o [a]
0 t p i o t d=t p /t 0 1 2 3 4 5 6 0 20 40 60 80 100 120 140 160 D10SBS4 0.3 derating curve v r = 20v sin 0.2 0.1 d=0.8 dc 0.5 0.05 0 v r ambient temperature ta [ c] average rectified forward current i o [a]
peak surge forward capability 0 50 100 150 1 10 100 D10SBS4 2 5 20 50 i fsm 10ms 10ms 1 cycle number of cycles [cycles] peak surge forward current i fsm [a] non-repetitive, sine wave, tj=25 c before surge current is applied
t p i rp 0 v r 0.5i rp v rp i r p rrsm = i rp v rp 0 20 40 60 80 100 120 0 50 100 150 sbd repetitive surge reverse power derating curve junction temperature tj [ c] p rrsm derating [%]
0.1 1 10 1 10 100 sbd repetitive surge reverse power capability pulse width t p [ m s] p rrsm (t p ) / p rrsm (t p =10 m s) ratio t p i rp 0 v r 0.5i rp v rp i r p rrsm = i rp v rp


▲Up To Search▲   

 
Price & Availability of D10SBS4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X