Part Number Hot Search : 
06N60 G8ND2 PJP7N60 50400 EGL1F PW534320 ZMM5247B FR420
Product Description
Full Text Search
 

To Download CSMF12C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description: the central semiconductor csmf03v3c series is a 5 line tvs/zener array packaged in an ultramini sot-363 surface mount case. these devices are designed to protect sensitive electronic equipment, such as computers, networking communication, cell phones and instrumentation from over-voltage transients and esd damage. available in voltages ranging from 3.3v to 36v. features ? very low clamping voltage ? low leakage current ? 100w power dissipation ? smd sot-363 package ? iec61000-4-2 esd 20kv air, 15kv contact compliance applications: ? hand held portable applications ? networks, servers and telecom ? desktop and notebook computers ? instrumentation csmf03v3c csmf15c csmf05c csmf24c CSMF12C csmf36c surface mount 5-line silicon tvs/zener array 3.3 volts thru 36 volts sot-363 case central semiconductor corp. tm r0 (19-december 2005) stand-off voltage specified by type no. maximum reverse stand-off voltage minimum reverse breakdown voltage maximum reverse leakage current maximum clamping voltage 8 x 20 s maximum clamping voltage 8 x 20 s maximum off state junction capacitance (v r =0v, f=1mhz) v wrm (v) v br @ i br (v) (ma) i r @ v r ( a) (v) v cl @ i pp (v) (a) v cl @ i pp (v) (a) c j (pf) csmf03v3c 3.3 4.7 10 250 3.3 7.5 5.0 9 9 160 csmf05c 5 6.2 1.0 0.5 5 9 5.0 10 9 90 CSMF12C 12 13.3 1.0 0.5 12 17 3.0 20 5 60 csmf15c 15 16.6 1.0 0.5 15 23 3.0 25 4 46 csmf24c 24 26.7 1.0 0.5 24 35 1.0 45 2 38 csmf36c 36 38 1.0 0.5 36 40 1.0 50 2 27 maximum ratings: (t a =25c unless otherwise noted) symbol units peak pulse power (8x20usec waveform) p pp 100 w esd voltage (hbm) v esd 25 kv operating and storage junction temperature range t j, t stg -55 to +150 c electrical characteristics per diode: (t a =25c unless otherwise noted) marking codes csmf03v3c: cf03 csmf05c: cf05 CSMF12C: cf12 csmf15c: cf15 csmf24c: cf24 csmf36c: cf36
central semiconductor corp. tm csmf03v3c csmf15c csmf05c csmf24c CSMF12C csmf36c surface mount 5-line silicon tvs/zener array 3.3 volts thru 36 volts r0 (19-december 2005) sot-363 - case - mechanical outline pin configuration circuit diagram lead code: 1) cathode d1 2) anode d1, d2, d3, d4, d5 3) cathode d2 4) cathode d3 5) cathode d4 6) cathode d5


▲Up To Search▲   

 
Price & Availability of CSMF12C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X