Part Number Hot Search : 
U6P01SL0 ZMM18 55C3V3 LM7007M C1204 AK4523 1N476 GMA8675C
Product Description
Full Text Search
 

To Download C2260A1-002808 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c2260a1-0028 tcxo vectron international www.vectron.com 49-07268-801-281 fax 49-07268-801-0 tel germany d-74924 neckarbischofsheim landstrasse vectron international gmbh & co. kg modified 2007-09-19 index : 21 printed 2008-06-25 ? page 1 of 4 vectron international ? product specifications nominal frequency (f0) 12.8 mhz frequency stabilities parameter frequency stability operating temp. range over all (df/f0) -4.6 to 4.6 ppm vs. operating temp. range (df/f@25 c) -0.28 to 0.28 ppm -20 ... 70 c parameter value condition initial tolerance (df/f0) -1 to 1 ppm @25 c vs. supply voltage change (df/f) -0.3 to 0.3 ppm static; 3.3 v 5 % vs. load change (df/f) -0.1 to 0.1 ppm static; load 10 % vs. aging / 20 years (df/f) < 3 ppm @ 40 c holdover 24 h 0.32 ppm temp.; vs 5%; 24h ageing stratum 3 per gr-1244-core: <4.6ppm for all causes @ 20 years aging rf output parameter value condition signal lvcmos load 15 pf 10 % rise time < 5 ns @ 10 to 90 %vout fall time < 5 ns @ 90 to 10 %vout duty cycle 45 / 55 % @ 1.65 v v lo w x < 0.3 v v high x > 3 v enable function enable function output pin 1 pin 3 high data open data low no data supply voltage parameter value condition supply voltage (vs) 3.3 v 5 % current consumpt ion steady state < 10 ma @ vsnom & 25 c additional parameters parameter value condition phase noise < -90 dbc/hz 10 hz max < -115 dbc/hz 100 hz values < -135 dbc/hz 1000 hz < -152 dbc/hz 10 khz a dditional information 24 hour drift: 0.04ppm processing & packing handling &processing note additional environmental conditions tensile strength of leads din iec 68 t2-21 (ua 1) flexibility of leads din iec 68 t2-21 (ub) sealing test a nicht dicht (not hermetically sealed) solderability din iec 68 t2-20 (ta) 100% rohs compliant solvent resistance en 60068-2-45, test xa washable device
c2260a1-0028 tcxo vectron international www.vectron.com 49-07268-801-281 fax 49-07268-801-0 tel germany d-74924 neckarbischofsheim landstrasse vectron international gmbh & co. kg modified 2007-09-19 index : 21 printed 2008-06-25 ? page 2 of 4 vectron international ? product specifications absolute maximum ratings parameter min typ max units condition operable temperature range -40 85 c storage temperature range -40 85 c enclosure type g211a height 2.3 mm all units in mm pin connections pin 1: enable pin 2: gnd (case) pin 3: rf-output pin 4: vs (supply voltage) marking 2a-028 12m800 *vayyww - - * pin-1 marking
c2260a1-0028 tcxo vectron international www.vectron.com 49-07268-801-281 fax 49-07268-801-0 tel germany d-74924 neckarbischofsheim landstrasse vectron international gmbh & co. kg modified 2007-09-19 index : 21 printed 2008-06-25 ? page 3 of 4 vectron international ? product specifications reflow profile profile feature pb-free assembly/sn-pb assembly average ramp-up rate (tl to tp) 3c/second max. preheat -temperature min (tsmin) 150c -temperature min (tsmax) 200c -time (min to max) (ts) 60-180 seconds tsmax to tl - ramp-up rate 3c/second max. time maintainted above - temperature (tl) 217c - time (tl) 60-150 seconds peak temperature (tp) max 260c time within 5c of actual peak temperature (tp) 20-40 seconds ramp-down rate 6c/second max. time 25c to peak temperature 8 minutes max. note: all temperatures refer to topside of the package, measured on the package body surface. a dditional information this smd oscillator has been designed for pick and place reflow soldering.
c2260a1-0028 tcxo vectron international www.vectron.com 49-07268-801-281 fax 49-07268-801-0 tel germany d-74924 neckarbischofsheim landstrasse vectron international gmbh & co. kg modified 2007-09-19 index : 21 printed 2008-06-25 ? page 4 of 4 vectron international ? product specifications standard shipping method tape width w [mm] quantity per meter quantity per reel p [mm] a [mm] b [mm] k [mm] 16 125 750 8 5.4 7.4 2.7 notes: unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25c). subject to technical modification.


▲Up To Search▲   

 
Price & Availability of C2260A1-002808

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X