Part Number Hot Search : 
1ZC100 P2H30F4 A4011 1543I SS413 E103K 70182 USF550C
Product Description
Full Text Search
 

To Download AZ100LVEL11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.azmicrotek.com 1630 s stapley dr, suite 127 +1 - 480- 962- 5881 mesa, az 85204 usa r equest a sample m ay 2012, rev 2.0 d escription the AZ100LVEL11 is a differential 1:2 fanout gate. the device is functionally similar to the e111 device but with higher performance capabilities. having within - device skews and output transition times significantly improved over the e111, the AZ100LVEL11 is ideally suited for those applications tha t require the ultimate in ac performance. the differential inputs of the AZ100LVEL11 employ clamping circuitry to maintain stability under open input conditions. if the inputs are left open, the q outputs will go low. the AZ100LVEL11 is a direct replacemen t for the on semi mc100lvel11 and mc100el11 b lock d iagram f eatures ? 265ps propagation delay ? 5ps skew between outputs ? internal input pull - down resistors ? direct replace for on semi mc100lvel11 and mc100el11 a pplications ? general applications p ackage a vailability ? mlp8 ? soic8 ? msop8 ? green/rohs compliant/pb - free az 100lvel11 p ecl/ecl 1:2 differential fanout buffer order number package marking AZ100LVEL11ng 1 mlp8 l1g 2 AZ100LVEL11d+ 1 soic8 azm100+lvel11 2 AZ100LVEL11tg 1 msop8 azhglv11 2 1 tape & reel - add 'r1' at end of order number for 7in (1k parts), 'r2' (2.5k) for 13in 2 see www.azmicrotek.com for date code format www.azmicrotek.com
arizona microtek, inc. AZ100LVEL11 ecl/pecl 1:2 differential fanout buffer www.azmicrotek.com +1 - 480- 962- 5881 2 r equest a sample m ay 2012, rev 2.0 p in d escription and c onfiguration table 1 - pin description pin name type function 1 q0 input data input 2 q0 input data input 3 q1 input data input 4 q1 output data input 5 v ee power negative supply 6 d output data output 7 d output data output 8 v cc power positive supply mlp8 8 7 6 5 1 2 3 4 q0 q0 v cc d v ee q1 q1 d soic8 msop8 8 7 6 5 1 2 3 4 q0 q0 q1 q1 v cc d v ee d figure 1 - pin configuration for mlp8 & soic8/msop8 for mlp8, l eave center bottom pad open or connect t o v ee
arizona microtek, inc. AZ100LVEL11 ecl/pecl 1:2 differential fanout buffer www.azmicrotek.com +1 - 480- 962- 5881 3 r equest a sample m ay 2012, rev 2.0 e ng ineering n otes figure 2 - typical output swing p erformance data table 2 ? absolute maximum ratings symbol characteristic condition rating unit v cc pecl power supply v ee = 0v 0 to +8.0 v v i pecl input voltage v ee = 0v 0 to +6.0 v v ee ecl power supply v cc = 0v - 8.0 to 0 v v i ecl input voltage v cc = 0v - 6.0 to 0 v i out output current continuous 50 ma surge 100 t a operating temperature range - 40 to +85 c t stg storage temperature range - 65 to +150 c esd hbm human body model 2500 v esd mm machine model 200 v esd cd m charged device model 2500 v frequency (mhz) vout pp (mv)
arizona microtek, inc. AZ100LVEL11 ecl/pecl 1:2 differential fanout buffer www.azmicrotek.com +1 - 480- 962- 5881 4 r equest a sample m ay 2012, rev 2.0 table 3 - ecl dc characteristics ecl dc characteristics (v ee = - 3.0v to - 5.5v, v cc = gnd) symbol characteristic - 40 c 0 c 25 c 85 c unit min typ max min typ max min typ max min typ max v oh output high voltage 1 - 1085 - 1005 - 880 - 1025 - 955 - 880 - 1025 - 955 - 880 - 1025 - 955 - 880 mv v ol output low voltage 1 - 1830 - 1695 - 1555 - 1810 - 1705 - 1620 - 1810 - 1705 - 1620 - 1810 - 1705 - 1620 mv v ih input high voltage - 1165 - 880 - 1165 - 880 - 1165 - 880 - 1165 - 880 mv v il input low voltage - 1810 - 1475 - 1810 - 1475 - 1810 - 1475 - 1810 - 1475 mv i il input low current - 150 - 150 - 150 - 150 a i ih input high current 150 150 150 150 a i ee power supply current 22 31 23 31 24 31 28 34 ma 1 each output is terminated through a 50 ? resistor to v cc - 2v table 4 - lvpecl dc characteristics lvpecl dc characteristics (v ee = gnd, v cc = +3.3v) symbol characteristic - 40 c 0 c 25 c 85 c unit min typ max min typ max min typ max min typ max v oh output high voltage 1 2215 2295 2420 2275 2345 2420 2275 2345 2420 2275 2345 2420 mv v ol output low voltage 1 1470 1605 1745 1490 1595 1680 1490 1595 1680 1490 1595 1680 mv v ih input high voltage 2135 2420 2135 2420 2135 2420 2135 2420 mv v il input low voltage 1490 1825 1490 1825 1490 1825 1490 1825 mv i il input low current - 150 - 150 - 150 - 150 a i ih input high current 150 150 150 150 a i ee power supply current 22 31 23 31 24 31 28 34 ma 1 each output is terminated through a 50 ? resistor to v cc - 2v table 5 - pecl dc characteristics pecl dc characteristics (v ee = gnd, v cc = +5.0v) symbol characteristic - 40 c 0 c 25 c 85 c unit min typ max min typ max min typ max min typ max v oh output high voltage 1 3915 3995 4120 3975 4045 4120 3975 4045 4120 3975 4045 4120 mv v ol output low voltage 1 3170 3305 3445 3190 3295 3380 3190 3295 3380 3190 3295 3380 mv v ih input high voltage 3835 4120 3835 4120 3835 4120 3835 4120 mv v il input low voltage 3190 3525 3190 3525 3190 3525 3190 3525 mv i il input low current - 150 - 150 - 150 - 150 a i ih input high current 150 150 150 150 a i ee power supply current 22 31 23 31 24 31 28 34 ma 1 each output is terminated through a 50 ? resistor to v cc - 2v
arizona microtek, inc. AZ100LVEL11 ecl/pecl 1:2 differential fanout buffer www.azmicrotek.com +1 - 480- 962- 5881 5 r equest a sample m ay 2012, rev 2.0 table 6 - ac characteristics ac characteristics (v ee = - 3.0v to - 5.5v, v cc = gnd or v ee = gnd, v cc = +3.0v to +5.0v) symbol characteristic - 40 c 0 c 25 c 85 c unit min typ max min typ max min typ max min typ max t plh /t phl propagation delay to output 135 260 335 185 260 335 190 265 340 215 310 365 ps t skew duty cycle skew 1 5 5 20 5 20 5 20 ps within devic e skew 2 5 5 20 5 20 5 20 ps v pp minimum input swing 3 150 150 150 150 mv v cmr common mode range 4 v ee + 1.2 v cc - 0.2 v ee + 1.2 v cc - 0.2 v ee + 1.2 v cc - 0.2 v ee + 1.2 v cc - 0.2 v t r /t f output rise/fall times q (20% - 80%) 100 260 100 260 100 260 100 260 ps 1 within - device skew defined as identical transitions on similar paths through a device. 2 duty cycle skew is the difference between a t plh and t phl propagation delay through a device. 3 v pp is the minimum peak - to - peak differential input swing for which ac parameters guaranteed. the device has a dc gain of 40. 4 the v cmr range is referenced to the most positive side of the differential input signal. normal operation is obtained if the h igh level falls within the specified range and the peak - to - peak voltage lies between v pp (min) and 1v.
arizona microtek, inc. AZ100LVEL11 ecl/pecl 1:2 differential fanout buffer www.azmicrotek.com +1 - 480- 962- 5881 6 r equest a sample m ay 2012, rev 2.0 p ackage d iagram mlp 8 green/rohs compliant/pb - free msl=1
arizona microtek, inc. AZ100LVEL11 ecl/pecl 1:2 differential fanout buffer www.azmicrotek.com +1 - 480- 962- 5881 7 r equest a sample m ay 2012, rev 2.0 p ackage d iagram soic8 green/rohs compliant/pb - free msl=1
arizona microtek, inc. AZ100LVEL11 ecl/pecl 1:2 differential fanout buffer www.azmicrotek.com +1 - 480- 962- 5881 8 r equest a sample m ay 2012, rev 2.0 p ackage d iagram msop8 green/rohs compliant/pb - free msl=1 arizona microtek, inc. reserves the right to change circuitry and specifications at any time without prior notice. arizona microtek, inc. makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does arizona microtek, inc. assume any liability arising out of the application or use of any product or circuit and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. arizona microtek, inc . does not convey any license rights nor the rights of others. arizona microtek, inc. products are not designed, intended or authorized for use as components in systems intended to support or sustain life, or for any other application in which the failure of the arizona microtek, inc. product could create a situation where personal injury or death may occur. should buyer purchase or use arizona microtek, inc. products for any such unintended or unauthorized application, buyer shall indemnify and hold ariz ona microtek, inc. and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that arizona microtek, inc. was negligent regarding the design or manufacture of the part.


▲Up To Search▲   

 
Price & Availability of AZ100LVEL11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X