3 pole ac inlet iec320-c14 built-in active pfc function, pf>0.95 protections: short circuit/ over load/ over voltage/over temperat ure high power density 5w/in fully enclosed plastic case approvals: ul/ cul/ tuv/ cb/ ce no load power consumption<0.75w@240vac zcs/zvs technology to reduce power dissipation 2 years warranty 3 specification AS-120P-12 as-120p-20 dc voltage note.2 order no. rated current current range output setup, rise time hold time (typ.) voltage range frequency range efficiency (typ.) ac current (typ.) input environment inrush current (typ.) leakage current (max.) safety standards safety & emc (note. 7) working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf life dimension others note packing over load over voltage protection 12v as120p12r7b 15v as120p15r7b 20v as120p20p1m 24v as120p24p1m 48v as120p48p1m 8.4a 6.7a 6a 5a 2.5a 0~ 8.4a 0 ~ 6.7a 0 ~ 6a 0 ~ 5a 0 ~ 2.5a ripple & noise (max.) note.3 100mvp-p 11 ~ 13.5v 100mvp-p 13.5 ~ 16.5v 200mvp-p 18 ~ 22v 200mvp-p 21.6 ~ 26.4v 240mvp-p 43.2 ~ 52.8v voltage adj. range fixed output by customer choose voltage tolerance note.4 line regulation note.5 load regulation note.6 4.0% 4.0% 3.0% 2.0% 2.0% 2.0% 2.0% 1.0% 1.0% 1.0% 1.0% 3.5% 3.0% 2.5% 1.0% 3000ms, 80ms at full load 50ms/230vac at full load 16ms/115vac 90 ~ 264vac 127 ~ 370vdc 47 ~ 63hz 85.5% 89.5% 22.5 ~ 28v 1.4a/115vac 0.7a/230vac 120a/230vac <1ma / 240vac ul60950-1, tuv en60950-1 approved withstand voltage isolation resistance i/p-o/p:100m ohms 308.9k hrs min. mil-hdbk-217f (25 ) average life expectancy of 6 years (12 hours / day, 70% load, 115vac) 0 ~ + 50 (refer to output load derating curve) 20% ~ 90% rh non-condensing -20 ~ +85 , 10 ~ 95% rh 0.03% / (0 ~ 50 ) 10 ~ 500hz, 2g 3axes 10min./1cycle, period for 60min. each along x, y, z axes 167*67*35mm (l*w*h) 0.52kg; 30pcs/16.6kg/1.1cuft 1.all parameters are specified at 230vac input, rated load, 25 70% rh. amb ient. 2.dc voltage: the output voltage set at point measure by plug terminal & 50% lo ad. 3.ripple & noise are measured at 20mhz by using a 12" twisted pair terminated w ith a 0.1uf & 47uf capacitor. 4.tolerence: includes set up tolerance, line regulation, load regul ation. 5.line regulation is measured from low line to high line at rated load. 6.load regulation is measured from 0% to 100% rated load. 7.the power supply is considered a component which will be installed into a f inal equipment. the final equipment must be re-confirmed that it still me ets emc directives. as-120p-15 as-120p-24 as-120p-48 rated power 100w 120w 120w 120w 100w 87.5% 17 ~ 21v 90% 27 ~ 33.6v 89% 53.3 ~ 67.2v 120w ac-dc single output desktop a s - 1 2 0 p s e r i e s features : 105 ~ 135% rated output power protection type : hiccup mode, recovers automatically after fault con dition is removed protection type : shut down o/p voltage, re-power on to recover 14 ~ 16.8v compliance to en55022(cispr22) class b, fcc part 15j class b compliance to en61000-3-2,3 harmonic current ems immunity emi conduction & radiation r model i/p-o/p:4.25kvdc compliance to en61000-4-2,3,4,5,6,8,11, criteria a light industry level, connector plug cable standard type r7b,p2m: 2.5 * 5.5 * 11mm, center positive for stock ; other ty pe available by customer requested standard type 120cm of spt-1, 16awg*2c for stock ther type available by cu stomer requested ; o power factor (typ.) pf 0.95/230vac pf 0.98/115vac at full load over temperature 90 15 (rth2) detect on heatsink of power transistor protection type : shut down o/p voltage, re-power on to recover tuv rheinland product safety geprufre sicherheit rsg electronic components rsg electronic components gmbh sprendlinger landstr. 115 d-63069 offenbach/germany tel. +49 69 984047-0 fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de ?nderungen vorbehalten / subject to change without notice
mechanical specification file name:as-120p-spec 2006-11-17 ambient temperature ( ) load (%) 0 20 10 30 40 20 40 50 80 60 100 60 50 70 input voltage (vac) 60hz 90 100 95 120 110 160 140 200 180 240 220 264 load (%) ta=25 90 100 80 70 60 50 40 r7b 35 67 c"+" inside inside outside outside c"+" (horizontal) derating curve static characteristics 120w ac-dc single output desktop a s - 1 2 0 p s e r i e s case no.947a unit:mm p/n center p1m plug assignment standard plug(for 20v,24v,48v only) 1200 50 1200 50 167 167 35 67 16awg 2c 16awg 2c 1 4 2 3 11 11 standard plug(for 12v,15v only) pin no 1,4 2,3 output +v -v 2 3 1 4 output + id 2.5 x od 5.5 rsg electronic components rsg electronic components gmbh sprendlinger landstr. 115 d-63069 offenbach/germany tel. +49 69 984047-0 fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de ?nderungen vorbehalten / subject to change without notice
|