Part Number Hot Search : 
FP6137B SFH4203 RT3S4S15 EDZ22B BA6287F R6030 DL6709 LT1376CS
Product Description
Full Text Search
 

To Download AM1P-0512S-NZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am1 p- nz 1 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r11. e 1 of 3 north america only features: models single outp ut model input voltage (v) output voltage (v) output current max ( ma) isolation (vdc) efficiency (%) am1p - 0505 s - n z 4. 5 - 5.5 5 200 1000 78 am1p - 0509s - nz 4.5 - 5.5 9 110 1000 79 am1p - 0512s - nz 4.5 - 5.5 12 83 1000 80 am1p - 0515s - nz 4.5 - 5.5 15 67 1000 78 am1p - 1205 s - n z 1 0.8 - 13.2 5 200 1000 78 am1p - 1209s - nz 10.8 - 13.2 9 110 1000 80 am1p - 1212s - nz 10.8 - 13.2 12 83 1000 81 am1p - 1215s - nz 10.8 - 13.2 15 67 1000 79 am1p - 24 05 s - n z 2 1.6 - 26.4 5 200 1000 79 am1p - 2409s - nz 21.6 - 26.4 9 110 100 0 80 am1p - 2412s - nz 21.6 - 26.4 12 83 1000 81 am1p - 2415s - nz 21.6 - 26.4 15 67 1000 79 models dual separated output model input voltage (v) output voltage (v) output current m ax (ma) isolation (vdc) efficiency (%) am1p - 050505d - nz 4.5 - 5.5 5 / 5 100 / 100 1000 72 input specifications parameters nominal typical maximum units voltage range 5 4.5 - 5.5 vdc 12 10.8 - 13.2 24 21.6 - 26.4 filter capacitor isolation specifications parameters conditions typical rated units tested i/o voltage 6 0 sec 1000 vdc resistance > 1000 mohm capacitance 60 pf output specifications parameters conditions typical maximum units voltage accuracy see tolerance graph short circuit protection momentary (1 sec) line voltage regulation (single) for 1. 0% vin 1.2 % of vin line voltage regulation (dual) for 1.0% vin 1.2 % of vin load voltage regulation (single) load 1 0 C 100% 10 % load voltage regulation (dual) load 1 0 C 100% 10 % temperature coefficient 0.03 %/ o c ripple & noise at 20 mhz b andwidth 75 m vp - p ? r ohs compliant ? operating temperature - 40 o c to + 85 o c ? 8 pin dip package ? input / output isolation 1000 vdc ? low ripple and noise ? pin computable with multiple manufacturers ? high efficiency up to 81% ? ul94 - vo package
series am1 p- nz 1 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r11. e 2 of 3 north america only general specifications parameters conditions typical maximum units switching frequency 100 % load 150 khz operating temperature without derating - 40 to +85 o c storage temperature - 55 to +125 o c case temp e r a ture 9 0 o c cooli ng free air convection humidity 90 % case material plastic ul94 - vo weight 1 .8 g dimensions (l x w x h) 0.46 x 0.39 x 0.30 inches 11.7 0 x 9.8 0 x 7.7 0 mm mtbf > 1 000 000 hrs (mil - hdbk - 217f, ground benign, t=+25 o c) note: all specifications i n this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified . safety specifications parameters agency approvals ul, ce for single output models standards iec 6095 0 - 1 :2001 pin out specifications external capacitor tolerance envelope graph output current (%) output voltage (%) typical load line +10% +5% 10% 50% 100% nominal voltage vin (vdc) external capacitor (uf) vout (vdc) external capacitor (uf) 5 4.7 5 10 12 2.2 9 4.7 24 1 12 2.2 - - 15 1 pin single dual separated 1 - v input - v input 4 +v input +v input 5 +v output +v1 output 6 no pin - v1 output 7 - v output +v2 output 8 no pin - v2 output
series am1 p- nz 1 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r11. e 3 of 3 north america only dimensions filtering note: 1. datasheets are updated as n eeded and as such, specifications are subject to change without notice. once printed or downloaded, datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including saf ety agency certifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are con sidered proprietary and may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control s ystems or other such applications which necessitate specific saf ety and regulatory standards other the ones listed in this datasheet. 7. warranty is in accordance with aimtecs standard terms of sale available at www.aimtec.com. 11.70 (0.46) 9.80 (0.39) 0.50 (0.02) 7.62 (0.30) 2.54 (0.10) 7.62 (0.30) bottom view 7.70 (0.30) 4.10 (0.16) 2.54 (0.10) 0.50 (0.02) 1 4 5 6 7 8


▲Up To Search▲   

 
Price & Availability of AM1P-0512S-NZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X