Part Number Hot Search : 
8051F9 AG231444 BFXXXX TS942IPT TS942IPT TS942IPT 2SC328 345040
Product Description
Full Text Search
 

To Download 48D15200A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a 6 watt dual series dc/dc converters 1.29.98 manufacturing company, inc.  concord, california 94520  ph: 925/687-4411 or 800/542-3355  fax: 925/687-3333  www.calex.com  email: sales@ca lex.com 1 features ! low profile copper case (0.375" high) ! six-sided shielded case ! low input/output noise operation ! 700 vdc input/output isolation ! short circuit protected output ! fixed frequency operation independent of line and load ! highly regulated/low drift output ! rugged high speed mosfet power chopper ! 5 year warranty description ideal for industrial applications, these 6 watt dual output converters are suitable for use in telecommunications, medical and other systems that require floating outputs. these dc/dc converters operate at a fixed frequency that is independent of line and load. the isolation transformer provides 700 vdc isolation between input and output grounds allowing the outputs to be floated above or below the input ground. designed for maximum performance, each unit has an lc input filter, high speed mosfet power chopper and short circuit protected linear post regulators. the copper case, measuring only 0.375" high, is shielded on all six sides to minimize radiated noise. all converters in this series are guaranteed under the calex 5 year warranty. 6 watt dual output series block diagram  
  
             
   
          t r a h c n o i t c e l e s l e d o m e g n a r t u p n i c d v s t u p t u o c d v s t u p t u o a m n i mx a m a 0 5 2 . 2 1 d 2 16 1 . 1 10 2 . 3 12 1 0 5 2 a 0 0 2 . 5 1 d 2 16 1 . 1 10 2 . 3 15 1 0 0 2 a 0 5 2 . 2 1 d 4 22 3 . 2 20 4 . 6 22 1 0 5 2 a 0 0 2 . 5 1 d 4 22 3 . 2 20 4 . 6 25 1 0 0 2 a 0 5 2 . 2 1 d 8 24 0 . 6 20 8 . 0 32 1 0 5 2 a 0 0 2 . 5 1 d 8 24 0 . 6 20 8 . 0 35 1 0 0 2 a 0 5 2 . 2 1 d 8 44 6 . 4 40 8 . 2 52 1 0 5 2 a 0 0 2 . 5 1 d 8 44 6 . 4 40 8 . 2 55 1 0 0 2
a 6 watt dual series dc/dc converters 1.29.98 manufacturing company, inc.  concord, california 94520  ph: 925/687-4411 or 800/542-3355  fax: 925/687-3333  www.calex.com  email: sales@ca lex.com 2 notes * all parameters measured at tc=25c, nominal input voltage and full rated load unless otherwise noted. refer to the calex application notes for the definition of terms, measurement circuits and other information. (2) turn on time is defined as the time from the application of power until the output is within 1% of its final value. (3) determine the correct fuse size by calculating the maximum dc current drain at low line input, maximum load and then adding 20 to 25 percent. (4) no minimum load required. (5) short term stability is specified after a 30 minute warm-up at full load and with constant line, load and ambient conditions. * s r e t e m a r a p t u p n i l e d o ma 0 5 2 . 2 1 d 2 1a 0 0 2 . 5 1 d 2 1a 0 5 2 . 2 1 d 4 2a 0 0 2 . 5 1 d 4 2s t i n u e g n a r e g a t l o v n i m x a m 6 1 . 1 1 0 2 . 3 1 2 3 . 2 2 0 4 . 6 2 c d v w b z h m 0 2 - 0 , e l p p i r d e t c e l f e r p y t x a m 0 1 5 2 5 5 1 p - p a m d a o l l l u f t n e r r u c t u p n i d a o l o n p y t p y t 0 8 7 5 4 9 6 7 0 5 8 7 3 2 2 2 6 3 3 2 a m y c n e i c i f f ep y t4 65 66 69 6% y c n e u q e r f g n i h c t i w sp y t5 7z h k s m 0 0 1 , e g a t l o v r e v o t u p n i m u m i x a m e g a m a d o n x a m5 10 3c d v ) 2 ( r o r r e t u p t u o % 1 , e m i t n o - n r u tp y t3 s m e s u f d e d n e m m o c e r ) 3 ( l e d o ma 0 5 2 . 2 1 d 8 2a 0 0 2 . 5 1 d 8 2a 0 5 2 . 2 1 d 8 4a 0 0 2 . 5 1 d 8 4s t i n u e g n a r e g a t l o v n i m x a m 4 0 . 6 2 0 8 . 0 3 4 6 . 4 4 0 8 . 2 5 c d v w b z h m 0 2 - 0 , e l p p i r d e t c e l f e r p y t x a m 7 5 1 5 1 5 2 p - p a m d a o l l l u f t n e r r u c t u p n i d a o l o n p y t p y t 5 2 3 2 2 5 1 3 2 2 8 9 1 1 2 9 8 1 1 2 a m y c n e i c i f f ep y t6 68 63 66 6% y c n e u q e r f g n i h c t i w sp y t5 7z h k s m 0 0 1 , e g a t l o v r e v o t u p n i m u m i x a m e g a m a d o n x a m5 30 6c d v ) 2 ( r o r r e t u p t u o % 1 , e m i t n o - n r u tp y t3 s m e s u f d e d n e m m o c e r ) 3 ( * s r e t e m a r a p t u p t u o l e d o m a 0 5 2 . 2 1 d 4 2 a 0 5 2 . 2 1 d 2 1 a 0 5 2 . 2 1 d 8 4 a 0 5 2 . 2 1 d 8 2 a 0 0 2 . 5 1 d 4 2 a 0 0 2 . 5 1 d 2 1 a 0 0 2 . 5 1 d 8 4 a 0 0 2 . 5 1 d 8 2 s t i n u e g a t l o v t u p t u o2 1 5 1 c d v ) 4 ( t n e r r u c d e t a r n i m x a m 0 0 5 2 0 0 0 2 a m e g n a r e g a t l o v d a o l % 0 0 1 n i m p y t x a m 0 9 . 1 1 0 0 . 2 1 0 1 . 2 1 0 9 . 4 1 0 0 . 5 1 0 1 . 5 1 c d v e c n a l a b t u p t u o ) d a o l l l u f , t u p t u o s u n i m o t s u l p ( p y t x a m 6 . 0 0 . 1 6 . 0 0 . 1 % % 0 0 1 - 0 n o i t a l u g e r d a o l p y t x a m 2 0 . 0 0 1 . 0 % n o i t a l u g e r e n i l c d v x a m - n i m = n i v p y t x a m 5 0 . 0 0 1 . 0 % ) 6 ( e s n o p s e r t n e i s n a r tp y t% 1 s d e e c x e r e v e ns ) 7 ( e s n o p s e r c i m a n y dp y t0 1k a e p v m ) 8 ( n o i t c e j e r e l p p i r t u p n ip y t5 6b d w b z h m 0 2 - 0 , e s i o n p y t x a m 0 1 0 4 p - p v m t n e i c i f f e o c e r u t a r e p m e t p y t x a m 0 0 1 0 5 2 0 5 1 0 0 3 c / m p p o t n o i t c e t o r p t i u c r i c t r o h s s t u p t u o l l a r o f n o m m o c t i m i l t n e r r u c m u m i n i m s r u o h 8 , s u o u n i t n o c
a 6 watt dual series dc/dc converters 1.29.98 manufacturing company, inc.  concord, california 94520  ph: 925/687-4411 or 800/542-3355  fax: 925/687-3333  www.calex.com  email: sales@ca lex.com 3 bottom view side view mechanical tolerances unless otherwise noted: x.xx dimensions: 0.020 inches x.xxx dimensions: 0.005 inches seal around terminals is not hermetic. do not immerse units in any liquid. (6) the transient response is specified as the time required for the output to settle from a 100% step load change (rise time of step = 2 sec.) to a 1% error band. (7) dynamic response is the peak overshoot voltage during the transient response time as defined in note 6 above. (8) the input ripple rejection is specified for dc to 120hz ripple with a modulation amplitude of 1% vin. (9) the case thermal impedance is specified as the case temperature rise over ambient per package watt dissipated. * s n o i t a c i f i c e p s l a r e n e g s l e d o m l l as t i n u n o i t a l o s i e g a t l o v n o i t a l o s i e g a k a e l a 0 1 t u p t u o - t u p n i n i m0 0 7c d v t u p t u o o t t u p n i e c n a t i c a p a c p y t5 7f p l a t n e m n o r i v n e e g n a r g n i t a r e p o e s a c g n i t a r e d o n n i m x a m 0 4 - 5 8 c e g n a r e g a r o t s n i m x a m 5 5 - 0 0 1 c ) 9 ( e c n a d e p m i l a m r e h tp y t0 1t t a w / c l a r e n e g t h g i e w t i n up y t7 . 1z o s t i k g n i t n u o m5 1 s m & 6 s m n i pn o i t c n u f 1t u p n i + 2t u p n i - 3t u p t u o + 4n m c 5t u p t u o -


▲Up To Search▲   

 
Price & Availability of 48D15200A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X