Part Number Hot Search : 
P5600 SR163 SL9352 100FC UCA6408N 4LC21 BD5358 LBN70A16
Product Description
Full Text Search
 

To Download 37816 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2 of 8 transformer, adsl, co agency approval: ul #145198 pn 37816 .xxx = .005 rev sh a millimeters (mm) 1000 parkers lake road, wayzata, mn 55391, (952) 475-1173, www.schottcorp.com .xx = .01 inches / decimal tolerances unless otherwise specified .xx = 0.20 angles 1 specifications: temp class 105c designed to meet ul1950/iec-950 requirements working voltage 250 vrms, supplementary insulation 1. inductance: @ 0.1 vrms, 10 khz 1-4 tie 2&3 = 427.5 to 522.5 uh (474uh +/-10%) 2. leakage inductance: @ 0.1 vrms, 100 khz 1-4 tie 2&3 (short 8,6,7,5) = 15 h max 3. turns ratio: 1-4 : 8-5 tie 2&3, 6&7 = 1.41 : 1 +/- 2% 4. dc resistance: ohms 1-3-2-4 = 1.70 max 8-6-7-5 = 1.40 max 5. dielectric strength: 1875 vac, 1 second 1 to 8, tie (3-2,&6-7) all windings to core 6. harmonic distortion: 100 ohms ref input, 8-5 = 50 ohm load, v1 = 15vp-p(5.32vrms) @ 100khz v2 = -85db max @ 30khz v2 = -64db max 7. insertion loss = 0.5 db max @ 1 mhz chip=8-5, rs =100 ohms, r1 = 50 ohms 8. longitudinal balance v1= 0 dbm @ 20 khz & 250 khz, rs=100ohms, input, r1=50 ohm load, @ 20khz v2 = 60 db min @ 250khz v2 = 55 db min 9. iwc: @ 0.1vrms, 100khz 1-4 to 8-5 = 30 pf max title 1 3 4 2 8 6 5 7 chip line .510 max (12.95) .417 .006 (10.6) schott 37816 yyww .420 max (10.67) .380 max (9.65) .079 (2.00) .028 (0.71) 1 4 5 8 ref: pwb pattern .080 (2.03) .035 (0.89) .530 .010 (13.86) .079 (2.00) note: coplanarity < .004 (0.10)


▲Up To Search▲   

 
Price & Availability of 37816

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X