Part Number Hot Search : 
LG32240 HM51258P MV804X L5257 SK34E IRFSL AN8025M MMSZ5
Product Description
Full Text Search
 

To Download 2N2N2222AUB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  chip type 2c2222akv geometry 0400 polarity npn data sheet no. cp2222a 2n2219a 2n2222a ref: mil-prf-19500l/255 chip type 2c2222akv by semicoa semiconductors meets the standards for mil-prf-19500l appendix g, class k and provides performance similar to these devices. product summary part number 2n2222a , 2n2222, 2n2219, 2n2219a, 2n2219al 2N2N2222AUB , sd2222a, sd2222af, sq2222a, sq2222af, 2n5582, 2n6989, 2n6990 applications: designed for gen- eral purpose switching and amplifier applications. radiation: consult factory for availability of radiation data for this device. features: low v ce(sat) voltages high current-gain-bandwidth product 20 mils 20 mils b e top al - 24 k? backside au - 6.5 k? emitter 4.0 mils x 4.0 mils base 4.0 mils x 4.0 mils die thickness chip area top surface 20 mils x 20 mils silox passivated mechanical specifications metallization bonding pad size 8 mils nominal
due to the limitations of probe testing, only dc parameters are tested. this must be done with pulse width less than 300 s, duty cycle less than 2%. parameter test conditions min max unit i cbo1 v cb = 75 v dc --- 10 a dc i ebo1 v eb = 6 v dc --- 10 a dc v (br)ceo bias condition d; i c = 10 ma dc; pulsed 50 --- v dc i ces bias condition c; v ce = 50 v dc --- 50 na dc i cbo2 bias condition d; v cb = 60 v dc --- 10 na dc i ebo2 bias condition d; v eb = 4 v dc --- 10 na dc h fe1 v ce = 10 v dc; i c = 0.1 ma dc 50 --- --- h fe2 v ce = 10 v dc; i c = 1.0 ma dc 75 325 --- h fe3 v ce = 10 v dc; i c = 10 ma dc 100 --- --- h fe4 v ce = 10 v dc; i c = 150 ma dc; pulsed 100 300 --- h fe5 v ce = 10 v dc; i c = 500 ma dc; pulsed 30 --- --- v ce(sat)1 i c = 150 ma dc; i b = 15 ma dc; pulsed --- 0.3 v dc v ce(sat)2 i c = 500 ma dc; i b = 50 ma dc; pulsed --- 1.0 v dc v be(sat)1 test condition a; i c = 150 ma dc; i b = 15 ma dc; pulsed 0.6 1.2 v dc v be(sat)2 test condition a; i c = 500 ma dc; i b = 50 ma dc; pulsed --- 2.0 v dc i cbo3 bias condition d; v cb = 60 v dc --- 10 a dc h fe6 v ce = 10 v dc; i c = ma dc 35 --- --- electrical characteristics t a = 25 o c (group a2, a3)
flowchart mil-prf-19500l appendix g table xii. die element evaluation requirements mil-std-750 quantity reference paragraph sub- group class k test method condition (accept no.) 1 x electrical test 100 percent g.5.2.1 2 x visual inspection 2072 100 percent g.5.2.2 3a x internal / die inspec- tion 2072 10(0) g.5.2.3.1 3b x sample assembly 10 pieces min. g.5.2.3.2 4 x stabilization 1032 c 10(0) g.5.2.4.1 t = 24 hours min x temperature cycling 1051 c x mechanical shock 2016 y1 direction or constant accelera- tion 2006 y1 direction x electrical test group a, (read/record) subgroups 2,3 x htrb screen 10 1 / x electrical test group a, 2 / (read/record) subgroup 2 x burn-in screen 12 1 / x electrical test group a, 2 / (read/record) subgroup 2 x steady state life 3 / transistors 1039 b x electrical test group a, 2 / (read/record) subgroups 2, 3 5a x wire bond evalua- tion 2037 condition a 10(0) wires g.5.2.5.1 or 20(1) wires 5b x die shear evalua- tion 2017 5(0) g.5.2.5.2 or 10(1) 6 x sem 2077 see test method g.5.2.6 2077 4 / 1 / htrb and burn-in shall be performed when specified on the applicable performance specification sheet. 2 / thermal impedance shall not apply. 3 / time and temperature requirements in accordance with table xi. 4 / may be performed at any time.


▲Up To Search▲   

 
Price & Availability of 2N2N2222AUB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X