Part Number Hot Search : 
NJU87 FXT38C CD295BC PSMN3R 2C2857 GPW576 AP358N C4502M
Product Description
Full Text Search
 

To Download 1722480000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  catalogue 2002/03 catalogue 2002/03 catalogue 2002/03 catalogue 2002/03 2 pcb-components pcb-components
solder pin length 2.8 mm 4.1 mm colour poles type cat. no. cat. no. qty. 2 lmzf 5.08/2/90 1701430000 1721640000 100 3 lmzf 5.08/3/90 1701440000 1721650000 100 4 lmzf 5.08/4/90 1721370000 1721660000 100 5 lmzf 5.08/5/90 1701450000 1721670000 50 6 lmzf 5.08/6/90 1721380000 1721680000 50 7 lmzf 5.08/7/90 1721390000 1721690000 50 8 lmzf 5.08/8/90 1721400000 1721700000 50 9 lmzf 5.08/9/90 1721410000 1721710000 25 10 lmzf 5.08/10/90 1721420000 1721720000 25 11 lmzf 5.08/11/90 1721430000 1721730000 25 12 lmzf 5.08/12/90 1721440000 1721740000 25 rated voltage v 250* 300 300 rated current a141 0 10 clamping range max. mm 2 /awg 1.5 14 14 *overvoltage category iii / pollution severity 3 additional technical data see page 54 solder pin length 3.2 mm 4.5 mm colour poles type cat. no. cat. no. qty. 2l mzf 5.08/2/180 1701550000 1722400000 100 3l mzf 5.08/3/180 1701560000 1722410000 100 4l mzf 5.08/4/180 1722130000 1722420000 100 5l mzf 5.08/5/180 1701570000 1722430000 50 6l mzf 5.08/6/180 1722140000 1722440000 50 7l mzf 5.08/7/180 1722150000 1722450000 50 8l mzf 5.08/8/180 1722160000 1722460000 50 9l mzf 5.08/9/180 1722170000 1722470000 25 10 lmzf 5.08/10/180 1722180000 1722480000 25 11 lmzf 5.08/11/180 1722190000 1722490000 25 12 lmzf 5.08/12/180 1722200000 1722500000 25 solder pin length 3.2 mm 4.5 mm colour poles type cat. no. cat. no. qty. 2 lmzf 5.08/2/135 1714590000 1734220000 100 3 lmzf 5.08/3/135 1715180000 1734230000 100 4 lmzf 5.08/4/135 1715190000 1734240000 100 5 lmzf 5.08/5/135 1717770000 1734250000 50 6 lmzf 5.08/6/135 1717780000 1734260000 50 7 lmzf 5.08/7/135 1717110000 1734270000 50 8 lmzf 5.08/8/135 1715200000 1734280000 50 9 lmzf 5.08/9/135 1717120000 1734290000 25 10 lmzf 5.08/10/135 1715210000 1734300000 25 11 lmzf 5.08/11/135 1717130000 1734310000 25 12 lmzf 5.08/12/135 1715220000 1734320000 25 rated voltage v 250* 300 300 rated current a141 0 10 clamping range max. mm 2 /awg 1.5 14 14 *overvoltage category iii / pollution severity 3 additional technical data see page 54 rated voltage v 250* 300 300 rated current a141 0 10 clamping range max. mm 2 /awg 1.5 14 14 *overvoltage category iii / pollution severity 3 additional technical data see page 54 t echnical data vde ul csa accessories page marking 42 fixing - miscellaneous 45 t echnical data vde ul csa accessories page marking 42 fixing - miscellaneous 45 t echnical data vde ul csa accessories page marking 42 fixing - miscellaneous 45 19 rated cross-section 1.5 mm 2 lmzf 5.08/90 lmzf 5.08/135 lmzf 5.08/180 rated cross-section 1.5 mm 2
marking 42 fixing - miscellaneous 45 solder pin length 3.5 mm colour poles type cat. no. qty. 6 lm3rzf 5.08/6 1764910000 50 9 lm3rzf 5.08/9 1764920000 50 12 lm3rzf 5.08/12 1764930000 50 15 lm3rzf 5.08/15 1764940000 20 18 lm3rzf 5.08/18 1764950000 20 21 lm3rzf 5.08/21 1758040000 20 24 lm3rzf 5.08/24 1764960000 10 27 lm3rzf 5.08/27 1764970000 10 30 lm3rzf 5.08/30 1758030000 10 33 lm3rzf 5.08/33 1764980000 10 36 lm3rzf 5.08/36 1764990000 10 48 lm3rzf 5.08/48 1758050000 10 solder pin length 3.5 mm colour poles type cat. no. qty. 4 lm2nzf 5.08/4 1764810000 50 6 lm2nzf 5.08/6 1764820000 50 8 lm2nzf 5.08/8 1764830000 50 10 lm2nzf 5.08/10 1764840000 50 12 lm2nzf 5.08/12 1764850000 50 14 lm2nzf 5.08/14 1764860000 20 16 lm2nzf 5.08/16 1764870000 20 18 lm2nzf 5.08/18 1764880000 20 20 lm2nzf 5.08/20 1758020000 20 22 lm2nzf 5.08/22 1764890000 20 24 lm2nzf 5.08/24 1764900000 10 t echnische daten vde ul csa accessories page marking 42 fixing - miscellaneous 45 t echnische daten vde ul csa accessories page 20 rated cross-section 1.5 mm 2 t echnical data vde ul csa t echnical data vde ul csa rated voltage v 250* 300 300 rated current a121 0 10 clamping range max. mm 2 /awg 2.5 12 12 *overvoltage category iii / pollution severity 3 additional technical data see page 55 rated voltage v 250* 300 300 rated current a121 0 10 clamping range max. mm 2 /awg 2.5 12 12 *overvoltage category iii / pollution severity 3 additional technical data see page 55 lm2nzf 5.08/135 lm3rzf 5.08/135 solder pin length 3.2 mm 4.5 mm colour poles type cat. no. cat. no. qty. 2 lpzf 5.08/2/180 1698450000 1698560000 100 3 lpzf 5.08/3/180 1698460000 1698570000 100 4 lpzf 5.08/4/180 1698470000 1698580000 100 5 lpzf 5.08/5/180 1698480000 1698590000 50 6 lpzf 5.08/6/180 1698490000 1698600000 50 7 lpzf 5.08/7/180 1698500000 1698610000 50 8 lpzf 5.08/8/180 1698510000 1698620000 50 9 lpzf 5.08/9/180 1698520000 1698630000 25 10 lpzf 5.08/10/180 1698530000 1698640000 25 11 lpzf 5.08/11/180 1698540000 1698650000 25 12 lpzf 5.08/12/180 1698550000 1698660000 25 design compatible with lmt 5.08/180 on page 21 t echnical data vde ul csa rated voltage v 250* 300 300 rated current a161010 clamping range max. mm 2 /awg 2.5 14 14 *overvoltage category iii / pollution severity 3 additional technical data see page 55 lpzf 5.08/180 accessories page marking 42 fixing - miscellaneous 45
54 materials insulation material colour 1) te mperature range ? flammability class. ul94 contact base material contact plating system characteristic values pitch mm connection method solder pin length mm pcb hole diamter mm insulation stripping length mm clamping screw m insulation resistance m ? through resistance m ? to r que nm conductor size clamping range mm 2 ??solid h05(07) v-u mm 2 ? f flexible h05(07) v-k mm 2 ? f ? ith ferrule to din 46228/1 mm 2 ?with plastic collar to din 46228/4 mm 2 gauge to en 60999 mm (size) vde 0110 1.89 rated data rated cross-section to en 60999 mm 2 rated current 3) a overvoltage category / pollution severity rated voltage v impulse voltage kv ul rated data rated voltage, industrial v~ rated current a awg conductor (field wiring) csa rated data rated voltage, industrial v~ rated current a awg conductor (field wiring) application notes 1) additional colours on request 3) referred to 20? ambient temperature, rated cross-section and number of poles lmzf 5.08/90?180 pa 66 orange -20?+100 v-2 e-cu tin-plated 5.08 tension clamp connection 2.8/3.2/4.1/4.5 1.3 +0.1 7.0 10 3 1.3 0.14?1.5 0.5?1.5 0.5?1.5 0.5?1.5 - 2.4 x 1.5 (a1) 1.5 14 iii/3 iii/2 ii/2 250 400 630 4.0 4.0 4.0 300 10 26?14 300 10 26?14 ordering data: page 19 lmzf 5.08/135 pa 66 orange -20?+100 v-2 cusn tin-plated 5.08 tension clamp connection 3.2/4.5 1.3 +0.1 7.0 10 3 3.9 0.14?1.5 0.5?1.5 0.5?1.5 0.5?1.5 - 2.4 x 1.5 (a1) 1.5 14 iii/3 iii/2 ii/2 250 400 630 4.0 4.0 4.0 300 10 26?14 300 10 26?14 ordering data: page19 t echnical data / derating curves rated cross-section 1.5 mm 2 for the mounting of pcbs, it should be noted that the rated data given in the catalogue relate only to the connection elements. the necessary creepage and clearance paths must be observed in connection with the respective applicant in accordance to vde 0110. the current-carrying capacity is to be determined according to din iec 326 part 3. we idmueller connectors are tested according to the din vde 0627 standard, and are valid for its field of applications. provided that the connectors are used for the intended purpose, all requirements with respect to the occuring of electrical, mechanical, thermic and corrosive stress will be satisfied. ambient temperature t (?) current loading i (a) current loading i (a) lmzf 5.08/90/6 poles with conductor h07v-k1.5 mm 2 lmzf 5.08/180/24 poles with conductor h07v-k1.5 mm 2 ambient temperature t (?) derating curve with 0.8 x i derating curve with 0.8 x i basic curve basic curve
55 materials insulation material colour 1) te mperature range ? flammability class. ul94 contact base material contact plating system characteristic values pitch mm connection method solder pin length mm pcb hole diamter mm insulation stripping length mm clamping screw m insulation resistance m ? through resistance m ? to r que nm conductor size clamping range mm 2 ??solid h05(07) v-u mm 2 ? f flexible h05(07) v-k mm 2 ? f ? ith ferrule to din 46228/1 mm 2 ?with plastic collar to din 46228/4 mm 2 gauge to en 60999 mm (size) vde 0110 1.89 rated data rated cross-section to en 60999 mm 2 rated current 3) a overvoltage category / pollution severity rated voltage v impulse voltage kv ul rated data rated voltage, industrial v~ rated current a awg conductor (field wiring) csa rated data rated voltage, industrial v~ rated current a awg conductor (field wiring) application notes 1) additional colours on request 3) referred to 20? ambient temperature, rated cross-section and number of poles lm2nzf/lm3rzf 5.08 pa 66 orange -20?+100 v-2 cu-alloy tin-plated 5.08 tension clamp connection 3.5 1.3 +0.1 7.5 2.1 0.2?2.5 0.2?2.5 0.2?1.5 0.25?1.5 0.25?1.5 a1 2.5 12 iii/3 iii/2 ii/2 250 320 630 4.0 4.0 4.0 300 10 26?12 300 10 28?12 ordering data: page 20 lpzf 5.08 pa 66 black -20?+100 v-2 cusn tin-plated 5.08 tension clamp connection 3.2/4.5 1.3 +0.1 11.0 10 3 2.5 0.14?2.5 0.5?2.5 0.5?2.5 0.5?1.5 0.5?1.5 2.8 x 2.0 (a2) 2.5 16 iii/3 iii/2 ii/2 250 250 500 4.0 4.0 4.0 300 10 26?14 300 10 26?14 ordering data: page 20 t echnical data / derating curves rated cross-section 1.5 mm 2 for the mounting of pcbs, it should be noted that the rated data given in the catalogue relate only to the connection elements. the necessary creepage and clearance paths must be observed in connection with the respective applicant in accordance to vde 0110. the current-carrying capacity is to be determined according to din iec 326 part 3. we idmueller connectors are tested according to the din vde 0627 standard, and are valid for its field of applications. provided that the connectors are used for the intended purpose, all requirements with respect to the occuring of electrical, mechanical, thermic and corrosive stress will be satisfied. t echnical data derating curves ambient temperature ambient temperature ambient temperature current loading current loading current loading lpzf 5.08/2/180 3.2 bk with conductor h05v-k0.5 mm 2 lpzf 5.08/2/180 3.2 or with conductor h07v-k2.5 mm 2 lpzf 5.08/12/180 3.2 or with conductor h07v-k2.5 mm 2 derating curve with 0.8 x i derating curve with 0.8 x i derating curve with 0.8 x i basic curve basic curve basic curve
39 accessories selection matrix accessories marking led holders fuse and fixing cross- adaptor fixing systems and disconnect blocks connec- plates plates marker carrier elements tions rated pcb terminal page page page page page page page cross- 40-42 43 44 45-46 45 46 46 section accessories pm 5.08 ksw 4, ksw 2.5 mk 8 ksw 2.5 mk 7.5 ksw 2.5 lpa qb 1.5 mm 2 lm 3.5 all versions ksw 4, ksw 2.5 lm 5.00 all versions ksw 4, ksw 2.5 lm 5.08 all versions ksw 4, ksw 2.5 top1.5gs all versions ksw 2.5 top1.5gs bb lmzf 5.08 all versions ksw 2.5 lp 5.08/90 dek 5 lpa fa, lpa si, lpa tr lp bb lpa qb lpzp/90 lphp lpa fa bz , lpa bz lp 5.00/90 dek 5 lp bb lpzp/90 lp 7.50/90 dek 5 lp bb lpzp/90 lp 7.62/90 dek 5 lp bb lpzp/90 lphp lp 10.00/90 dek 5 lp bb lpzp/90 lp 15.00/90 dek 5 lp bb lpzp/90 lp2n 5.08 dek 5 lpa bz lp bb lpa qb lpzp1n lpzp2.54/90 lp2n dek 5 lp bb lpzp1n pitch 5.00, 7.50, 7.62 lpzp2.54/90 lp2h 5.08 dek 5 lpa bz lpa qb lp2hr 5.08 dek 5 lpa bz lpa qb 2.5 mm 2 lp3r 5.08 dek 5 lpa bz lp bb lpa qb lpp 5.08/90 dek 5 lpa fa, lpabz lpa si, lpa tr lp bb lpa qb lpzp/90 lpa fa bz lpp/90 dek 5 lpa bz lp bb lpzp/90 pitch 5.00, 7.50, 7.62 lp1n 5.08 dek 5 lpa bz lpa qb lpzp1n lp1n 5.00 dek 5 lp1h 5.08 dek 5 lpa bz lpa qb lp/135 all pitches dek 5 lpa qb 1) lpzp/135 lp/180 all pitches dek 5 lp bb lpa qb 1) lpzp/90 lpzf 5.08/180 ksw 2.5 lptr 5.08/1/90 dek 5 lp bb lpzp/90 4.0 mm 2 ll 9.5 ksw4, ksw 2.5 top4gs/90 all pitches s10 top4gs/180 all pitches s10 10.0 mm 2 lu/90 all pitches ksw4, ksw2.5, dek 5 gse 10 ksw4, ksw2.5, dek 5 25.0 mm 2 lx 15.00 ksw4, ksw2.5, dek 5 accessories lpa fa bz, lpa bz ws 10/5 a. ws 12/5 lpa si dek 5 lpa tr dek 5, ws 3 1) only pitch 5.08 mm
40 the dekafix marking system can be used with the lx 15.00 , lu 10.16 and gse 10 as well as with the system lp (with the exception of lpzf and its accessories). dekafix is supplied in packs of 10 cards with 50 tags per card. the standard colour is white with black text. horizontal printing ve rtical printing individual tag mounting strip mounting t echnical data material polyamide te mperature range -40? ?100? flammability class ul 94 v-2 components silicone-free halogens below limit of detection assembly strip or individual tag assembly depending on stackability of the terminals print standard or custom, print colour black smudge resistance smudge resistant to din iec 50 custom print from customers list or data exchange via disk or modem colour available in colours of the international resistance code max. digits dek 5 3 horizontal, 3 vertical up to 2.5 mm type size custom print (cat. no. with colour code for ordering !) colour cat. no. colour cat. no. colour cat. no. qty. 500 black 1609810000 yellow 0490791687 violet 0490791689 brown 1609810000 green 0490791688 grey 1609810000 red 0490791686 blue 1609810000 white 0490790000 orange 1609810000 neutral colour cat. no. colour cat. no. colour cat. no. qty. 500 black 0473391694 yellow 1609801687 violet 0473391689 brown 0473391692 green 0473391688 grey 0473391691 red 1609801686 blue 0473391693 white 0473360000 orange 0473391690 print cat. no. horizontal cat. no. vertical printing 50 digits in series 1 ?50 0473460001 0473560001 51 ?100 0473460051 0473560051 to the last 3 digits of the cat no. are the first printed number 951 ?999 0473460951 0473560951 printing 10 digits in series 1 ?10 0523060001 0460660001 11 ?20 0523060011 0460660011 bi s die letzten 3 zahlen der best.-nr zeigen die erste druckzahl 91 ?100 0523060091 0460660091 beschriftung einzelne zahlen 1 0522660001 - 2 0522660002 - to the last 3 digits of the cat no. are the first printed number 200 0522660200 - printing various symbols l1, l2, l3, n, pe 0354361187 - printing individual symbols plus symbol + 0576261198 - minus symbol - 0576261199 - pe - 0157261187 l1 0522361075 - l2 0522361076 - l3 0522361077 - earth symbol (ground) 0576261202 0157261202 earth symbol in circle 0576261203 0157261203 alternating current ~ 0576261215 - blank, white (card) - 1609801044 1609801044 custom print (please state print and direction with order) 0490760000 0490760000 coloured dekafix blank (please state colour with order) 0473390000 0473390000 coloured dekafix printed = custom print (please state colour and print with order) 0490790000 0490790000 ordering data (only horizontal) print cat. no. printing a 0522761021 individual letters b 0522761022 c 0522761023 d 0522761024 e 0522761025 f 0522761026 g 0522761027 h 0522761028 i 0522761029 j 0522761030 k 0522761031 l 0522761032 m 0522761033 n 0522761034 o 0522761035 p 0522761036 q 0522761037 r 0522761038 s 0522761039 t 0522761040 u 0522761041 v 0522761042 w 0522761043 x 0522761044 y 0522761045 z 0522761046 12345678910 11 12 13 14 15 16 17 18 19 2 0 12345678910 11 12 13 14 15 16 17 18 19 2 0 l1 l 2 l3 n pe l1 l 2l3 n pe 1111111111 a aaaaaaa + +++++++++ l1 l 1 l1 l1 l1 l1 l1 l1 l1 l1 dekafix system dek 5
41 the white ws 10/5 and ws 12/5 cards can be used everywhere where dek 5 is used - but giving increased marking requirements. they are also used to mark our lpa fa bz led holders and our lpa bz marker carriers. ordering data print type cat. no. neutral ws 10/5 1635000000 neutral ws 12/5 1609860000 custom print on request system ws 3 ws 10/5 and ws 12/5 cards accessories ws cards neutral the white ws 3 marker tags are used to mark lpa tr disconnect elements. each pack of ws 3 marker tags contains 20 stars with 10 tags each. ordering data print cat. no. individual letters a 1055761021 b 1055761022 c 1055761023 d 1055761024 e 1055761025 f 1055761026 g 1055761027 h 1055761028 i 1055761029 j 1055761030 k 1055761031 l 1055761032 m 1055761033 n 1055761034 o 1055761035 p 1055761036 q 1055761037 r 1055761038 s 1055761039 t 1055761040 u 1055761041 v 1055761042 w 1055761043 x 1055761044 y 1055761045 z 1055761046 neutral 1055560000 custom print on request consecutive numbers 0 ?9 1055860000 individual numbers 1 1055760001 2 1055760002 3 1055760003 4 1055760004 5 1055760005 6 1055760006 7 1055760007 8 1055760008 9 1055760009 0 1055761000 the s10 marking system can be used with top4gs. s 10 is supplied in packs of 100 strips with 10 tags per strip. the print is always horizontal. print cat. no. printing 10 digits each 0 ?9 0332400000 in series (sf 10) 1 ?10 0331500001 11 ?20 0331500011 printing individual digits 1 0332500001 (sg 10) 2 0332500002 3 0332500003 4 0332500004 5 0332500005 6 0332500006 7 0332500007 8 0332500008 9 0332500009 0 0332501000 neutral (so 10) 0332300000 custom print on request system s 10
42 permanent marker, black, waterproof, smudge resistant t ype cat. no. sti-s fine 0508401694 sti-f thick 1632480000 ordering data pitch mm type print strips per sheet cat. no. 5.00 ksw 2.5 16/5.00 1?6 20 1630070001 5.00 ksw 2.5 20/5.00 1?0 20 1630080001 5.00 ksw 2.5 20/5.00 21?0 20 1630080021 5.00 ksw 2.5 20/5.00 41?0 20 1630080041 5.00 ksw 2.5 20/5.00 61?0 20 1630080061 5.00 ksw 4 12/5.00 1?2 20 1630130001 5.00 ksw 4 12/5.00 13?4 20 1630130013 5.00 ksw 4 18/5.00 1?8 20 1630170001 5.08 ksw 2.5 10/5.08 1?0 20 1630020001 5.08 ksw 2.5 10/5.08 11?0 20 1630020011 5.08 ksw 2.5 15/5.08 1?50 20 1630050001 5.08 ksw 2.5 15/5.08 1?5 20 1630060001 5.08 ksw 2.5 15/5.08 151?00 20 1630050151 5.08 ksw 2.5 15/5.08 301?50 20 1630050301 5.08 ksw 2.5 8/5.08 1? 20 1630100001 5.08 ksw 2.5 8/5.08 9?6 20 1630100009 5.08 ksw 2.5 8/5.08 a? 20 1630101021 5.08 ksw 4 16/5.08 1?6 20 1630160001 5.08 ksw 4 16/5.08 17?2 20 1630160017 5.08 ksw 4 16/5.08 33?8 20 1630160033 5.08 ksw 4 16/5.08 49?4 20 1630160049 5.08 ksw 4 16/5.08 65?0 20 1630160065 5.08 ksw 4 16/5.08 81?6 20 1630160081 5.08 ksw 4 24/5.08 1?4 20 1630180001 5.08 ksw 4 8/5.08 1? 20 1630200001 5.08 ksw 4 16/5.08 25?2 20 1630200025 5.08 ksw 4 16/5.08 33?0 20 1630200033 5.08 ksw 4 16/5.08 41?8 20 1630200041 7.50 ksw 2.5 10/7.50 1?00 20 1630030001 7.50 ksw 2.5 10/7.50 1?0 20 1630040001 7.50 ksw 2.5 10/7.50 101?00 20 1630030101 7.50 ksw 2.5 10/7.50 201?00 20 1630030201 7.50 ksw 2.5 10/7.50 301?00 20 1630030301 7.50 ksw 2.5 10/7.50 401?00 20 1630030401 7.50 ksw 4 12/7.50 1?2 20 1630140001 7.50 ksw 4 12/7.50 13?4 20 1630140013 7.50 ksw 4 12/7.50 25?6 20 1630140025 7.50 ksw 4 12/7.50 37?8 20 1630140037 7.50 ksw 4 12/7.50 49?0 20 1630140049 7.62 ksw 4 12/7.62 1?2 20 1652270001 7.62 ksw 4 12/7.62 13?4 20 1652270013 9.52 on request 10.16 ksw 2.5 4/10.16 1? 20 1630090001 15.00 on request the white self-adhesive ksw marking strips are available in 2 widths: ksw 4 wi dth (mm) pitch also suitable for 4.0 3.50 mm 5.08 mm 5.00 mm 7.50 mm 7.62 mm 10.16 mm ksw 4 can be used with the systems pm 5.08 , lm 3.5 , lm 5.00 / 5.08 , lu 10.16, ll 9.5 and lx 15.00 . ksw 2.5 wi dth (mm) pitch also suitable for 2.5 3.50 mm 5.08 mm 5.00 mm 7.50 mm ksw 2.5 can be used with mk 8 , mk 7.5 , lpzf 5.08 , system lmzf 5.08 , top 1.5 gs, lx 15.00, and of course everywhere where ksw 4 can be used. direct printing apart from the standard print, we can also offer custom printing for all pitches. pitch type length print cat. no. mm mm all ksw 2.5 <50 custom print 1629900000 all ksw 2.5 <100 custom print 1629920000 all ksw 2.5 <150 custom print 1629940000 all ksw 4 <50 custom print 1629910000 all ksw 4 <100 custom print 1629930000 all ksw 4 <150 custom print 1629950000 all ksw 2.5 <50 neutral 1629560000 all ksw 2.5 <100 neutral 1629980000 all ksw 2.5 <150 neutral 1630000000 all ksw 4 <50 neutral 1629970000 all ksw 4 <100 neutral 1629990000 all ksw 4 <150 neutral 1630010000 t echnical data ksw material polyester with smooth surface adhesive on acrylate basis adhesive strength (strip width 25 mm) din 51221 on steel: 19n, polypropylene: 12 n, polyethylene: 10 n te mperature range -40? to +150? min. temperature for adhesion + 4? flammability self-extinguishing within 15 seconds; does not drip ordering example cat. no. 163006 001 ksw 2.5 15/5.08 w 1?5 print print runs horizontal 5.08 mm pitch 15 poles 2.5 mm strip width example for top 1.5 gs with ksw 2.5 marking strips ksw sti marking pen
45 to displace the tension clamp you do not need a special tool. the channel on the pcb terminal will take a standard screwdriver 0.6 x 3.5 x 100 according to din 5264-a with a flat blade. bestelldaten t ype can be used for cat. no. qty. sd 0.6 x 3.5 x 100 all lmzf 5.08 9008330000 10 and lpzf 5.08 ordering data t ype clamping screw pr oduct cat. no. sdi m2 lm3.5 9008370000 0.4 x 2.5 x 75 sd m2.5 lm 5.0x 9008330000 0.6 x 3.5 x 100 top1.5gs lmt 5.08 pm 5.08 mk 8 mk 7.5 sd m3 system lp 9008400000 0.8 x 4.0 x 100 top4gs sdi m4 lu 10.16 9008420000 1.2 x 6.5 x 150 gse 10 sd m5 lx 15.00 9008350000 1.0 x 5.5 x 125 the cross-connection combs permit post-assembly potential distribution across several poles and eliminates the need for time-consuming bridging. the use of cross-connection combs reduces the possible cable size to the next lowest wire gauge. cross-connections are available for various pitches and poles. pole numbers and pitches not available can be made directly by the customer by snipping off excess cross- connections from the comb using a suitable tool. for modular assembly of the top1.5gs pcb terminals there is a fixing set available for the pcb. this set consists of a plastic block and the appropriate self-tapping screw (2.9 x 19 mm). it can be used with both the 90 and the 180 versions. w eidmueller supplies a comprehensive range of ferrules, including for example twin ferrules for attaching two wires to one cable entry. for more information also ask for our sectional catalogue ?ools ( cat. no. 5629030000) , or consult your nearest we idmueller sales engineer or representative. they will be only too pleased to assist. 8 2.5 0.6 2.2 5.08 + 0.03 l+8 15.5 2.1+(n-1)xr r=raster r 7.75 screwdriver cross-connections fixing block for tops insertion tool ferrules / tools spring displacement tool for tension clamp pcb terminals ordering data poles pitch type cat. no. qty. 2 5.08 mm lpa qb2 1472200000 50 3 5.08 mm lpa qb3 1472300000 50 4 5.08 mm lpa qb4 1472400000 50 10 5.08 mm lpa qb10 1472500000 20 17 5.08 mm lpa qb17 1584770000 20 24 5.08 mm lpa qb24 1472600000 20 ordering data t ype cat. no. qty. top1.5gs bb or 1539860000 20 sd sdi accessories sd 0.6 x 3.5 x 100 (din 5264-a)


▲Up To Search▲   

 
Price & Availability of 1722480000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X